|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THREE - WAY OCTAVE-BAND ISOLATED POWER DIVIDERS / COMBINERS TYPICAL SPECIFICATIONS PART # PD8310-3M 2.0" X 2.5" X 0.57" FREQ RANGE GHz 1.0 - 2.0 1.5 - 3.0 2.0 - 4.0 4.0 - 8.0 LOSS (MAX.) dB 0.6 0.7 0.8 0.8 VSWR (MAX.) 1.5:1 1.5:1 1.6:1 1.6:1 ISOLATION 20 dB 20 dB 20 dB 20 dB PD8311-3M 2.0" X 2.5" X 0.57" PD8312-3M 2.0" X 1.5" X 0.57" PD8314-3M 2.0" X 1.5" X 0.57" .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. . .. .. .. .. .. .. .. .. .. .. .. DESCRIPTION .. .. These power dividers provide .. .. broadband performance and .. excellent stability. Phase and .. .. amplitude balance is 3, .. .. .3 dB. Power handling is .. 2 Watts average, 1 kW peak .. .. for load VSWRs up to 1.5:1. .. Standard units use SMA ( F ) .. .. connectors. Narrower band .. .. units can be provided with .. improved performance. .. .. Operating temperature is .. .. from -55 to + 85 C. .. Higher power units available .. .. on request. .. .. .. APPLICATIONS .. .. .. Beam forming networks .. .. for antenna arrays .. Local oscillator distri.. .. bution networks .. Combining circuits for .. .. multiple signal sources .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. . |
Price & Availability of PD8314-3M |