Part Number Hot Search : 
SZ155B MPSA42 SI4435 C480X M050B 278R51 HN1J02FU 10R2FKE
Product Description
Full Text Search
 

To Download PBC-CA0112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Polarization Beam Combiners PBC Series
Key Features
* Very low insertion loss * Broadband (30 nm) * Low wavelength dependent loss * Low temperature dependent loss * High power handling
Applications
* Raman amplifiers * High power EDFA * Optical transmission systems * Test and measurement
The polarization beam combiner is a compact, high-performance micro-optic based polarization maintaining component. It normally functions as a combiner that combines two orthogonal polarized optical signals into one output fiber. The polarization beam combiner has a high extinction ratio with low excess loss over a wide operating temperature and wavelength range. The polarization beam combiner can also be used as beam splitter.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
POLARIZATION BEAM COMBINERS
2
Dimensions Diagram (Specifications in mm unless otherwise noted.)
O 5.5 1 3 2 32
Specifications
Parameter Center wavelength c Wavelength range Insertion loss Temperature dependent loss Directivity Polarization extinction ratio Optical return loss Operating temperature Storage temperature Input optical power Tensile load Dimensions (D x L) Pigtail color code
Premium
A Grade
Maximum Maximum Minimum Minimum Minimum
Maximum Maximum
1420 nm, 1450 nm, 1480 nm and 1550 nm c30 nm 0.5 dB 0.1 dB 55 dB 20 dB 18 dB 50 dB 0 to 70 C -40 to 85 C 1000 mW 5N 5.5 x 32 mm Port 1: black, Port 2: clear, Port 3: clear
Note: Parameters are specified for the signal wavelength range and operating temperature range without connector unless otherwise stated. The direction of linear polarization is aligned with slow axis of the PM fiber in ports 1 and 2.
POLARIZATION BEAM COMBINERS
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: PBC-CP0711000
PBCCode C 3 4 6 Wavelength 1550 nm 1480 nm 1450 nm 1420 nm
0
Code 1 7 Fiber Type (Ports 1 and 2) SMF-28, 250 m bare fiber1 400 m Fujikura Panda PM fiber Code 1 2 Fiber Length 1 meter 2 meters Code 0 2 3 4 5 Connector2 (Port 2) No connector FC/SPC FC/APC SC/SPC SC/APC
Code P A
Grade Premium A Grade
Code 1 3 4 5
Fiber Type (Port 3) SMF-28, 250 m bare fiber1 400 m Fujikura Panda PM fiber, slow axis 45 400 m Fujikura Panda PM fiber, slow axis aligned with port 1 400 m Fujikura Panda PM fiber, slow axis aligned with port 2
Code 0 2 3 4 5
Connector2 (Port 1) No connector FC/SPC FC/APC SC/SPC SC/APC
Code 0 2 3 4 5
Connector2 (Port 3) No connector FC/SPC FC/APC SC/SPC SC/APC
1. Connectors not available on 250 m fiber. 2. Insertion loss, extinction ratio, and return loss depend on connector type.
SMF-28 is a registered trademark of Corning Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2005 JDS Uniphase Corporation. All rights reserved. 10113911 Rev. 003 10/05 PBC.DS.CC.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of PBC-CA0112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X