Part Number Hot Search : 
IP117AR SMHP500F G697L263 SQD45P03 MBRF1050 SD104 OPB841W SM230
Product Description
Full Text Search
 

To Download OX-0600-BET-108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OX-060
Oven Controlled Crystal Oscillator
OX-060
Features
* * * * * Very High Stability Low Aging SC-Cut Crystal Standard Frequency Range: 4 MHZ to 15 MHZ Previous Model: C4650, 4884 * * * * Base Stations Test Equipment Synthesizers Digital Switching
Applications
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C) Initial Tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / 1 year vs. aging / year (following years) Warm-up Time
Min
-10 -7 -5 -250 -1.0 -1.0 -0.5 -50 -30
Typ
Max
+10 +7 +5 +250 +1.0 +1.0 +0.5 +50 +30 10
Units
1
Condition
-40... +70C -20... +70C 0... +70C at time of shipment, nominal EFC Vs 5% Load 5% after 72 hours of operation after 72 hours of operation to 10ppb of nal frequency (1 hour reading) @ +25C
Frequency Stabilities
ppb ppb ppb ppb ppb ppb ppb ppb ppb minutes
Supply Voltage (Vs)
Supply voltage (Standard) Supply voltage (Option) Power consumption 11.4 14.25 12.0 15.0 12.6 15.75 6.0 1.5 VDC VDC Watts Watts during warm-up steady state @ +25C
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter Min Typ Max RF Output
Signal (standard) Load Signal Level (Vol) Signal Level (Voh) Duty cycle Signal (Option) Load Output Power Harmonics +5.0 4.5 40 50 +7.0 +9.0 -30 60 Sinewave ohm dBm dBc 50 ohm load 50 ohm load 15 0.5 HCMOS pF V V % with 15pF load with 15pF load @ (Voh-Vol)/2
Units
Condition
Frequency Tuning (EFC)
Tuning Range Linearity Tuning Slope Control Voltage Range 0.0 2.5 0.3 0.6 1.0 20 Positive 5.0 VDC ppm %
Additional Parameters1
Reference Voltage Phase Noise (@ 10 MHz)
3
4.7
4.9
5.1 -95 -125 -145 -150 -155 53.0
VDC dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g Handling & processing note 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz
Weight Processing & Packing Supply voltage (Vs) Output Load Operable temperature range Storage temperature range -55 -55
Absolute Maximum Ratings
28.0 50 25 +85 +125 V pF ohm C C with HCMOS signal with Sinewave signal
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in mm
Type A
Code 0 Height "H" 25.4 Pin Length "L" 6.40
Pin Connections
1 2 3 4 5 Ground (Case) Electronic Frequency Control Input(EFC) Reference Voltage Output Supply Voltage Input (Vs) RF Output
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
OX - 060 0 - B A T - 108
Product Family OX: OCXO Package 41 x 50 mm Height 0: A25.4mm Supply Voltage A: 15 Vdc B: 12 Vdc RF Output Code A: HCMOS E: Sinewave
0 - 10M0000000
Frequency Option 0: No Option
Stability Code 108: 10ppb 709: 7ppb 509: 5ppb
Temperature Range D: -40C to +70C J: -20C to +70C T: 0C to +70C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2/23/2009 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of OX-0600-BET-108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X