Part Number Hot Search : 
1R1001 KIC9482F ADC124 T114038 04TR68 EPM7128A MAX739 40406
Product Description
Full Text Search
 

To Download OX-0416-AAD-108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OX-041
Oven Controlled Crystal Oscillator
OX-041
Features
* Low Phase Noise * High Stability * SC-Cut Crystal Standard * Frequency Range: 5 MHZ to 20 MHZ * Previous Model: C4710, CO-724, CO-725, 6012, MC886 series, CO-714, CO-717 * * * *
Applications
Test Equipment Frequency Synthesizers Position Location Satellite Communications
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C)
Min
-30 -25 -20 -10 -100 -2.0 -2.0 -1.0 -100 -50
Typ
Max
+30 +25 +20 +10 +100 +2.0 +2.0 +1.0 +100 +50 5
Units
1
Condition
-40... +85C -40... +70C -20... +70C 0... +70C at time of shipment, nominal EFC Vs 5% Load 5% after 72 hours of operation after 72 hours of operation to 10ppb of nal frequency (1 hour reading) @ +25C
Frequency Stabilities
ppb ppb ppb ppb ppb ppb ppb ppb ppb ppb minutes
Initial Tolerance vs. supply voltage change vs. load change vs. aging / daily vs. aging / 1 year vs. aging / year (following years) Warm-up Time
Supply Voltage (Vs)
Supply voltage (Standard) Supply voltage (Option) Oscillator Power Consumption Oven Power Consumption 11.4 14.25 12.0 15.0 12.6 15.75 0.5 6.0 2.0 VDC VDC Watts Watts Watts during warm-up steady state @ +25C
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Signal (Standard) Load Output Power Harmonics Duty cycle Signal (Option) Load Signal Level (Vol) Signal Level (Voh) Duty cycle +4.5 45 55 15 +0.5 40 +3.0
Min
Typ
Max RF Output
Units
Condition
Sinewave 50 +5.5 +8.0 -30 60 HCMOS pF VDC VDC % @ (Voh-Vol)/2 ohm dBm dBc % 50 ohm load 50 ohm load
Frequency Tuning (EFC)
Tuning Range Linearity Tuning Slope Control Voltage Range 0.0 2.5 0.75 1.25 2.0 20 Positive 5.0 VDC ppm %
Additional Parameters1
Reference Voltage Phase Noise (Standard) @10 MHZ
3
4.9
5.0
5.1 -80 -120 -140 -145 -150 -95 -125 -150 -160 -165 100
VDC dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g Handling & processing note 1 Hz 10 Hz 100 Hz 1 KHz 10 KHz 1 Hz 10 Hz 100 Hz 1 KHz 10 KHz
Phase Noise3 (Option) @ 10 MHZ
Weight Processing & Packing Supply voltage (Vs) Output Load Operable temperature range Storage temperature range -55 -55
Absolute Maximum Ratings
28 50 25 +85 +125 V pF ohm C C with HCMOS signal with Sinewave signal
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in [mm] inches
Type A
Code 0 1 Height "H" 26.42 20.00 Pin Length "L" 6.35 6.35
Pin Connections
1 2 3 4 5 6 7 Oven Return Oscillator Supply Electronic Frequency Control (EFC) Oven Supply RF Output Oscillator and Case Ground Ground (Case)
Dimensions in [mm] inches
Type B
Code 2 3 Height "H" 26.42 20.00 Pin Length "L" 6.35 6.35
Pin Connections
1 2 3 4 5 Electronic Frequency Control (EFC) Reference Voltage Output RF Output Ground (Case) Supply Voltage Input (Vs)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in [mm] inches
Type C
Code 4 5 6 Height "H" 26.42 20.00 25.40 Pin Length "L" 6.35 6.35 6.35
Pin Connections
1 2 3 4 5 Electronic Frequency Control (EFC) Reference Voltage Output RF Output Ground (Case) Supply Voltage Input (Vs)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
OX - 041 0 - B A T-108
Product Family OX: OCXO Package 50 x 50 mm Height 0: A26.42mm 1: A20.00mm 2: B26.42mm 3: B20.00mm 4: C26.42mm 5: C20.00mm 6: C25.40mm Supply Voltage A: 15 Vdc B: 12 Vdc
0 - 10M0000000
Frequency Phase Noise Option 0: Standard 1: Option
Temperature Range / Stability Code E-308: -40C to +85C, 30ppb D-258: -40C to +70C, 25ppb J-208: -20C to +70C, 20ppb T-108: 0C to +70C, 10ppb
RF Output Code A: HCMOS E: Sinewave
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 3/24/2009 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of OX-0416-AAD-108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X