Part Number Hot Search : 
B5NC90Z CM6807CR FST16244 HC1G14 364084 128AXC P6KE1 TGA45
Product Description
Full Text Search
 

To Download OAC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIBER
Electronics Inc. PART NUMBERING GUIDE
Package OAC = 14 Pin Dip / 5.0Vdc / HCMOS-TTL OBC = 8 Pin Dip / 5.0Vdc / HCMOS-TTL
Lead-Free RoHS Compliant
OAC, OBC Series
HCMOS/TTL Low Power Oscillator
Environmental/Mechanical Specifications on page F5
OAC 100 48 A T - 14.000MHz
Pin One Connection Blank = No Connect, T = Tri State Enable High Output Symmetry Blank = 40/60%, A = 45/55% Inclusive Stability 100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm25= +/-25ppm, 20= +/-20ppm, 15= +/-15ppm, 10= 10ppm Operating Temperature Range Blank = 0C to 70C, 27 = -20C to 70C, 48 = -40C to 85C
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage Input Current 3.579545MHz to 5.000MHz 5.001MHz to 9.000MHz 9.001MHz to 14.31818MHz
Revision: 1997-A
3.579545MHz to 14.31818MHz 0C to 70C / -40C to 85C -55C to 125C 5.0Vdc 10%, 3.3Vdc 10% 1mA Maximum 1.5mA Maximum 2.0mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply 100ppm, 50ppm, 30ppm, 25ppm, 20ppm, 15ppm or 10ppm (20, 15, 10 = 0C to 70C Only) Voltage and Load w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load 0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% @1.4Vdc w/TTL Load; @50% w/HCMOS Load @1.4Vdc w/TTL Load or w/HCMOS Load 2.4Vdc Minimum Vdd -0.5Vdc Minimum 0.4Vdc Maximum 0.5Vdc Maximum 15nSeconds Maximum 50 10% (Standard) 505% (Optional) 15pF CMOS Load Maximum
Output Voltage Logic High (Voh) Output Voltage Logic Low (Vol) Rise Time / Fall Time Duty Cycle
Load Drive Capability
Pin 1 Tristate Input Voltage
No Connection VIH VIL
Enables Output +2.2Vdc Minimum to Enable Output +0.8Vdc Maximum to Disable Output 5ppm / year Maximum 10mSeconds Maximum 100pSeconds Maximum 25pSeconds Maximum
Aging (@ 25C) Start Up Time Absolute Clock Jitter One Sigma Clock Jitter
MECHANICAL DIMENSIONS
13.2
MAX
Marking Guide on page F3-F4
13.2 0.9
MAX MAX
7.620
.203
7.620
0.203
5.08
MIN
20.8
MAX
15.240 14 1 0.203 8 7
0.457
0.1 (X4)
13.2
MAX
7.620
0.203
8 5
1 4
0.45701
(X4)
5.08
0.8 0.1
14 Pin Full Size
All Dimensions in mm. Pin 1: No Connect or Tri-State Pin 7: Case Ground
MAX Insulated Standoffs (Glass)
8 Pin Half Size
Insulated Standoffs All Dimensions in mm. Pin 1: No Connect or Tri-State Pin 4: Case Ground
(X3)
5.08
MIN
5.6
MAX
Pin 8: Output Pin 14: Supply Voltage
Pin 5: Output Pin 8: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of OAC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X