Part Number Hot Search : 
111GFS MAX2388 MT328230 0000T MC13211 L7812ABV MT328230 T1200
Product Description
Full Text Search
 

To Download MWDL-25P-8K2-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D Plastic
Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
Micro-D Pre-Wired Pigtails - These connectors feature gold plated TwistPin contacts and mil spec crimp termination. High temperature liquid crystal polymer (LCP) housings are 30% glass-filled. Choose the Wire Type and Size To Fit Your Application - If on-hand availability is most important, choose #26 AWG Type K mil spec Teflon(R) wire. MWD Low-Profile Plastic Micro-D's are non-environmental and are smaller and lighter weight than metal shell versions.
A B C D E F G H J K L
B P MWDL - 25 S -4
Series MWDL
MWD Series ("L" designates LCP thermoplastic housing)
HOW TO ORDER MWD PLASTIC SHELL PRE-WIRED MICRO-D CONNECTORS
Contact Layout 9 15 21 25 31 37 51 Contact Type P - Pin S - Socket Wire Gage (AWG) 4 6 8 0
- - - - #24 #26 #28 #30
Wire Type K - M22759/11
600 Vrms Teflon(R) (TFE)
Wire Color 1 - White 2 - Yellow 5 - Color-Coded Stripes
Per MIL-STD-681
Wire Length Inches 18
Hardware B P M M1 S S1
Wire Length In Inches.
J - M22759/33
"18" Specifies 18 Inches.
600 Vrms Modified CrossLinked Tefzel(R) (ETFE) 600 VrmsType E M16878/4 (TFE) (replaced by M22759/11 for mil spec applications)
7 - Ten Color Repeating
E - NEMA HP3-EB
Sample Part Number K 7 - 18 B
MICRO-D MOUNTING HARDWARE
M M1 S S1
M N P
Thru-Hole Jackpost Jackscrew
Hex Head Removable E-ring
Order Hardware Separately
Removable Includes Nut and Washer
Jackscrew
Hex Head Removable E-ring Extended
Jackscrew
Slot Head Removable E-ring
Jackscrew
Slot Head Removable E-ring Extended
(c) 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC.
www.glenair.com
* 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
K-4
Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
PERFORMANCE SPECIFICATIONS
Current Rating DWV Insulation Resistance Contact Resistance Operating Temperature Shock, Vibration Mating Force 3 AMP 600 VAC Sea level 5000 Megohms Minimum 8 Milliohms Maximum -55 C. to +150 C. 50 g., 20g. (10 Ounces) X (# of Contacts)
MATERIALS AND FINISHES
Connector Shell Insulator Interfacial Seal Pin Contact Socket Contact Hardware Encapsulant Liquid Crystal Polymer (LCP) Liquid Crystal Polymer (LCP) Flourosilicone Rubber, Blue Beryllium Copper Gold over Nickel Plating Copper Alloy Gold Over Nickel Plating 300 Series Stainless Steel Epoxy Resin Hysol EE4215
A B C D
J PIN CONNECTOR
LENGTH + 1.0/-0.0 (+25.4/-0.0) H
.096/.088 (2.43/2.23) DIA. .100/.088 (2.54/2.24) E F
D
LENGTH + 1.0/-0.0 (+25.4/-0.0) H
SOCKET CONNECTOR
G
MICRO-D PLASTIC SHELL INSULATED WIRE PIGTAIL DIMENSIONS
A Max. In . Layout 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S In.
.785 .785 .935 .935 1.080 1.080 1.185 1.185 1.335 1.335 1.485 1.485 1.435 1.435
B mm.
0.08 14.35 14.35 18.16 18.16 21.97 21.97 24.51 24.51 28.32 28.32 32.13 32.13 30.86 30.86 .003 .565 .565 .715 .715 .865 .865 .965 .965 1.115 1.115 1.265 1.265 1.215 1.215
C Max. In.
.292 .380 .442 .530 .592 .680 .692 .780 .842 .930 .992 1.080 .942 1.030
D Max. In.
.218 .218 .218 .218 .218 .218 .218 .218 .218 .218 .218 .218 .260 .260
E Max. In.
.202 .185 .202 .185 .202 .185 .202 .185 .202 .185 .202 .185 .202 .185
F Max. In.
.395 .375 .395 .375 .395 .375 .395 .375 .395 .375 .395 .375 .395 .375
G Max. In.
.408 .408 .558 .558 .708 .708 .808 .808 .958 .958 1.108 1.108 1.058 1.058
H Max. In.
.173 .173 .173 .173 .173 .173 .173 .173 .173 .173 .173 .173 .220 .220
J Max. In.
.139 .139 .139 .139 .139 .139 .182
K
mm.
19.94 19.94 23.75 23.75 27.43 27.43 30.01 30.01 33.91 33.91 37.72 37.72 36.45 36.45
mm.
7.42 9.65 11.23 13.46 15.04 17.27 17.58 19.81 21.39 23.62 25.20 27.43 23.93 26.16
mm.
5.54 5.54 5.54 5.54 5.54 5.54 5.54 5.54 5.54 5.54 5.54 5.54 6.60 6.60
mm.
5.13 4.70 5.13 4.70 5.13 4.70 5.13 4.70 5.13 4.70 5.13 4.70 5.13 4.70
mm.
10.03 9.53 10.03 9.53 10.03 9.53 10.03 9.53 10.03 9.53 10.03 9.53 10.03 9.53
mm.
10.36 10.36 14.17 14.17 17.98 17.98 20.52 20.52 24.33 24.33 28.14 28.14 26.87 26.87
mm.
4.39 4.39 4.39 4.39 4.39 4.39 4.39 4.39 4.39 4.39 4.39 4.39 5.59 5.59
mm.
3.53 3.53 3.53 3.53 3.53 3.53 4.62
(c) 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
www.glenair.com
* 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
K-5
E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of MWDL-25P-8K2-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X