Part Number Hot Search : 
HIP9011 M38503 57840 002FT 2SC2791 H78L24 ZMY20MTA 1E106
Product Description
Full Text Search
 

To Download MVOA1310T003111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini Mechanical Variable Optical Attenuator Through Type (MVOA-T3)
MVOA-T3 Series
Product Description
Oplink's Mini Manual Variable Optical Attenuator (MVOA-T3) uses a neutral density filter to attenuate light. It features high resolution, a wide dynamic range, and convenient manual adjustment. It has low insertion loss, low wavelength dependent loss, and low polarization dependent loss. It is designed for pre-emphasis attenuation, detector saturation control, in-line power equalization and amplifier power control. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Performance Specificationns
Parameter Single Window Dual Window Unit
Features
Low Insertion Loss Wide Attenuation Range Low Back Reflection Dual Windows Low Wavelength and Polarization Dependent Loss (WDL / PDL)
Operating Wavelength Range Excess Insertion Loss Attenuation Range Wavelength Dependent Loss Temperature Dependent Loss Polarization Dependent Loss Resolution Return Loss
[1] [1]
131020 or 155050 0.6 0.6 ~ 30 0.20
131020 and 155050 1.0 1.0 ~ 30 0.30
nm dB dB dB dB dB dB dB mW C C mm
0.20 0.15 0.10 45 300 0 to +70 -40 to +85 Corning SMF-28 60.0 (L) x 16.0 (W) x 8.0 (H)
Applications
Operating Power Operating Temperature Range Storage Temperature Range Fiber Type Package Dimensions (P3)
In-line Power Control in Multi-channel Optically Amplified System Transmitter Power Equalization Laboratory R&D
Notes: 1) Not include connector RL 2) The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified.
R05.20081015
Mini Mechanical Variable Optical Attenuator Through Type
MVOA-T3 Series
Mechanical Drawing / Package Dimensions (dimension in mm) P3 (Mini) Package:
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MVOA
T
0
0
3
Operating Wavelength
1310nm = 1310 1550nm = 1550 1310/1550nm = DUAL
Through Type
Package Type
P3 = 3 (mini)
Fiber Length
0.5 meter= H 1.0 meter= 1 1.5 meter= 5 2.0 meter= 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Fiber Type
SMF-28 w/ 250m bare fiber = 1 SMF-28 w/ 900m loose tube = 2 2mm cable = 3
* The tolerance of fiber length is +/-0.1m. * 1 meter is standard. The lead time for special fiber length will be longer.
R05.20081015
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MVOA1310T003111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X