|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Protective Covers MS27510 and MS27511 Protective Covers MIL-C-38999 Series II MS27510 B 18 C L Basic Part No. MS27510 = Plug Cover MS27511 = Receptacle Cover Finish A = Gold Iridite Over Cadmium Over Nickel B = 500 Hour Cadmium Olive Drab C = Anodize F = Electroless Nickel Shell Size Length (Omit for Standard) L = 5-inch chain in lieu of standard length. Leave blank for standard length. Applicable to chain only. Not applicable to style R M = 6.0 (127.0) MS27510 Only N = 7.0 (177.8) MS27510 Only Attachment Style C = Chain N = With chain and ring (MS27511 Only) R = Rope (MS27511 Only) A = Without chain or rope .570 (14.5) Max Gasket G J .570 (14.5) Max Gasket Attachment Style C .167 (4.2) Dia H J Attachment Style C .167 (4.2) Dia MS27510 Plug Cover K MS27511 Receptacle Cover MS27511 Attachment Type N TABLE I Shell Size 8 10 12 14 16 18 20 22 24 G Dia Max .720 (18.3) .850 (21.6) 1.000 (25.4) 1.130 (28.7) 1.250 (31.8) 1.380 (35.1) 1.500 (38.1) 1.630 (41.4) 1.750 (44.5) H Dia Max .630 (16.0) .761 (19.3) .936 (23.8) 1.074 (27.3) 1.172 (29.8) 1.304 (33.1) 1.435 (36.4) 1.560 (39.6) 1.688 (42.9) J Nom Length 3.00 (76.2) 3.00 (76.2) 3.00 (76.2) 3.50 (88.9) 3.50 (88.9) 3.50 (88.9) 4.00 (101.6) 4.00 (101.6) 4.00 (101.6) K Dia Min .890 (22.6) 1.010 (25.7) 1.140 (29.0) 1.260 (32.0) 1.390 (35.3) 1.510 (38.4) 1.640 (41.7) 1.760 (44.7) 1.890 (48.0) 1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 66-6 66 O Protective Covers.p65 6 5/22/2008, 1:44 PM |
Price & Availability of MS27511F20A |