Part Number Hot Search : 
PT78N 0060C ISPLSI MM74H 1206L020 APT15 FM206 TS30012
Product Description
Full Text Search
 

To Download MQPI-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
(R)
MQPI-18
Typical Applications
* Military mobile and fixed communications * Radar and Targeting * Missile and Launch systems * Airborne flight management systems
28 Volt Input, 7 Amp MIL COTS EMI Filter for V*I Chips
Description
The MQPI-18 attenuates conducted common-mode (CM) and differential mode (DM) noise for 28 V input MIL PRMs to comply with MIL-461E EMI requirements for conducted noise measurements. The filter operates within the full input operating range of a 28 V MIL PRM and supports 7 A loads up to 60C without derating.
Assembly process compatibility
* Intended for Pb solder SMT assembly * Compatible with typical aqueous cleaning processes (open-frame only) * Compatible with most conformal coating compounds [after reflow] (open frame only).
Features
* 28 V input, compatible with MIL PRM * MIL-STD-461E compliant* CE101, CE102, CS101, CS114, C5115, and CS116 * 100 Vdc surge, 100 ms * 1,500 Vdc hi-pot hold off to shield plane * 7 A rating * Efficiency >99% * Low profile LGA package * -55C to 100C operation (PCB Temp.) * Pb solder construction
*When combined with MP028 PRMs, and MV036 VTMs
12.9 x 25.3 x 5 mm Weight = 2.4 grams
Cy1
Bus+
Cbus
Bus+ Out+
Vi+
Cin
Vo+
Vi+
Vo+
Load
MQPI-18 QPI-12
Bus- Out- Shield
PRM
Vi- Vo-
VTM
Vi- Vo-
Bus- Shield
Cy2
Cin: Recommended input capacitance per V*I Chip requirement. Cy1 & Cy2: 4.7 nF, or recommended per V*I Chip requirement. Cbus: 47 uF, 50 V electrolytic in parallel with 2.2 F, 100 V ceramic.
Figure 1 - MQPI-18 Typical application schematic
Figure 2 - MIL-STD-461, CE102 compliance with MQPI-18 using 28 V input MIL PRM and 12 V output MIL VTM
Picor Corporation * www.picorpower.com
MQPI-18 Data Sheet Rev. 1.0 Page 1 of 2
PRELIMINARY
Absolute Maximum Ratings - Exceeding these parameters may result in permanent damage to the product.
Pins Bus+ to Bus- Bus+ to Bus- BUS+ / BUS- to shield plane QPI+ to QPI- Package Package Package Package Package Package All Pins Parameter Input voltage Input voltage BUS inputs to shield hipot Input to output current Power dissipation Operating temperature Thermal resistance Thermal resistance Storage temperature Peak reflow temperature ESD 20 s exposure HBM -2 Continuous @ 25C @ 25C PCB to filter interface Free air PCB
(1)
Notes Continuous 100 ms transient
Min -80 -100 -1500
Max 80 100 1500 7 1.50
Units Vdc Vdc Vdc Adc W C C/W C/W C C kV
-55
100 75 30
-65
125 225 +2
Note 1: PCB layout guidelines will be available in final version of this data sheet.
Electrical Characteristics - Parameter limits apply over the operating PCB temperature range unless otherwise noted
Parameter Bus+ to Bus- input range Bus+ to Out+ voltage drop Bus- to Out- voltage drop Common mode attenuation Differential mode attenuation Input bias current at 80 V
Note 2: Derating curve TBD.
Notes Measured at 7 A Measured at 7 A
(2) (2)
Min
Typ 110 110 45 75
Max 80
Units Vdc mVdc mVdc dB dB
Measured at 7 A
VBUS = 28 V Frequency = 1.0 MHz@25C VBUS = 28 V Frequency = 1.0 MHz@25C Input current from Bus+ to Bus-
10
A
Pad Description
Pin Number 8, 9 1, 10 6, 7 4, 5 2, 3 Name Bus + Bus - Out + Out - Shield Description Positive bus potential Negative bus potential Positive input to the converter Negative input to the converter Shield connects to system chassis or safety ground.
Ordering Information
Part Number MQPI-18LP MQPI-18LP-01 Description LGA, Pb solder, lidded package LGA, Pb solder, open-frame package
Package Outline Drawing (lidded version)
Top View
0.232" [5.89mm] 0.057" [1.45mm] 0.996"[25.28mm]
6 7 8 9
Bottom View
0.400" [10.16mm] 0.232" [5.89mm] 0.057" [1.45mm] 0.096" [2.44mm] 0.0900"[2.286mm]
0.508"[12.90mm]
5 4 3 2 1 10
0.200" [5.08mm] 0.132" [3.35mm]
0.1100"[2.794mm] Pad Detail: 10 Places (Dimensions indicate finished soldermask pad openings)
Pin 1
0.196"[4.98mm]
0.15 [0.006]
0.200" [5.08mm] 0.200" [5.08mm] 0.200" [5.08mm]
0.060" [1.52mm] 0.190"[4.826mm]
NOTES: 1. Demensions are all in inches [MM]. 2. Top & Bottom Package Planarity:0.15 [0.006]
Picor Corporation * www.picorpower.com
MQPI-18 Data Sheet Rev. 1.0
11-08
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of MQPI-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X