Part Number Hot Search : 
102M1 8C110JDG OP123 MAX954 JANTXV ISL64 C700019 NGBAN
Product Description
Full Text Search
 

To Download MBR30150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3035PT - MBR30150PT
30.0 AMPS. Schottky Barrier Rectifiers TO-3P/TO-247AD
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds,0.17"(4.3mm)from case
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10 in. - lbs. max Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Rating at C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR Type Number
3035 PT 3045 PT
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (SEE F1G. 1) Peak Repetitive Forward Current (Rated V R, Square Wave, 20KHz) at Tc=105oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 2) Maximum Instantaneous Forward Voltage at (Note 1) IF=15A, Tc=25oC IF=15A, Tc=125oC o IF=30A, Tc=25 C o IF=30A, Tc=125 C Maximum Instantaneous Reverse Current @ Tc=25 C at Rated DC Blocking Voltage Per Leg(Note 2) @ Tc=125 oC Voltage Rate of Change at (Rated VR) Maximum Thermal Resistance Per Leg(Note 3) Operating Junction Temperature Range Storage Temperature Range
o
Maximum Ratings and Electrical Characteristics o
MBR 3050 PT MBR 3060 PT MBR 3090 PT MBR MBR 30100 30150 PT PT
Units
V V V A A A
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt RJC
TJ TSTG
35 24 35
45 31 45
50 35 50
60 42 60
30 30 200
90 63 90
100 70 100
150 105 150
2.0 0.60 0.82 0.72 1.0 20 10,000 15 0.75 0.65
1.0 0.85 0.75 0.5 10 1,000 1.4 -65 to +150 -65 to +175
o
A 0.95 0.92 1.02 0.98
V
mA mA V/uS
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to case Per Leg
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBR3035PT THRU MBR30150PT)
FIG.1- FORWARD CURRENT DERATING CURVE
30 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 24
250
200 150
18
12
100
6
MBR3035PT-MBR3045PT MBR3050PT-MBR30150PT 0 50 100
o
50
0 150 CASE TEMPERATURE. ( C)
0 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
50 50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
10 Tj=150 0C Pulse Width=300 s 1% Duty Cycle
10
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=12
1
0 5C
1 Tj=25 0C
0.1
Tj=25 0C
0.1
0.01
MBR3035PT-MBR3045PT MBR3050PT & MBR3060PT MBR3090PT-MBR30150PT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0.001 0
MBR3035PT-MBR3045PT MBR3050PT-MBR30150PT 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
5,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
JUNCTION CAPACITANCE.(pF)
10.0
1,000
1
100 0.1
MBR3035PT-MBR3045PT MBR3050PT & MBR3060PT MBR3090PT-MBR30150PT
1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBR30150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X