Part Number Hot Search : 
SM200 SB102K P12N5 HER105 RU3020L SP6832EK KBU8005 SM200
Product Description
Full Text Search
 

To Download MBR30100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.
A
MBR30100CT
SCHOTTKY BARRIER TYPE DIODE
FEATURES
Average Output Rectified Current : IO=30A. Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns.
I K M L J D N N E F G B Q
O C
P
H
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO RATING 100 30 UNIT V A
1. ANODE 2. CATHODE 3. ANODE
DIM MILLIMETERS _ 9.9 + 0.2 A 15.95 MAX B 1.3+0.1/-0.05 C _ D 0.8 + 0.1 _ E 3.6 + 0.2 _ F 2.8 + 0.1 3.7 G H 0.5+0.1/-0.05 1.5 I _ J 13.08 + 0.3 K 1.46 _ 1.4 + 0.1 L _ 1.27+ 0.1 M _ 2.54 + 0.2 N _ 4.5 + 0.2 O _ 2.4 + 0.2 P _ 9.2 + 0.2 Q
IFSM Tj Tstg
TO-220AB
350 -40 -55 150 150 A
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note) SYMBOL VFM IRRM trr Rth(j-c) TEST CONDITION IFM=15A VRRM=Rated IFM=1.0A, di/dt=-30A/ Juction to Case MIN. TYP. MAX. 0.85 150 35 1.2 ns /W UNIT V
2008. 1. 3
Revision No : 0
1/2
MBR30100CT
IF - V F
30
IR - V R
REVERSE CURRENT IR (A)
100
FORWARD CURRENT IF (A)
10 5.0 3.0
Tj =25 C
10
T j =25 C
1.0
0.1
1.0 0.5 0 0.2 0.4 0.6 0.8 1.0
0.01 0 20 40 60 80 100
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
35 30 25 20
DC RATED VOLTAGE APPLIED R JC = 1.2 C/W
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
IF - TA
16
RATED VOLTAGE APPLIED R JA=16 C/W R JA=62.5 C/W (NO HEAT SINK)
12
8
DC
15 10 5 0 0 25 50 75 100 125 150
4
DC
0 0 20 40 60 80 100 120 140 160
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
30 25 20 15 10 5 0 0 5 10 15 20 25 30
DC
AVERAGE FORWARD CURRENT IF(AV) (A)
2008. 1. 3
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of MBR30100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X