Part Number Hot Search : 
6038080 LB1830 PCM1740E E001510 DIS16 LA7957 DS121 SC1302F
Product Description
Full Text Search
 

To Download MAX313LETP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2184; Rev 1; 9/08
10, Quad, SPST, +3V Logic-Compatible Analog Switches
General Description
Maxim's MAX312L/MAX313L/MAX314L analog switches feature low on-resistance (10 max) and 1.5 onresistance matching between channels. These switches are +3V logic compatible when powered from 15V or +12V supplies. The switches conduct equally well in either direction, and offer low leakage over temperature (2.5nA at +85C). The MAX312L/MAX313L/MAX314L are quad, singlepole/single-throw (SPST) analog switches. The MAX312L is normally closed (NC), and the MAX313L is normally open (NO). The MAX314L has two NC switches and two NO switches. All three devices operate from a single +4.5V to +36V supply or from dual 4.5V to 20V, and are available in 16-pin TSSOP, SO, and DIP packages.
Features
+3V Logic-Compatible Digital Inputs VIH = 2.0V VIL = 0.8V Pin Compatible with MAX312/MAX313/MAX314 and DG411/DG412/DG413 Low On-Resistance (10 max) Guaranteed RON Match Between Channels (1.5 max) Guaranteed RON Flatness over Specified Signal Range (2 max) Crosstalk > 96dB at 20kHz Single-Supply Operation: +4.5V to +36V Dual-Supply Operation: 4.5V to 20V Rail-to-Rail Signal Handling
MAX312L/MAX313L/MAX314L
Applications
Test Equipment Communication Systems PBX, PABX Systems Audio Signal Routing Avionics Sample-and-Hold Circuits Data-Acquisition Systems xDSL Modems
Ordering Information
PART MAX312LCUE MAX312LCSE MAX312LCPE MAX312LEUE MAX312LESE MAX312LEPE TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 Narrow SO 16 Plastic DIP 16 TSSOP 16 Narrow SO 16 Plastic DIP
MAX312LETP -40C to +85C 20 Thin QFN-EP* *EP = Exposed pad. Ordering Information continued at end of data sheet.
Pin Configurations
TOP VIEW
IN1 1 16 IN2 IN1 1 16 IN2 IN1 1 16 IN2
COM1 2
15 COM2
COM1 2
15 COM2
COM1 2
15 COM2
NC1 3 V- 4
14 NC2
NO1 3 V- 4
14 NO2
NO1 3 V- 4
14 NC2
13 V+
13 V+
13 V+
MAX312L
GND 5 12 N.C. GND 5
MAX313L
12 N.C. GND 5
MAX314L
12 N.C.
NC4 6
11 NC3
NO4 6
11 NO3
NO4 6
11 NC3
COM4 7
10 COM3
COM4 7
10 COM3
COM4 7
10 COM3
IN4 8
9
IN3
IN4 8
9
IN3
IN4 8
9
IN3
DIP/SO/TSSOP MAX312L SWITCH ON OFF
DIP/SO/TSSOP MAX313L SWITCH OFF ON
DIP/SO/TSSOP MAX314L SWITCHES SWITCHES 1, 4 2, 3 OFF ON ON OFF
LOGIC 0 1
LOGIC 0 1
LOGIC 0 1
SWITCHES SHOWN FOR LOGIC "0" INPUT
Pin Configurations continued at end of data sheet.
________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
ABSOLUTE MAXIMUM RATINGS
(Voltages Referenced to GND) V+ ...........................................................................-0.3V to +44V V- ............................................................................+0.3V to -44V V+ to V-...................................................................-0.3V to +44V VIN_ to V- ................................................................-0.3V to +44V All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V) Continuous Current (COM_, NO_, NC_) ........................100mA Peak Current (COM_, NO_, NC_) (pulsed at 1ms, 10% duty cycle max) ........................300mA Continuous Power Dissipation (TA = +70C) TSSOP (derate 6.7mW/C above +70C) ...................457mW Narrow SO (derate 8.70mW/C above +70C) ...........696mW Plastic DIP (derate 10.53mW/C above +70C) .........842mW Thin QFN (derate 21.3mW/C above +70C).........1702.1mW Operating Temperature Ranges MAX31_LC_E .....................................................0C to +70C MAX31_LE_E ..................................................-40C to +85C Storage Temperature Range ............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +15V, V- = -15V, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ RON RON RFLAT(ON) INO INC ICOM(OFF) ICOM(ON) ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = -5V, 0, 5V VCOM_ = +10V, VNO_ or VNC_ = 10V VCOM_ = 10V, VNO_ or VNC_ = +10V VNO_ or VNC_ = 10V, VCOM_ = 10V VCOM_ = 10V, RL = 300, CL = 35pF, Figure 1 VCOM_ = 10V, RL = 300, CL = 35pF, Figure 1 RL = 300, CL = 35pF, Figure 2 VGEN = 0, RGEN = 0, CL = 1.0nF, Figure 3 +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C +25C 1 -30 10 20 30 100 -0.5 -2.5 -0.5 -2.5 -1 -5 115 -0.04 -0.02 -0.02 0.2 0.3 V6.5 V+ 10 15 1.5 3 2 4 0.5 2.5 0.5 2.5 1 5 225 275 185 235 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
On-Resistance On-Resistance Match Between Channels (Note 4) On-Resistance Flatness (Note 5) Off-Leakage Current (NO_ or NC_) (Note 6) COM Off-Leakage Current (Note 6) COM On-Leakage Current (Note 6) DYNAMIC Turn-On Time Turn-Off Time Break-Before-Make Time Delay (MAX314L only, Note 7) Charge Injection (Note 7)
nA nA nA
tON tOFF tD Q
ns ns ns pC
2
_______________________________________________________________________________________
10, Quad, SPST, +3V Logic-Compatible Analog Switches
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +15V, V- = -15V, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER Off-Isolation (Note 8) Crosstalk (Note 9) NC_ or NO_ Off-Capacitance COM_ Off-Capacitance On-Capacitance LOGIC INPUT Input Logic High Input Logic Low Input Current with Input Logic High Input Current with Input Logic Low POWER SUPPLY Power-Supply Range V+, VV+ = +16.5V, V- = -16.5V, VIN = 0 or V+ V+ = +16.5V, V- = -16.5V, VIN = 5V Negative Supply Current IV+ = +16.5V, V- = -16.5V, VIN = 0 or 5V V+ = +16.5V, V- = -16.5V, VIN = 0 or V+ V+ = +16.5V, V- = -16.5V, VIN = 5V +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX 130 0.01 130 4.5 0.01 20.0 1 5 200 300 1 5 1 5 200 300 A A A V VIH VIL IINH IINL IN_ = 2.0V IN_ = 0.8V -0.5 -0.5 0.005 0.005 2.0 0.8 0.5 0.5 V V A A SYMBOL VISO VCT COFF CCOM_
(OFF)
MAX312L/MAX313L/MAX314L
CONDITIONS f = 1MHz, RL = 50, CL = 5pF, Figure 4 f = 1MHz, RL = 50, CL = 5pF, Figure 5 f = 1MHz, Figure 6 f = 1MHz, Figure 6 f = 1MHz, Figure 6
TA +25C +25C +25C +25C +25C
MIN
TYP -75 -85 15 15 47
MAX
UNITS dB dB pF pF pF
CON
Positive Supply Current
I+
Ground Current
IGND
ELECTRICAL CHARACTERISTICS--Single Supply
(V+ = +12V, V- = 0, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNC_ or VNO_ = +10V +25C TMIN to TMAX 0 12.5 V+ 25 35 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS
On-Resistance
_______________________________________________________________________________________
3
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
ELECTRICAL CHARACTERISTICS--Single Supply (continued)
(V+ = +12V, V- = 0, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER On-Resistance Match Between Channels (Note 4) On-Resistance Flatness (Note 5) DYNAMIC Turn-On Time Turn-Off Time Break-Before-Make Time Delay (MAX314L only, Note 7) Charge Injection LOGIC INPUT Input Logic High Input Logic Low Input Current with Input Logic High Input Current with Input Logic Low POWER SUPPLY Power-Supply Range V+ V+ = +13.2V, VIN = 0 or V+ Positive Supply Current I+ V+ = +13.2V, VIN = 5V +25C TMIN to TMAX +25C TMIN to TMAX 25 +4.5 0.01 +36 1 5 125 175 A V VIH VIL IINH IINL IN_ = 2.0V IN_ = 0.8V -0.5 -0.5 0.005 0.005 2.0 0.8 0.5 0.5 V V A A tON tOFF tD Q VCOM_ = 8V, RL = 300, CL = 35pF, Figure 1 VCOM_ = 8V, RL = 300, CL = 35pF, Figure 1 RL = 300, CL = 35pF, Figure 2 Figure 3, CL = 1.0nF, VGEN = 0, RGEN = 0 +25C TMIN to TMAX +25C TMIN to TMAX +25C +25C 1 5 -10 117 165 325 425 175 225 ns ns ns pC SYMBOL RON CONDITIONS ICOM_ = 10mA, VNO_ or VNC_ = +10V ICOM_ = 10mA, VNO_ or VNC_ = +2V, +6V, +10V TA +25C TMIN to TMAX +25C TMIN to TMAX 1.7 MIN TYP 0.3 MAX 2 2.5 3.5 4.5 UNITS
RFLAT(ON)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Note 3: -40C specifications are guaranteed by design. Note 4: RON = RON max - RON min. Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25C. Note 7: Guaranteed by design. Note 8: Off-isolation = 20log10 [VCOM/(VNC or VNO)], VCOM = output, VNC or VNO = input to off switch. Note 9: Between any two switches.
4
_______________________________________________________________________________________
10, Quad, SPST, +3V Logic-Compatible Analog Switches
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM (DUAL SUPPLIES)
MAX312/3/4L toc01
MAX312L/MAX313L/MAX314L
ON-RESISTANCE vs. VCOM (SINGLE SUPPLY)
MAX312/3/4L toc02
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
V- = 0 9 8 RON () 7 6 5 TA = +25C TA = +85C
MAX312/3/4L toc03
16 14 12 RON () 10 8 6 4 2 -20 -10 0 VCOM (V) 10 V+ = +20V, V- = -20V V+ = +5V, V- = -5V
40 V+ = +5V 30 RON ()
10 TA = +70C
V+ = +10V, V- = -10V
V+ = +15V, V- = -15V
20
V+ = +10V
V+ = +12V V+ = +15V
10
4 3 V+ = +15V, V- = -15V -15 -5 VCOM (V) TA = -40C 5 15
0 20 0 5 10 VCOM (V)
V+ = +20V 15 20
2
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
MAX312/3/4L toc04
OFF- AND ON-LEAKAGE CURRENT vs. TEMPERATURE
MAX312/3/4L toc05
CHARGE INJECTION vs. VCOM
60 40 V+ = +15V, V- = -15V
MAX312/3/4L toc06
20 TA = +85C 16 TA = +70C
10 V+ = +15V, V- = -15V, VCOM = +10V
80
1 LEAKAGE CURRENT (nA)
RON ()
ON-LEAKAGE 0.01 OFF-LEAKAGE
Q (pC)
12
0.1
20 0 -20 -40 V+ = +12V, V- = 0
8 TA = +25C 4 V+ = +12V, V- = 0 0 3 6 VCOM (V) TA = -40C
0.001
0
0.0001 9 12 -40 -15 10 35 60 85 TEMPERATURE (C)
-60 -15 -10 -5 0 VCOM (V) 5 10 15
SUPPLY CURRENT vs. TEMPERATURE
MAX312/3/4L toc07
TOTAL HARMONIC DISTORTION vs. FREQUENCY
V+ = +15V, V- = -15V, 5VRMS SIGNAL 22kHz BANDWIDTH
MAX312/3/4L toc08
FREQUENCY RESPONSE
MAX312/3/4L toc09
0.01 V+ = +16.5V V- = -16.5V VIN = +16.5V
0.1
0
0.001 I+, I-, IL (A)
ON-RESPONSE -20 LOSS (dB)
0.01 ITHD (%) 0.0001 I+ RL = 600 -40
0.00001 0.001 IGND RL = 100k
0.000001 MEASUREMENT LIMIT 0.0000001 -40 -15 10 35 60 85 TEMPERATURE (C) 0.0001 10 100 1k FREQUENCY (Hz) 10k 100k
-60
OFF-ISOLATION
-80 0.1 1 10 FREQUENCY (MHz) 100 1000
_______________________________________________________________________________________
5
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. LOGIC INPUT VOLTAGE
MAX312/3/4L toc10
TURN-ON/TURN-OFF TIME vs. VCOM (DUAL SUPPLIES)
MAX312/3/4L toc11
TURN-ON/TURN-OFF TIME vs. VCOM (SINGLE SUPPLY)
V+ = +12V, V- = 0
MAX312/3/4L toc12
50 40 30 SUPPLY CURRENT (A) 20 10 0 -10 -20 -30 -40 -50 0 3 6 9 12 V+ = +16.5V, V- = -16.5V, ALL CHANNELS ON IGND I+
180 TURN-ON/TURN-OFF TIME (ns) tON 160
TURN-ON/TURN-OFF TIME (ns)
115 tON
105
140 tOFF 120
tOFF 95 V+ = +15V, V- = -15V 85
100 -15 -10 -5 0 VCOM (V) 5 10 15 0 3 6 VCOM (V) 9 12
15
LOGIC INPUT VOLTAGE (V)
TURN-ON/TURN-OFF TIME vs. TEMPERATURE
MAX312/3/4L toc13
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
MAX312/3/4L toc14
TURN-ON/TURN-OFF TIME vs. SUPPLY VOLTAGE
MAX312/3/4L toc15
160 V+ = +15V, V- = -15V TURN-ON/TURN-OFF TIME (ns) 140 tON 120
2.0 1.8 LOGIC THRESHOLD (V) 1.6 1.4 1.2 1.0 0.8 DUAL SUPPLIES
700 TURN-ON/TURN-OFF TIME (ns) 600 500 400 300 200 100 tOFF
SINGLE SUPPLY
100 tOFF 80
tON
60 -50 -25 0 25 50 75 100 TEMPERATURE (C)
4
8
12 SUPPLY VOLTAGE (V)
16
20
3
6
9
12
15
SUPPLY VOLTAGE (V)
6
_______________________________________________________________________________________
10, Quad, SPST, +3V Logic-Compatible Analog Switches
Pin Descriptions
PIN (TSSOP, SO, DIP) MAX312L 1, 8, 9, 16 2, 7, 10, 15 3, 6, 11, 14 -- -- -- 4 5 12 13 MAX313L 1, 8, 9, 16 2, 7, 10, 15 -- 3, 6, 11, 14 -- -- 4 5 12 13 MAX314L 1, 8, 9, 16 2, 7, 10, 15 -- -- 3, 6 11, 14 4 5 12 13 NAME IN1, IN4, IN3, IN2 COM1, COM4, COM3, COM2 NC1, NC4, NC3, NC2 NO1, NO4, NO3, NO2 NO1, NO4 NC3, NC2 VGND N.C. V+ Logic Inputs Analog Signal Common Terminals Analog Signal Normally Closed Terminals Analog Signal Normally Open Terminals Analog Signal Normally Open Terminals Analog Signal Normally Closed Terminals Negative Analog Supply Input (connect V- to GND for singlesupply operation) Ground No Connection. Not internally connected. Positive Analog Supply Input FUNCTION
MAX312L/MAX313L/MAX314L
_______________________________________________________________________________________
7
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
Pin Descriptions (continued)
PIN (TQFN) MAX312L 7, 9, 17, 19 6, 10, 16, 20 1, 5, 11, 15 -- -- -- 2 4 3, 8, 12, 13, 18 14 -- MAX313L 7, 9, 17, 19 6, 10, 16, 20 -- 1, 5, 11, 15 -- -- 2 4 3, 8, 12, 13, 18 14 -- MAX314L 7, 9, 17, 19 6, 10, 16, 20 -- -- 1, 5 11, 15 2 4 3, 8, 12, 13, 18 14 -- NAME IN4, IN3, IN2, IN1 COM4, COM3, COM2, COM1 NC1, NC4, NC3, NC2 NO1, NO4, NO3, NO2 NO1, NO4 NC3, NC2 VGND N.C. V+ EP Logic Inputs Analog Signal Common Terminals Analog Signal Normally Closed Terminals Analog Signal Normally Open Terminals Analog Signal Normally Open Terminals Analog Signal Normally Closed Terminals Negative Analog Supply Input (connect to GND for single-supply operation) Ground No Connection. Not internally connected. Positive Analog Supply Input Exposed Pad. Connect EP to V+. FUNCTION
Applications Information
Low-Distortion Audio
The MAX312L/MAX313L/MAX314L, having very low RON and very low RON variation with signal amplitude, are well suited for low-distortion audio applications. The Typical Operating Characteristics show Total Harmonic Distortion (THD) vs. Frequency graphs for several signal amplitudes and impedances. Higher source and load impedances improve THD, but reduce off-isolation.
Power-Supply Sequencing-Free Operation
Most CMOS switches require specific power-supply sequencing in order to prevent the devices from latching up. The older MAX312/MAX313/MAX314 devices require a proper power-supply sequence of V+, VL, V-, and so forth. Otherwise, it becomes necessary to add signal diodes to the circuit in order to protect it from potential latchups. The new MAX312L/MAX313L/MAX314L devices eliminate the need for a VL pin and permit the user to utilize any power-up sequence that is required. It is, however, important not to exceed the absolute maximum ratings because stresses beyond the listed ratings may cause permanent damage to the devices.
Off-Isolation at High Frequencies
In 50 systems, the high-frequency on-response of these parts extends from DC to above 100MHz with a typical loss of -2dB. When the switch is turned off, however, it behaves like a capacitor, and off-isolation decreases with increasing frequency. (Above 300MHz, the switch actually passes more signal turned off than turned on.) This effect is more pronounced with higher source-and-load impedances. Above 5MHz, circuit board layout becomes critical, and it becomes difficult to characterize the response of the switch independent of the circuit. The graphs shown in the Typical Operating Characteristics were taken using a 50 source and load connected with BNC connectors.
Chip Information
TRANSISTOR COUNT: 92 PROCESS: CMOS
8
_______________________________________________________________________________________
10, Quad, SPST, +3V Logic-Compatible Analog Switches
Test Circuits/Timing Diagrams
MAX312L/MAX313L/MAX314L
VIN_ tr < 20ns tf < 20ns SWITCH INPUT VCOM_ COM_
V+ V+ NO_ OR NC_ IN_ LOGIC INPUT 0.9VO GND 0 VV-
MAX312L MAX313L MAX314L
50% LOGIC INPUT
SWITCH OUTPUT RL 300
VO CL 35pF
0 tOFF
VO
SWITCH OUTPUT
0
REPEAT TEST FOR EACH SWITCH. FOR LOAD CONDITIONS, SEE ELECTRICAL CHARACTERISTICS. tON CL INCLUDES FIXTURES AND STRAY CAPACITANCE. LOGIC INPUT WAVEFORMS INVERTED FOR NORMALLY CLOSED SWITCHES. VO = VCOM x RL RL + RON
Figure 1. Switching-Time Test Circuit
V+ VIN_ LOGIC INPUT 0 VO1 SWITCH OUTPUT 1 (V01) 0.9V01 0 VO2 SWITCH OUTPUT 2 (V02) 0 tD tD CL INCLUDES FIXTURES AND STRAY CAPACITANCE. 0.9V02 VCOM1 = +10V VCOM2 = +10V COM_ NC_ V+ 50% COM_ NO_
MAX314L
V01 RL1 V02 RL2 CL2 CL1
IN_ LOGIC INPUT GND 0 VV-
Figure 2. Break-Before-Make Test Circuit (MAX314L Only)
_______________________________________________________________________________________
9
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
Test Circuits/Timing Diagrams (continued)
MAX312L MAX313L MAX314L V+
V0
DV0
OFF RGEN VGEN V+ COM_ NC_ OR NO_ CL VIN_ OFF Q = (DV0)(CL) VVIN_ VIN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY TRUTH TABLE ON V0 VIN_ ON
OFF
GND
IN_
V-
OFF
Figure 3. Charge Injection Test Circuit
SIGNAL GENERATOR 0dBm
C
V+
MAX312L MAX313L MAX314L
C SIGNAL GENERATOR 0dBm COM_
V+
MAX312L MAX313L MAX314L
V+ NO_ 50
COM_ V+
IN_ COM_ ANALYZER RL NC_ OR NO_ GND VC
IN_
IN1
IN_
IN_
IN2
COM_ ANALYZER RL NO_ COM_ N.C. C
GND
V-
VV-
Figure 4. Off-Isolation Test Circuit
Figure 5. Crosstalk Test Circuit
10
______________________________________________________________________________________
10, Quad, SPST, +3V Logic-Compatible Analog Switches
Test Circuits/Timing Diagrams (continued)
MAX312L/MAX313L/MAX314L
C
V+
MAX312L MAX313L MAX314L
C
V+
MAX312L MAX313L MAX314L
COM_ V+ CAPACITANCE METER IN_ CAPACITANCE METER f = 1MHz IN_ NC_ OR NO_ GND VC f = 1MHz
V+ COM_
IN_ IN_ NC_ OR NO_ GND VC
V-
V-
Figure 6. Channel Off-Capacitance Test Circuit
Figure 7. Channel On-Capacitance Test Circuit
Ordering Information (continued)
PART MAX313LCUE MAX313LCSE MAX313LCPE MAX313LEUE MAX313LESE MAX313LEPE MAX313LETP MAX314LCUE MAX314LCSE MAX314LCPE MAX314LEUE MAX314LESE MAX314LEPE MAX314LETP TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 Narrow SO 16 Plastic DIP 16 TSSOP 16 Narrow SO 16 Plastic DIP 20 Thin QFN-EP* 16 TSSOP 16 Narrow SO 16 Plastic DIP 16 TSSOP 16 Narrow SO 16 Plastic DIP 20 Thin QFN-EP*
*EP = Exposed pad.
______________________________________________________________________________________
11
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
Pin Configurations (continued)
N.C. N.C. N.C. N.C. 12 NC2 NC3 NC2 NO3 11 10 9 MAX313L 8 7 *EP 1 2 3 4 5 6
V+
15
14
V+
15
14
13
12
11
COM2 IN2 N.C. IN1 COM1
16 17 18 19 20 1 2 3 4 *EP 5 MAX312L
10 9 8 7 6
COM3 IN3 N.C. IN4 COM4
COM2 IN2 N.C. IN1 COM1
16 17 18 19 20
13
COM3 IN3 N.C. IN4 COM4
N.C.
GND
N.C.
NC1
NC4
NC1
GND
N.C.
N.C.
NC2
15
14
13
12
COM2 IN2 N.C. IN1 COM1
16 17 18 19 20 1 2 3 4 *EP 5 MAX314L
11
NC3
THIN QFN
THIN QFN
V+
10 9 8 7 6
COM3 IN3 N.C. IN4 COM4
N.C.
NO1
GND
*EP = EXPOSED PAD. CONNECT TO V+.
THIN QFN
12
______________________________________________________________________________________
NO4
V-
NC4
V-
V-
10, Quad, SPST, +3V Logic-Compatible Analog Switches
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 16 TSSOP 16 Narrow SO 16 Plastic DIP 20 TQFN PACKAGE CODE U16-1 S16-8 P16-2 T2055-5 DOCUMENT NO. 21-0066 21-0041 21-0043 21-0140
MAX312L/MAX313L/MAX314L
______________________________________________________________________________________
13
10, Quad, SPST, +3V Logic-Compatible Analog Switches
MAX312L/MAX313L/MAX314L
Revision History
REVISION NUMBER 0 1 REVISION DATE 10/01 9/08 Initial release. Added the TQFN package. DESCRIPTION PAGES CHANGED -- 1, 2, 8, 11, 12, 13
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2008 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX313LETP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X