Part Number Hot Search : 
RD15HV LCM600U Z5226B PFZ100 TDA7294S 107000 JSBB3 STT08XX
Product Description
Full Text Search
 

To Download MAX1333009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4341; Rev 1; 4/09
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
General Description
The MAX13330/MAX13331 stereo headphone amplifiers are designed for automotive applications requiring output short-circuit and ESD protection to battery/ground with diagnostics. These devices use Maxim's unique, patented DirectDrive (R) architecture to produce a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, saving board space and component height. The gain of the amplifier is set internally (-1.5V/V) on the MAX13330 or adjusted externally with resistors on the MAX13331. The MAX13330/MAX13331 deliver 120mW per channel into a 16 load or 135mW into a 32 load and have a low 0.01% THD+N. Low output impedance and the efficient integrated charge pump allows the device to drive loads as low as 8, enabling the use of small loudspeakers. An 80dB at 217Hz PSRR allows these devices to operate from noisy digital supplies without an additional linear regulator. These devices include 15kV Human Body Model ESD protection and shortcircuit protection up to +45V at the headphone outputs. Comprehensive click-and-pop circuitry suppresses audible clicks and pops on startup and shutdown. A low-power shutdown mode reduces the supply current to 3A (typ). The MAX13330/MAX13331 are specified from -40C to +105C AEC-Q100 Level 2 automotive temperature range and are available in a 16-pin QSOP package. 4V to 5.5V Single-Supply Operation 2MHz Charge Pump Prevents AM Radio Interference Ground-Referenced Outputs Eliminate Bulky DCBlocking Capacitors Short-to-Ground and Battery (VBAT up to +45V) Output Protection, Load Dump Protection Short-Circuit Diagnostic Output Adjustable Gain (MAX13331) or Fixed -1.5V/V Gain (MAX13330) 125mW per Channel into 32 at 0.01% THD+N Integrated Click-and-Pop Suppression High PSRR Eliminates LDO No Degradation of Low-Frequency Response Due to Output Capacitors 15kV Human Body Model ESD Protection for Output Pins
Features
MAX13330/MAX13331
Ordering Information
PART MAX13330GEE/V+T MAX13331GEE/V+T GAIN -1.5V/V TEMP RANGE -40C to +105C PINPACKAGE 16 QSOP
Applications
Automotive Entertainment Systems Automotive Rear Seat Entertainment Systems
DirectDrive is a registered trademark of Maxim Integrated Products, Inc. U.S. Patent #7,061,327
Externally -40C to +105C 16 QSOP Set +Denotes a lead(Pb)-free/RoHS-compliant package. T = Tape-and-reel. /V denotes an automotive qualified part. Typical Application Circuits appear at end of data sheet.
Simplified Block Diagram
INL
MAX13330
LEFT-CHANNEL AUDIO IN
Pin Configuration
1 2 3 4 5 6 7 8 MAX13330 MAX13331
+
16 15 14 13 12 11 10 9
OUTL PGND VSS OUTR DIAG CPVSS C1N PGND
SGND
OUTPUT PROTECTION & DIAGNOSTICS
INR SGND
DIAGNOSTICS OUTPUT
SHDN
CLICK-AND-POP SUPPRESSION
VDD SHDN CPVDD C1P
RIGHT-CHANNEL AUDIO IN
QSOP ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
ABSOLUTE MAXIMUM RATINGS
VDD, CPVDD to SGND..............................................-0.3V to +6V VSS, CPVSS to SGND ...............................................+0.3V to -6V VDD, CPVDD..........................................................-0.3V to +0.3V VSS, CPVSS ...........................................................-0.3V to +0.3V SHDN, DIAG to SGND................................-0.3V to (VDD + 0.3V) OUT_ to PGND.......................................(VCPVSS - 0.3V) to +45V IN_ to SGND (MAX13330)................(VSS - 0.3V) to (VDD + 0.3V) IN_ to SGND (MAX13331) ..........................-0.3V to (VDD + 0.3V) C1P to PGND........................................-0.3V to (VCPVDD + 0.3V) C1N to PGND..............................................(VSS - 0.3V) to +0.3V Output Short-Circuit Duration.....................................Continuous Continuous Power Dissipation (TA = +70C) 16-Pin QSOP (derate 8.3mW/C above +70C)) ......666.7mW Junction-to-Case Thermal Resistance (JC) (Note 1) JC ............................................................................... 37C/W Junction-to-Ambient Thermal Resistance (JA) (Note 1) JA ............................................................................. 120C/W Operating Temperature Range .........................-40C to +105C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a fourlayer board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = VCPVDD = +5V, VSGND = VPGND = 0, SHDN = VDD, C1 = C2 = 1F, RL = , resistive load referenced to ground, for MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30k, RFB = 45k), TA = TJ = -40C to +105C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER GENERAL Amplifier Supply Voltage Range Charge-Pump Supply Voltage Range Charge-Pump Output Voltage Quiescent Supply Current Shutdown Supply Current SHDN Input-Logic High SHDN Input-Logic Low SHDN Input Leakage Current SHDN to Full Operation Time DIAGNOSTICS No fault OUTR short to SGND Diagnostic Output Voltage VDIAG RDIAG = , TA = +25C OUTL short to SGND OUTR short to VBAT OUTL short to VBAT Short-to-SGND Threshold Short-to-VBAT Threshold 0.22 x VDD 0.47 x VDD 0.72 x VDD 0.97 x VDD 130 130 mA mA 0.25 x VDD 0.50 x VDD 0.75 x VDD 0.02 x VDD 0.28 x VDD 0.53 x VDD 0.78 x VDD V t SON VDD VCPVDD VCPVSS IDD I SHDN VIH VIL -1 100 2 0.8 +1 RL = 4.0 4.0 -VDD 10 10 5.5 5.5 V V V mA A V V A s SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VCPVDD = +5V, VSGND = VPGND = 0, SHDN = VDD, C1 = C2 = 1F, RL = , resistive load referenced to ground, for MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30k, RFB = 45k), TA = TJ = -40C to +105C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER AMPLIFIERS Voltage Gain Gain Matching Input Offset Voltage Input Bias Current Input Impedance Power-Supply Rejection Ratio RIN PSRR VIN_ = 0 MAX13330 DC, VDD = 4.0V to 5.5V, input referred f =1kHz, VRIPPLE = 100mVP-P THD+N = 1%; VDD = VCPVDD = 5V; f IN = 1kHz RL = 1k RL = 16 , P OUT = 100mW, f = 1kHz RL = 32 , P OUT = 125mW, f = 1kHz RL = 32 , POUT = 135mW, f = 22Hz to 22kHz f = 22Hz to 22kHz bandwidth; inputs AC-coupled to grounded No sustained oscillation Peak voltage, TA = +25C, A-weighted, 32 samples per second; Inputs ACcoupled to ground Into shutdown -80 V Out of shutdown 1.9 RL = 32 , VIN = 200mVP-P, f = 10kHz -60 2.2 -75 +155 10 Human Body Model (OUTR and OUTL) 15 2.5 MHz dB C C kV RL = 8 RL = 16 RL = 32 20 AV MAX13330 MAX13330 -1.48 -1.5 0.2 1 50 30 -86 -80 75 120 135 2 14 THD+N SNR Vn SR CL 0.03 0.01 100 6 0.3 3000 VRMS k % % dB VRMS V/s pF mW 6 -1.52 V/V % mV nA k dB SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX13330/MAX13331
Output Power Per Channel Output Voltage Output Impedance in Shutdown Total Harmonic Distortion Plus Noise Signal-to-Noise Ratio Noise Slew Rate Maximum Capacitive Load
POUT_ VOUT_
Click-and-Pop Level
KCP
Charge-Pump Oscillator Frequency Crosstalk Thermal-Shutdown Temperature Thermal-Shutdown Hysteresis ESD Protection
f OSC
Note 2: All devices are 100% tested at TA = +25C; specifications over temperature limits are guaranteed by design and QA sampling.
_______________________________________________________________________________________
3
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Typical Operating Characteristics
(VDD = VCPVDD = 5V, VSGND = VPGND = 0, C1 = C2 = 1F, RL = , gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX13330/31 toc01
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX13330/31 toc02
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
VDD = 4V RL = 16
MAX13330/31 toc03
1 VDD = 4V RL = 8 POUT = 25mW
1 VDD = 5V RL = 8
1
0.1 THD+N (%)
0.1 THD+N (%)
POUT = 25mW THD+N (%)
0.1
POUT = 25mW
0.01
POUT = 45mW
0.01
POUT = 60mW
0.01
POUT = 75mW
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX13330/31 toc04
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX13330/31 toc05
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
VDD = 5V RL = 32
MAX13330/31 toc06
1 VDD = 5V RL = 16
1 VDD = 4V RL = 32
1
0.1 THD+N (%)
THD+N (%)
POUT = 25mW
THD+N (%)
POUT = 50mW
0.1
0.1 POUT = 50mW
0.01
POUT = 100mW
0.01 POUT = 70mW
0.01 POUT = 125mW
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
0.001 0.01 0.1 1 FREQUENCY (kHz) 10 100
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX13330/31 toc07
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX13330/31 toc08
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
VDD = 4V RL = 16 1 fIN = 10kHz THD+N (%) fIN = 1kHz 0.1
MAX13330/31 toc09
10 VDD = 4V RL = 8
10 VDD = 5V RL = 8
10
1 THD+N (%) fIN = 1kHz fIN = 10kHz THD+N (%)
1 fIN = 1kHz 0.1 0.01 fIN = 100Hz fIN = 100Hz 0.01 0 25 50 75 0 25 50 75 100 125 OUTPUT POWER (mW) OUTPUT POWER (mW) 0.001 0 25 fIN = 10kHz
0.1
fIN = 100Hz 50 75 100 125
0.01
OUTPUT POWER (mW)
4
_______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0, C1 = C2 = 1F, RL = , gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX13330/31 toc10
MAX13330/MAX13331
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX13330/31 toc11
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
VDD = 5V RL = 32 1 THD+N (%) fIN = 10kHz 0.1 fIN = 1kHz
MAX13330/31 toc12
10 VDD = 5V RL = 16 1 THD+N (%) fIN = 10kHz 0.1 fIN = 1kHz
10 VDD = 4V RL = 32 1 THD+N (%) fIN = 10kHz 0.1 fIN = 1kHz
10
0.01 fIN = 100Hz 0.001 0 25 50 75 100 125 150 175 OUTPUT POWER (mW)
0.01 fIN = 100Hz 0 25 50 75 100 125
0.01 fIN = 100Hz 0 25 50 75 100 125 150 175
0.001
0.001
OUTPUT POWER (mW)
OUTPUT POWER (mW)
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX13330/31 toc13
OUTPUT POWER vs. SUPPLY VOLTAGE
MAX13330/31 toc14
OUTPUT POWER vs. LOAD RESISTANCE
180 160 OUTPUT POWER (mW) 140 120 100 80 60 40 20 0 1% THD+N VDD = 4V 0 10 100 1000 1% THD+N VDD = 5V 10% THD+N VDD = 4V fIN = 1kHz 10% THD+N VDD = 5V
MAX13330/31 toc15
1 VDD = 5V RL = 1k 0.1 THD+N (%) VOUT_ = 2VRMS
180 160 140 OUTPUT POWER (mW) 120 100 80 60 40 20 RL = 8 RL = 16 RL = 32 fIN = 1kHz 1% THD+N
200
0.01
VOUT_ = 1VRMS
0.001
0.0001 0.01 0.1 1 FREQUENCY (kHz) 10 100
0 4.00 4.25 4.50 4.75 5.00 5.25 5.50 SUPPLY VOLTAGE (V)
LOAD RESISTANCE ()
POWER DISSIPATION vs. OUTPUT POWER PER CHANNEL
MAX13330/31 toc16
POWER DISSIPATION vs. OUTPUT POWER PER CHANNEL
VDD = 5V fIN = 1kHz RL = 8 800 600 400 200 0 RL = 32 RL = 16
MAX13330/31 toc17
800 700 POWER DISSIPATION (mW) 600 500 400 300 200 100 0 0 20 40 60 80 100 RL = 32 RL = 8 RL = 16 VDD = 4V fIN = 1kHz
1200 1000 POWER DISSIPATION (mW)
120
0
20
40
60
80 100 120 140 160 180
OUTPUT POWER PER CHANNEL (mW)
OUTPUT POWER PER CHANNEL (mW)
_______________________________________________________________________________________
5
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0, C1 = C2 = 1F, RL = , gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25C, unless otherwise noted.)
POWER-SUPPLY REJECTION RATIO vs. FREQUENCY
MAX13330/31 toc18
CROSSTALK vs. FREQUENCY
VIN = 200mVP-P RL = 32
MAX13330/31 toc19
GAIN FLATNESS vs. FREQUENCY
MAX13330/31 toc20
-40 -50 -60 PSRR (dB) -70 -80 -90 -100 -110 -120 0.01 0.1 1 FREQUENCY (kHz) 10 VDD = 5V OUTL VDD = 5V OUTR VRIPPLE = 100mVP-P RL = 32 VDD = 4V OUTL VDD = 4V OUTR
-40 -50 CROSSTALK (dB) -60 -70 -80 -90 -100 LEFT TO RIGHT RIGHT TO LEFT
3.5
3.4 OUTR GAIN (dB) 3.3 OUTL
3.2
3.1
MAX13330 VIN = 100mVP-P 0.01 0.1 1 10 100 1000
3.0 0.01 0.1 1 FREQUENCY (kHz) 10 100 FREQUENCY (kHz)
100
OUTPUT FFT
MAX13330/31 toc21
SUPPLY CURRENT vs. SUPPLY VOLTAGE
RL = 32 9 8 SUPPLY CURRENT (mA) 7 6 5 4 3 2
MAX13330/31 toc22
SUPPLY CURRENT vs. TEMPERATURE
MAX13330/31 toc23
0 -20 AMPLITUDE (dBV) -40 -60 -80 -100 -120 -140 0 5 10 FREQUENCY (kHz) 15
10
12 10 SUPPLY CURRENT (mA) 8 6 4 2 0
1 0 20 4.00 4.25 4.50 4.75 5.00 5.25 5.50 SUPPLY VOLTAGE (V) -50 -25 0 25 50 75 100 125
TEMPERATURE (C)
SHUTDOWN CURRENT vs. TEMPERATURE
MAX13330/31 toc24
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
MAX13330/31 toc25
EXITING SHUTDOWN TRANSIENT
MAX13330/31 toc26
4.0 3.5 SHUTDOWN CURRENT (A) 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 0 25 50 75 100
5
SHUTDOWN CURRENT (A)
4
SHDN 5V/div
3 OUTL 1V/div 2 OUTR 1V/div
1
0 125 4.00 4.25 4.50 4.75 5.00 5.25 5.50 200s/div TEMPERATURE (C) SUPPLY VOLTAGE (V)
6
_______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0, C1 = C2 = 1F, RL = , gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25C, unless otherwise noted.)
MAX13330/MAX13331
ENTERING SHUTDOWN TRANSIENT
MAX13330/31 toc27
POWER-UP/-DOWN TRANSIENT
MAX13330/31 toc28
SHDN 5V/div
SHDN 5V/div
OUTL 1V/div OUTR 1V/div
OUTL 1V/div OUTR 1V/div
200s/div
10ms/div
Pin Description
PIN 1 2, 4 3 5 6 7 8 9, 15 10 11 12 13 14 16 NAME INL SGND INR VDD SHDN CPVDD C1P PGND C1N CPVSS DIAG OUTR VSS OUTL Inverting Left-Channel Audio Input Amplifier Signal Ground. The noninverting inputs of the amplifiers are connected to the amplifier signal ground. Connect both to the signal ground plane. Inverting Right-Channel Audio Input Amplifier Positive-Power Supply. Connect to positive supply. Bypass with a 1F capacitor to SGND as close to the pin as possible. Active-Low Shutdown Input Charge-Pump Power Supply. Powers charge-pump inverter, charge-pump logic, and oscillator. Connect to positive supply. Bypass with a 1F capacitor to PGND as close to the pin as possible. Flying-Capacitor Positive Terminal. Connect a 1F capacitor between C1P and C1N. Power Ground. Connect both to the power ground plane. Flying-Capacitor Negative Terminal. Connect a 1F capacitor between C1P and C1N. Charge-Pump Output. Connect to VSS and bypass with a 1F capacitor to PGND. Diagnostic Voltage Output Right-Channel Output Amplifier Negative Power Supply. Connect to CPVSS. Left-Channel Output FUNCTION
_______________________________________________________________________________________
7
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Detailed Description
The MAX13330/MAX13331 headphone amplifiers feature Maxim's patented DirectDrive architecture, eliminating the large output-coupling capacitors required by conventional single-supply headphone amplifiers. The devices consists of two Class AB headphone amplifiers, undervoltage lockout (UVLO), lowpower shutdown control, comprehensive click-and-pop suppression, output short-circuit/ESD protection and output short-circuit diagnostics. These devices can drive loads as low as 8, and deliver up to 120mW per channel into 16 and 135mW into 32. The MAX13330 features a fixed gain of -1.5V/V, and the MAX13331 features a programmable gain configured with external resistors. The headphone outputs feature 15kV Human Body Model ESD protection, and enhanced short-circuit protection to ground or battery (VBAT up to +45V). An integrated short-circuit diagnostic output provides the status of the MAX13330/ MAX13331 during operation as a fraction of the analog supply voltage.
VDD VOUT
VDD/2 GND
CONVENTIONAL DRIVER-BIASING SCHEME
VDD
DirectDrive
Conventional single-supply headphone amplifiers have their outputs biased about a nominal DC voltage (typically half the supply) for maximum dynamic range. Large coupling capacitors are needed to block this DC bias from the headphone. Without these capacitors, a significant amount of DC current flows to the headphone, resulting in unnecessary power dissipation and possible damage to both the headphone and the headphone amplifier. Maxim's patented DirectDrive architecture uses a charge pump to create an internal negative-supply voltage, allowing the MAX13330/MAX13331 outputs to be biased about SGND (Figure 1). With no DC component, there is no need for the large DC-blocking capacitors. Instead of two large (220F, typ) tantalum capacitors, the MAX13330/MAX13331 charge pump requires two small ceramic capacitors, conserving board space, reducing cost, and improving the frequency response of the headphone amplifier. See the Output Power vs. Load Resistance graph in the Typical Operating Characteristics for details of the possible capacitor sizes. There is a low DC voltage on the amplifier outputs due to amplifier offset. However, the output offset of the MAX13330 is typically 2.5mV which, when combined with a 32 load, results in less than 78A of DC current flow to the headphones. Previous attempts to eliminate the output-coupling capacitors involved biasing the headphone return (sleeve) to the DC-bias voltage of the headphone amplifiers.
8
VOUT GND
VSS
DirectDrive BIASING SCHEME
Figure 1. Conventional Driver Output Waveform vs. MAX13330/ MAX13331 Output Waveform
This method raises some issues: * The sleeve is typically grounded to the chassis. Using this biasing approach, the sleeve must be isolated from system ground, complicating product design. * During an ESD strike, the amplifier's ESD structures are the only path to system ground. Thus, the amplifier must be able to withstand the full ESD strike. * When using the headphone jack as a line out to other equipment, the bias voltage on the sleeve may conflict with the ground potential from other equipment, resulting in possible damage to the amplifiers.
_______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Low-Frequency Response In addition to the cost and size disadvantages of the DCblocking capacitors required by conventional headphone amplifiers, these capacitors limit the amplifier's low-frequency response and can distort the audio signal: 1) The impedance of the headphone load and the DCblocking capacitor form a highpass filter with the -3dB point set by:
f-3dB = 1 (Hz) 2 x RL x COUT 2) The voltage coefficient of the DC-blocking capacitor contributes distortion to the reproduced audio signal as the capacitance value varies and the function of the voltage across the capacitor changes. The reactance of the capacitor dominates at frequencies below the -3dB point and the voltage coefficient appears as frequency-dependent distortion. Figure 3 shows the THD+N introduced by two different capacitor dielectric types. Note that below 100Hz, THD+N increases rapidly. The combination of low-frequency attenuation and frequency-dependent distortion compromises audio reproduction in portable audio equipment that emphasizes low-frequency effects such as in multimedia laptops, MP3, CD, and DVD players. By eliminating the DC-blocking capacitors through DirectDrive technology, these capacitor-related deficiencies are eliminated.
ADDITIONAL THD+N DUE TO DC-BLOCKING CAPACITORS
10
MAX13330/MAX13331
THD+N (%)
where R L is the impedance of the headphone and COUT is the value of the DC-blocking capacitor. The highpass filter is required by conventional singleended, single power-supply headphone amplifiers to block the midrail DC-bias component of the audio signal from the headphones. The drawback to the filter is that it can attenuate low-frequency signals. Larger values of COUT reduce this effect but result in physically larger, more expensive capacitors. Figure 2 shows the relationship between the size of COUT and the resulting low-frequency attenuation. Note that the -3dB point for a 16 headphone with a 100F blocking capacitor is 100Hz, well within the normal audio band, resulting in low-frequency attenuation of the reproduced signal.
LOW-FREQUENCY ROLLOFF (RL = 16)
0 -3 -6 ATTENUATION (dB) -9 -12 -15 -18 -21 -24 -27 -30 10 100 1k FREQUENCY (Hz) 10k 100k 33F DirectDrive 330F 220F 100F
1
0.1 TANTALUM 0.01
0.001 ALUM/ELEC 0.0001 10 100 1k FREQUENCY (Hz) 10k 100k
Figure 3. Distortion Contributed by DC-Blocking Capacitors
Figure 2. Low-Frequency Attenuation for Common DC-Blocking Capacitor Values
Charge Pump The MAX13330/MAX13331 feature a low-noise charge pump. The 2.2MHz (typ) switching frequency is well beyond the audio range. It does not interfere with the audio signals and avoids AM band interference. The switch drivers feature a controlled switching speed that minimizes noise generated by turn-on and turn-off transients. By limiting the switching speed of the charge pump, the di/dt noise caused by the parasitic bond wire and trace inductance is minimized. Although not typically required, additional high-frequency noise attenuation can be achieved by increasing the value of C2 (see the Typical Application Circuits).
_______________________________________________________________________________________
9
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Diagnostic Output
The MAX13330/MAX13331 provides an analog diagnostic output as a fraction of the analog supply voltage VDD. The voltage at DIAG will correspond to the fault condition with the highest priority that is present in the system, as shown in Table 1. When simultaneous fault conditions occur on both headphone outputs, the diagnostic output will only report the fault condition at OUTR until it is cleared or removed. Only then will the fault condition at OUTL be reported at DIAG. Connect DIAG to a high-impedance input. Additionally, the MAX13330/MAX13331 feature extensive click-and-pop suppression that eliminates any audible transient sources internal to the device. The power-up/-down transient graph in the Typical Operating Characteristics shows that there is minimal DC shift and no spurious transients at the output upon startup or shutdown. In most applications, the output of the preamplifier driving the MAX13330/MAX13331 has a DC bias of typically half the supply. At startup, the input-coupling capacitor is charged to the preamplifier's DC-bias voltage through the feedback resistor of the MAX13330/ MAX13331, resulting in a DC shift across the capacitor and an audible click/pop. Delaying the rise of SHDN 4 to 5 time constants (80ms to 100ms) based on RIN and CIN relative to the startup of the preamplifier, eliminates this click/pop caused by the input filter.
Table 1. MAX13330/MAX13331 Diagnostic Priority
VDIAG VDD 3/4 VDD 1/2 VDD 1/4 VDD 0 Three State STATE OUTL Short to VBAT OUTR Short to VBAT OUTL Short to SGND OUTR Short to SGND No Fault Shutdown PRIORITY 3 1 4 2 5 --
Shutdown
The MAX13330/MAX13331 feature shutdown control allowing audio signals to be shut down or muted. Driving SHDN low disables the amplifiers and the charge pump, sets the amplifier output impedance to 14k (typ), and reduces the supply current. In shutdown mode, the supply current is reduced to 2A. The charge pump is enabled once SHDN is driven high.
For both headphone outputs, short circuits to VBAT are dynamic and VDIAG will be automatically cleared as soon as the fault condition is removed. Short circuits to GND occurring when a positive output voltage is present on OUTL or OUTR, will result in V DIAG being latched until the fault condition is cleared. When VDIAG is latched, it can be cleared by either toggling SHDN low for less than 5s or initiating a full reset of the MAX13330/MAX13331. Toggling SHDN low for less than 5s will cause the fault to ground to be cleared without shutting down the device or interrupting the output state of the amplifiers. A full reset requires SHDN to be pulled low for more than 50s. The amplifier outputs will enter high impedance and remain in that state until the device exits shutdown.
Applications Information
Power Dissipation
Under normal operating conditions, linear power amplifiers can dissipate a significant amount of power. The maximum power dissipation for each package is given in the Absolute Maximum Ratings section under continuous power dissipation or can be calculated by the following equation: PDISSPKG(MAX) = (TJ(MAX) - TA ) JA
Click-and-Pop Suppression
In conventional single-supply audio amplifiers, the output-coupling capacitor is a major contributor of audible clicks and pops. Upon startup, the amplifier charges the coupling capacitor to its bias voltage, typically half the supply. Likewise, on shutdown, the capacitor is discharged to SGND. This results in a DC shift across the capacitor which appears as an audible transient at the speaker. Since the MAX13330/MAX13331 does not require output-coupling capacitors, this problem does not arise.
where TJ(MAX) is +145C, TA is the ambient temperature, and JA is the reciprocal of the derating factor in C/W as specified in the Absolute Maximum Ratings section. The thermal resistance JA of the QSOP package is 120C/W. The MAX13330/MAX13331 have two power dissipation sources: the charge pump and two amplifiers. If power dissipation for a given application exceeds the maximum allowed for a particular package, either reduce VDD, increase load impedance, decrease the ambient temperature, or add heatsinking to the device. Large output, supply, and ground traces improve the maximum power dissipation in the package.
10
______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Thermal-overload protection limits total power dissipation in the MAX13330/MAX13331. When the junction temperature exceeds +145C (typ), the thermal-protection circuitry disables the amplifier output stage. The amplifiers are enabled once the junction temperature cools by 5C. This results in a pulsing output under continuous thermal-overload conditions.
Component Selection
Gain-Setting Resistors (MAX13331 Only)
The gain of the MAX13330 is internally set at -1.5V/V. All gain-setting resistors are integrated into the device, reducing external component count. The internally set gain, in combination with DirectDrive, results in a headphone amplifier that requires only five tiny 1F capacitors to complete the amplifier circuit: two for the charge-pump, two for audio input coupling, and one for power-supply bypassing (see the Typical Application Circuits). The gain of the MAX13331 amplifier is set externally as shown in the Typical Application Circuits, the gain is: R A V = - F (V / V ) RIN Choose feedback resistor values of 10k. Values other than 10k increase output offset voltage due to the input bias current, which in turn, increases the amount of DC current flow to the load.
MAX13330/MAX13331
Output Power The device has been specified for the worst-case scenario, when both inputs are in-phase. Under this condition, the amplifiers simultaneously draw current from the charge pump, leading to a proportional reduction in VSS headroom. In typical stereo audio applications, the left and right signals have differences in both magnitude and phase, subsequently leading to an increase in the maximum attainable output power. Figure 4 shows the two extreme cases for in- and out-of-phase. In reality, the available power lies between these extremes.
OUTPUT POWER vs. SUPPLY VOLTAGE
250 fIN = 1kHz RL = 32 THD+N = 10% INPUTS 180 OUT OF PHASE
Input Filtering
The input capacitor (CIN), in conjunction with the input resistor (RIN), forms a highpass filter that removes the DC bias from an incoming signal (see the Typical Application Circuits). The AC-coupling capacitor allows the device to bias the signal to an optimum DC level. Assuming zero source impedance, the -3dB point of the highpass filter is given by: f-3dB = 1 (Hz) 2 x RIN x CIN
200 OUTPUT POWER (mW)
150 INPUTS IN PHASE 100
50
0 4.00 4.25 4.50 4.75 5.00 5.25 5.50 SUPPLY VOLTAGE (V)
Figure 4. Output Power vs. Supply Voltage
UVLO
The MAX13330/MAX13331 feature a UVLO function that prevents the device from operating if the supply voltage is less than 3.6V (typ). This feature ensures proper operation during brownout conditions and prevents deep battery discharge. Once the supply voltage reaches the UVLO threshold, the charge-pump is turned on and the amplifiers are powered.
Choose CIN so f-3dB is well below the lowest frequency of interest. For the MAX13330, use the value of RIN as given in the Electrical Characteristics table. Setting f -3dB too high affects the device's low-frequency response. Use capacitors whose dielectrics have lowvoltage coefficients, such as tantalum or aluminum electrolytic. Capacitors with high-voltage coefficients, such as ceramics, can result in increased distortion at low frequencies.
Charge-Pump Capacitor Selection
Use capacitors with an ESR less than 100m for optimum performance. Low-ESR ceramic capacitors minimize the output resistance of the charge pump. For best performance over the extended temperature range, select capacitors with an X7R dielectric.
______________________________________________________________________________________
11
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Flying Capacitor (C1) The value of the flying capacitor (C1) affects the charge pump's load regulation and output resistance. A C1 value that is too small degrades the device's ability to provide sufficient current drive, which leads to a loss of output voltage. Increasing the value of C1 improves load regulation and reduces the charge-pump output resistance to an extent. See the Output Power vs. Load Resistance graph in the Typical Operating Characteristics. Above 1F, the on-resistance of the switches and the ESR of C1 and C2 dominate. Holding Capacitor (C2) The hold capacitor value and ESR directly affect the ripple at CPVSS. Increasing the value of C2 reduces output ripple. Likewise, decreasing the ESR of C2 reduces both ripple and output resistance. Lower capacitance values can be used in systems with low maximum output power levels. See the Output Power vs. Load Resistance graph in the Typical Operating Characteristics. Power-Supply Bypass Capacitor (C3) The power-supply bypass capacitor (C3) lowers the output impedance of the power supply and reduces the impact of the MAX13330/MAX13331 charge-pump switching transients. Bypass CPVDD with C3, the same value as C1, and place it physically close to the CPVDD and PGND pins.
Layout and Grounding
Proper layout and grounding are essential for optimum performance. Connect CPVDD and VDD together at the device. Connect CPVSS and V SS together at the device. Bypassing of both supplies is accomplished by charge-pump capacitors C2 and C3 (see the Typical Application Circuits). Place capacitors C2 and C3 as close to the device as possible and bypass them to the PGND plane. Keep PGND and all traces that carry switching transients as short as possible to minimize EMI. Route them away from SGND, the audio signal path, and the external feedback components (MAX13331). Connect the PGND plane and the SGND plane together at a single point on the PCB. Refer to the MAX13330/MAX13331 Evaluation Kit for layout guidelines.
12
______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Typical Application Circuits
MAX13330/MAX13331
4V to 5.5V C3 1F 0.33F LEFT CHANNEL AUDIO IN CPVDD VDD SHDN INL
45k VDD OUTL 1nF
C1P C1 1F C1N CHARGE PUMP
VSS CLICK-AND-POP SUPPRESSION VSS
OUTPUT PROTECTION AND DIAGNOSTICS
UVLO/ SHUTDOWN CONTROL
30k
DIAG 10nF
OUTR
MAX13330
30k VDD 45k
1nF
VSS C2 1F
CPVSS
PGND
SGND
INR
0.33F
RIGHT CHANNEL AUDIO IN
______________________________________________________________________________________
13
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics MAX13330/MAX13331
Typical Application Circuits (continued)
CIN 0.33F LEFT CHANNEL AUDIO IN RF 45k
RIN 30k 4V to 5.5V C3 1F
CPVDD
VDD
SHDN
INL VDD OUTL 1nF
C1P C1 1F C1N CHARGE PUMP
VSS CLICK-AND-POP SUPPRESSION VSS
OUTPUT PROTECTION AND DIAGNOSTICS
UVLO/ SHUTDOWN CONTROL
DIAG 10nF
OUTR
MAX13331
VDD 1nF
VSS C2 1F
CPVSS
PGND
SGND
INR
RIN 30k
RF 45k RIGHT CHANNEL AUDIO IN
CIN 0.33F
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 16-QSOP PACKAGE CODE E16-4 DOCUMENT NO. 21-0055
14
______________________________________________________________________________________
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Revision History
REVISION NUMBER 0 1 REVISION DATE 10/08 4/09 Initial release. Correct Features for THD+N, style edits DESCRIPTION PAGES CHANGED -- 1, 2, 3, 15
MAX13330/MAX13331
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 15
(c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX1333009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X