Part Number Hot Search : 
4BXXX CH1838 FFSNC1 BN5983 150N06 AS15301 124SIL KMB110S
Product Description
Full Text Search
 

To Download MAX11614EEE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4561; Rev 1; 7/09
KIT ATION EVALU BLE AVAILA
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
General Description
The MAX11612-MAX11617 low-power, 12-bit, multichannel analog-to-digital converters (ADCs) feature internal track/hold (T/H), voltage reference, clock, and an I2C-compatible 2-wire serial interface. These devices operate from a single supply of 2.7V to 3.6V (MAX11613/MAX11615/MAX11617) or 4.5V to 5.5V (MAX11612/MAX11614/MAX11616) and require only 670A at the maximum sampling rate of 94.4ksps. Supply current falls below 230A for sampling rates under 46ksps. AutoShutdownTM powers down the devices between conversions, reducing supply current to less than 1A at low throughput rates. The MAX11612/MAX11613 have 4 analog input channels each, the MAX11614/MAX11615 have 8 analog input channels each, while the MAX11616/MAX11617 have 12 analog input channels each. The fully differential analog inputs are software configurable for unipolar or bipolar, and single-ended or differential operation. The full-scale analog input range is determined by the internal reference or by an externally applied reference voltage ranging from 1V to V DD . The MAX11613/ MAX11615/MAX11617 feature a 2.048V internal reference and the MAX11612/MAX11614/MAX11616 feature a 4.096V internal reference. The MAX11612/MAX11613 are available in an 8-pin MAX(R) package. The MAX11614-MAX11617 are available in a 16-pin QSOP package. The MAX11612- MAX11617 are guaranteed over the extended temperature range (-40C to +85C). For pin-compatible 10-bit parts, refer to the MAX11606-MAX11611 data sheet. For pin-compatible 8-bit parts, refer to the MAX11600- MAX11605 data sheet.
Features
o High-Speed I2C-Compatible Serial Interface o o o o o o o o o 400kHz Fast Mode 1.7MHz High-Speed Mode Single-Supply 2.7V to 3.6V (MAX11613/MAX11615/MAX11617) 4.5V to 5.5V (MAX11612/MAX11614/MAX11616) Internal Reference 2.048V (MAX11613/MAX11615/MAX11617) 4.096V (MAX11612/MAX11614/MAX11616) External Reference: 1V to VDD Internal Clock 4-Channel Single-Ended or 2-Channel Fully Differential (MAX11612/MAX11613) 8-Channel Single-Ended or 4-Channel Fully Differential (MAX11614/MAX11615) 12-Channel Single-Ended or 6-Channel Fully Differential (MAX11616/MAX11617) Internal FIFO with Channel-Scan Mode Low Power 670A at 94.4ksps 230A at 40ksps 60A at 10ksps 6A at 1ksps 0.5A in Power-Down Mode Software-Configurable Unipolar/Bipolar Small Packages 8-Pin MAX (MAX11612/MAX11613) 16-Pin QSOP (MAX11614-MAX11617)
MAX11612-MAX11617
o o
Applications
Handheld Portable Applications Medical Instruments Battery-Powered Test Equipment Solar-Powered Remote Systems Received-Signal-Strength Indicators System Supervision
PART MAX11612EUA+ MAX11613EUA+ MAX11614EEE+ MAX11615EEE+ MAX11616EEE+
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 8 MAX 8 MAX 16 QSOP 16 QSOP 16 QSOP I2C SLAVE ADDRESS 0110100 0110100 0110011 0110011 0110101
MAX11617EEE+ -40C to +85C 16 QSOP 0110101 +Denotes a lead(Pb)-free/RoHs-compliant package.
AutoShutdown is a trademark of Maxim Integrated Products, Inc. MAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations, Typical Operating Circuit, and Selector Guide appear at end of data sheet.
1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
ABSOLUTE MAXIMUM RATINGS
VDD to GND ..............................................................-0.3V to +6V AIN0-AIN11, REF to GND ............-0.3V to the lower of (VDD + 0.3V) and 6V SDA, SCL to GND.....................................................-0.3V to +6V Maximum Current into Any Pin .........................................50mA Continuous Power Dissipation (TA = +70C) 8-Pin MAX (derate 4.5mW/C above +70C) .............362mW 16-Pin QSOP (derate 8.3mW/C above +70C)........666.7mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.)
PARAMETER DC ACCURACY (Note 1) Resolution Relative Accuracy Differential Nonlinearity Offset Error Offset-Error Temperature Coefficient Gain Error Gain-Temperature Coefficient Channel-to-Channel Offset Matching Channel-to-Channel Gain Matching DYNAMIC PERFORMANCE (fIN(SINE-WAVE) = 10kHz, VIN(P-P) = VREF, fSAMPLE = 94.4ksps) Signal-to-Noise Plus Distortion Total Harmonic Distortion Spurious-Free Dynamic Range Full-Power Bandwidth Full-Linear Bandwidth CONVERSION RATE Conversion Time (Note 4) tCONV Internal clock External clock 10.6 7.5 s SINAD THD SFDR SINAD > 68dB -3dB point Up to the 5th harmonic 70 -78 78 3 5 dB dB dB MHz MHz Relative to FSR (Note 3) Relative to FSR 0.3 0.1 0.1 0.3 4 INL DNL (Note 2) No missing codes over temperature 12 1 1 4 Bits LSB LSB LSB ppm/C LSB ppm/C LSB LSB SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.)
PARAMETER SYMBOL CONDITIONS Internal clock, SCAN[1:0] = 01 Throughput Rate fSAMPLE Internal clock, SCAN[1:0] = 00 CS[3:0] = 1011 (MAX11616/MAX11617) External clock Track/Hold Acquisition Time Internal Clock Frequency Aperture Delay (Note 5) ANALOG INPUT (AIN0-AIN11) Input-Voltage Range, SingleEnded and Differential (Note 6) Input Multiplexer Leakage Current Input Capacitance INTERNAL REFERENCE (Note 7) Reference Voltage Reference-Voltage Temperature Coefficient REF Short-Circuit Current REF Source Impedance EXTERNAL REFERENCE REF Input-Voltage Range REF Input Current Input-High Voltage Input-Low Voltage Input Hysteresis Input Current Input Capacitance Output Low Voltage VREF IREF VIH VIL VHYST IIN CIN VOL ISINK = 3mA VIN = 0 to VDD 15 0.4 0.1
MAX11612-MAX11617
MIN
TYP 51 51 94.4
MAX
UNITS
ksps
800 2.8 tAD External clock, fast mode External clock, high-speed mode Unipolar Bipolar ON/OFF leakage current, VAIN_ = 0 or VDD CIN MAX11613/MAX11615/MAX11617 MAX11612/MAX11614/MAX11616 1.968 3.936 0 0 0.01 22 2.048 4.096 25 2 1.5 (Note 8) fSAMPLE = 94.4ksps 0.7 VDD 0.3 VDD VDD 10 1 VDD 40 2.128 4.256 60 30 VREF VREF/2 1
ns MHz ns
V A pF
VREF TCVREF
TA = +25C
V ppm/C mA k V A V V V A pF V
DIGITAL INPUTS/OUTPUTS (SCL, SDA)
_______________________________________________________________________________________
3
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.)
PARAMETER POWER REQUIREMENTS Supply Voltage VDD MAX11613/MAX11615/MAX11617 MAX11612/MAX11614/MAX11616 fSAMPLE = 94.4ksps external clock fSAMPLE = 40ksps internal clock Supply Current IDD fSAMPLE = 10ksps internal clock fSAMPLE =1ksps internal clock Power-Supply Rejection Ratio PSRR Full-scale input (Note 9) Internal reference External reference Internal reference External reference Internal reference External reference Internal reference External reference 2.7 4.5 900 670 530 230 380 60 330 6 0.5 0.5 10 2.0 LSB/V A 3.6 5.5 1150 900 V SYMBOL CONDITIONS MIN TYP MAX UNITS
Shutdown (internal REF off)
TIMING CHARACTERISTICS (Figure 1)
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.)
PARAMETER Serial-Clock Frequency Bus Free Time Between a STOP (P) and a START (S) Condition Hold Time for START (S) Condition Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition (Sr) Data Hold Time (Note 10) Data Setup Time Rise Time of Both SDA and SCL Signals, Receiving Fall Time of SDA Transmitting Setup Time for STOP (P) Condition Capacitive Load for Each Bus Line Pulse Width of Spike Suppressed SYMBOL fSCL tBUF tHD, STA tLOW tHIGH tSU, STA tHD, DAT tSU, DAT tR tF tSU, STO CB tSP Measured from 0.3VDD - 0.7VDD Measured from 0.3VDD - 0.7VDD (Note 11) 1.3 0.6 1.3 0.6 0.6 0 100 20 + 0.1CB 20 + 0.1CB 0.6 400 50 300 300 900 CONDITIONS MIN TYP MAX 400 UNITS kHz s s s s s ns ns ns ns s pF ns
TIMING CHARACTERISTICS FOR FAST MODE
4
_______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
TIMING CHARACTERISTICS (Figure 1) (continued)
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.)
PARAMETER Serial-Clock Frequency Hold Time, Repeated START Condition (Sr) Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition (Sr) Data Hold Time Data Setup Time Rise Time of SCL Signal (Current Source Enabled) Rise Time of SCL Signal After Acknowledge Bit Fall Time of SCL Signal Rise Time of SDA Signal Fall Time of SDA Signal Setup Time for STOP (P) Condition Capacitive Load for Each Bus Line Pulse Width of Spike Suppressed SYMBOL fSCLH tHD, STA tLOW tHIGH tSU, STA tHD, DAT tSU, DAT tRCL tRCL1 tFCL tRDA tFDA tSU, STO CB tSP (Notes 10 and 13) 0 Measured from 0.3VDD - 0.7VDD Measured from 0.3VDD - 0.7VDD Measured from 0.3VDD - 0.7VDD Measured from 0.3VDD - 0.7VDD (Note 11) (Note 10) (Note 13) 160 320 120 160 0 10 20 20 20 20 20 160 400 10 80 160 80 160 160 150 CONDITIONS MIN TYP MAX 1.7 UNITS MHz ns ns ns ns ns ns ns ns ns ns ns ns pF ns TIMING CHARACTERISTICS FOR HIGH-SPEED MODE (CB = 400pF, Note 12)
MAX11612-MAX11617
Note 1: For DC accuracy, the MAX11612/MAX11614/MAX11616 are tested at VDD = 5V and the MAX11613/MAX11615/MAX11617 are tested at VDD = 3V. All devices are configured for unipolar, single-ended inputs. Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and offsets have been calibrated. Note 3: Offset nulled. Note 4: Conversion time is defined as the number of clock cycles needed for conversion multiplied by the clock period. Conversion time does not include acquisition time. SCL is the conversion clock in the external clock mode. Note 5: A filter on the SDA and SCL inputs suppresses noise spikes and delays the sampling instant. Note 6: The absolute input-voltage range for the analog inputs (AIN0-AIN11) is from GND to VDD. Note 7: When the internal reference is configured to be available at AIN_/REF (SEL[2:1] = 11), decouple AIN_/REF to GND with a 0.1F capacitor and a 2k series resistor (see the Typical Operating Circuit). Note 8: ADC performance is limited by the converter's noise floor, typically 300VP-P. Note 9: Measured as for the MAX11613/MAX11615/MAX11617:
2N - 1 [VFS (3.6V) - VFS (2.7V)] x VREF (3.6V - 2.7V)
_______________________________________________________________________________________
5
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
TIMING CHARACTERISTICS (Figure 1) (continued)
(VDD = 2.7V to 3.6V (MAX11613/MAX11615/MAX11617), VDD = 4.5V to 5.5V (MAX11612/MAX11614/MAX11616), VREF = 2.048V (MAX11613/MAX11615/MAX11617), VREF = 4.096V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, see Tables 1-5 for programming notation.) and for the MAX11612/MAX11614/MAX11616, where N is the number of bits:
2N - 1 [VFS (5.5V) - VFS (4.5V)] x VREF (5.5V - 4.5V)
Note 10: A master device must provide a data hold time for SDA (referred to VIL of SCL) to bridge the undefined region of SCL's falling edge (see Figure 1). Note 11: The minimum value is specified at TA = +25C. Note 12: CB = total capacitance of one bus line in pF. Note 13: fSCL must meet the minimum clock low time plus the rise/fall times.
Typical Operating Characteristics
(VDD = 3.3V (MAX11613/MAX11615/MAX11617), VDD = 5V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, (50% duty cycle), fSAMPLE = 94.4ksps, single-ended, unipolar, TA = +25C, unless otherwise noted.)
DIFFERENTIAL NONLINEARITY vs. DIGITAL CODE
MAX11612 toc01
INTEGRAL NONLINEARITY vs. DIGITAL CODE
MAX11612 toc02
FFT PLOT
fSAMPLE = 94.4ksps fIN = 10kHz
MAX11612 toc03
0.5 0.4 0.3 0.2 DNL (LSB) 0.1 0 0.1 -0.2 -0.3 -0.4 -0.5 0
1.0 0.8 0.6 0.4 INL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
-60 -80 AMPLITUDE (dBc) -100 -120 -140 -160 -180
500 1000 1500 2000 2500 3000 3500 4000 DIGITAL OUTPUT CODE
0
500 1000 1500 2000 2500 3000 3500 4000 DIGITAL OUTPUT CODE
0
10k
20k
30k
40k
50k
FREQUENCY (Hz)
SUPPLY CURRENT vs. TEMPERATURE
MAX11612 toc04
SHUTDOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX11612 toc05
SHUTDOWN SUPPLY CURRENT vs. TEMPERATURE
0.45 0.40 SUPPLY CURRENT (A) 0.35 0.30 0.25 0.20 0.15 0.10 0.05 MAX11617/MAX11615/MAX11613 MAX11616/MAX11614/MAX11612
MAX11612 toc06
800 750 700 SUPPLY CURRENT (A) 650 600 550 500 450 400 350 300 EXTERNAL REFERENCE MAX11617/MAX11615/ MAX11613 -40 -25 -10 5 20 35 50 65 80 TEMPERATURE (C) INTERNAL REFERENCE MAX11617/MAX11615/ MAX11613 EXTERNAL REFERENCE MAX11616/MAX11614/ MAX11612 INTERNAL REFERENCE MAX11616/MAX11614/ MAX11612 SETUP BYTE EXT REF: 10111011 INT REF: 11011011
0.6 SDA = SCL = VDD 0.5 0.4 IDD (A) 0.3 0.2 0.1 0 2.7 3.2 3.7 4.2 4.7 5.2 SUPPLY VOLTAGE (V)
0.50
0 -40 -25 -10 5 20 35 50 65 80 TEMPERATURE (C)
6
_______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Typical Operating Characteristics (continued)
(VDD = 3.3V (MAX11613/MAX11615/MAX11617), VDD = 5V (MAX11612/MAX11614/MAX11616), fSCL = 1.7MHz, (50% duty cycle), fSAMPLE = 94.4ksps, single-ended, unipolar, TA = +25C, unless otherwise noted.)
AVERAGE SUPPLY CURRENT vs. CONVERSION RATE (EXTERNAL CLOCK)
800 750 700 650 600 550 500 450 400 350 300 250 200 0
MAX11612 toc07
MAX11612-MAX11617
AVERAGE SUPPLY CURRENT vs. CONVERSION RATE (EXTERNAL CLOCK)
MAX11612 toc08
INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE
1.0008 1.0006 VREF NORMALIZED 1.0004 1.0002 1.0000 0.9998 0.9996 0.9994 MAX11617/MAX11615/MAX11613 NORMALIZED TO VALUE AT TA = +25C MAX11616/MAX11614/MAX11612
MAX11612 toc09
800 700 AVERAGE IDD (A) 600 500 400 300 B A) INTERNAL REFERENCE ALWAYS ON B) EXTERNAL REFERENCE A
1.0010
A) INTERNAL REFERENCE ALWAYS ON B) EXTERNAL REFERENCE
A
AVERAGE IDD (A)
B
MAX11616/MAX11614/MAX11612 200 10 20 30 40 50 60 70 80 90 100 CONVERSION RATE (ksps) 0 20
MAX11617/MAX11615/MAX11613 40 60 80 100
0.9992 0.9990 -40 -25 -10 5 20 35 50 65 80
CONVERSION RATE (ksps)
TEMPERATURE (C)
NORMALIZED REFERENCE VOLTAGE vs. SUPPLY VOLTAGE
1.00008 1.00006 1.00004 VREF (V) 1.00002 1.00000 0.99998 0.99996 0.99994 0.99992 0.99990 MAX11617/MAX11615/MAX11613 NORMALIZED TO REFERENCE VALUE AT VDD = 3.3V 2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 VDD (V) MAX11616/MAX11614/MAX11612 NORMALIZED TO REFERENCE VALUE AT VDD = 5V
MAX11612 toc10
OFFSET ERROR vs. TEMPERATURE
MAX11612 toc11
OFFSET ERROR vs. SUPPLY VOLTAGE
1.6 1.2 OFFSET ERROR (LSB) 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0
MAX11612 toc12
1.00010
0 -0.1 -0.2 OFFSET ERROR (LSB) -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 -40 -25 -10 5 20 35 50 65 80 TEMPERATURE (C)
2.0
2.7
3.2
3.7
4.2 VDD (V)
4.7
5.2 5.5
GAIN ERROR vs. TEMPERATURE
MAX11612 toc13
GAIN ERROR vs. SUPPLY VOLTAGE
1.6 1.2 GAIN ERROR (LSB) 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0
MAX11612 toc14
2.0 1.8 1.6 GAIN ERROR (LSB) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -25 -10 5 20 35 50 65 80 TEMPERATURE (C)
2.0
2.7
3.2
3.7
4.2 VDD (V)
4.7
5.2 5.5
_______________________________________________________________________________________
7
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Pin Description
PIN MAX11612 MAX11613 1, 2, 3 -- -- 4 -- -- 5 6 7 8 -- MAX11614 MAX11615 5, 6, 7 8-12 -- -- 1 -- 13 14 15 16 2, 3, 4 MAX11616 MAX11617 5, 6, 7 8-12 4, 3, 2 -- -- 1 13 14 15 16 -- NAME AIN0, AIN1, AIN2 AIN3-AIN7 AIN8, AIN9, AIN10 AIN3/REF REF AIN11/REF SCL SDA GND VDD N.C. Analog Input 3/Reference Input or Output. Selected in the setup register (see Tables 1 and 6). Reference Input or Output. Selected in the setup register (see Tables 1 and 6). Analog Input 11/Reference Input or Output. Selected in the setup register (see Tables 1 and 6). Clock Input Data Input/Output Ground Positive Supply. Bypass to GND with a 0.1F capacitor. No Connection. Not internally connected. Analog Inputs FUNCTION
A. F/S-MODE 2-WIRE SERIAL-INTERFACE TIMING
tR
tF
t
SDA
tSU.DAT tLOW
tHD.DAT tSU.STA
tHD.STA tSU.STO
tBUF
SCL
tHD.STA tR S B. HS-MODE 2-WIRE SERIAL-INTERFACE TIMING
tHIGH tF Sr A tRDA P S tFDA
SDA
tSU.DAT tLOW
tHD.DAT tSU.STA
tHD.STA
tBUF tSU.STO
SCL
tHD.STA tRCL S
tHIGH tFCL Sr HS MODE A tRCL1 P S F/S MODE
Figure 1. 2-Wire Serial-Interface Timing
8 _______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
SDA SCL INPUT SHIFT REGISTER VDD SETUP REGISTER GND CONFIGURATION REGISTER CONTROL LOGIC INTERNAL OSCILLATOR
AIN0 AIN1 AIN2 AIN3 AIN4 AIN5 AIN6 AIN7 AIN8 AIN9 AIN10 AIN11/REF
T/H
12-BIT ADC
OUTPUT SHIFT REGISTER AND RAM
ANALOG INPUT MUX
REF
REFERENCE 4.096V (MAX11616) 2.048V (MAX11617)
MAX11616 MAX11617
Figure 2. MAX11616/MAX11617 Simplified Functional Diagram
VDD IOL
2-wire serial interface supporting data rates up to 1.7MHz. Figure 2 shows the simplified internal structure for the MAX11616/MAX11617.
Power Supply
SDA VOUT 400pF IOH
The MAX11612-MAX11617 operate from a single supply and consume 670A (typ) at sampling rates up to 94.4ksps. The MAX11613/MAX11615/MAX11617 feature a 2.048V internal reference and the MAX11612/ MAX11614/MAX11616 feature a 4.096V internal reference. All devices can be configured for use with an external reference from 1V to VDD.
Analog Input and Track/Hold
Figure 3. Load Circuit
Detailed Description
The MAX11612-MAX11617 analog-to-digital converters (ADCs) use successive-approximation conversion techniques and fully differential input track/hold (T/H) circuitry to capture and convert an analog signal to a serial 12-bit digital output. The MAX11612/MAX11613 are 4-channel ADCs, the MAX11614/MAX11615 are 8-channel ADCs, and the MAX11616/MAX11617 are 12-channel ADCs. These devices feature a high-speed,
The MAX11612-MAX11617 analog-input architecture contains an analog-input multiplexer (mux), a fully differential track-and-hold (T/H) capacitor, T/H switches, a comparator, and a fully differential switched capacitive digital-to-analog converter (DAC) (Figure 4). In single-ended mode, the analog input multiplexer connects C T/H between the analog input selected by CS[3:0] (see the Configuration/Setup Bytes (Write Cycle) section) and GND (Table 3). In differential mode, the analog-input multiplexer connects CT/H to the + and analog inputs selected by CS[3:0] (Table 4).
9
_______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
During the acquisition interval, the T/H switches are in the track position and CT/H charges to the analog input signal. At the end of the acquisition interval, the T/H switches move to the hold position retaining the charge on CT/H as a stable sample of the input signal. During the conversion interval, the switched capacitive DAC adjusts to restore the comparator input voltage to 0V within the limits of a 12-bit resolution. This action requires 12 conversion clock cycles and is equivalent to transferring a charge of 11pF (VIN+ - VIN-) from CT/H to the binary weighted capacitive DAC, forming a digital representation of the analog input signal. Sufficiently low source impedance is required to ensure an accurate sample. A source impedance of up to 1.5k does not significantly degrade sampling accuracy. To minimize sampling errors with higher source impedances, connect a 100pF capacitor from the analog input to GND. This input capacitor forms an RC filter with the source impedance limiting the analog-input bandwidth. For larger source impedances, use a buffer amplifier to maintain analog-input signal integrity and bandwidth. When operating in internal clock mode, the T/H circuitry enters its tracking mode on the eighth rising clock edge of the address byte, see the Slave Address section. The T/H circuitry enters hold mode on the falling clock edge of the acknowledge bit of the address byte (the ninth clock pulse). A conversion or a series of conversions is then internally clocked and the MAX11612-MAX11617 holds SCL low. With external clock mode, the T/H circuitry enters track mode after a valid address on the rising edge of the clock during the read (R/W = 1) bit. Hold mode is then entered on the rising edge of the second clock pulse during the shifting out of the first byte of the result. The conversion is performed during the next 12 clock cycles. The time required for the T/H circuitry to acquire an input signal is a function of the input sample capacitance. If the analog-input source impedance is high, the acquisition time constant lengthens and more time must be allowed between conversions. The acquisition time (tACQ) is the minimum time needed for the signal to be acquired. It is calculated by: tACQ 9 (RSOURCE + RIN) CIN where RSOURCE is the analog-input source impedance, RIN = 2.5k, and CIN = 22pF. tACQ is 1.5/fSCL for internal clock mode and tACQ = 2/fSCL for external clock mode.
Analog Input Bandwidth
The MAX11612-MAX11617 feature input-tracking circuitry with a 5MHz small-signal bandwidth. The 5MHz input bandwidth makes it possible to digitize high-speed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using under sampling techniques. To avoid high-frequency signals being aliased into the frequency band of interest, anti-alias filtering is recommended.
Analog Input Range and Protection
Internal protection diodes clamp the analog input to VDD and GND. These diodes allow the analog inputs to
ANALOG INPUT MUX AIN0
HOLD
REF CT/H
TRACK
AIN1
TRACK
AIN2
HOLD
TRACK
HOLD
CAPACITIVE DAC
VDD/2
AIN3/REF
TRACK
HOLD
TRACK
GND CT/H REF
CAPACITIVE DAC
HOLD
MAX11612 MAX11613
Figure 4. Equivalent Input Circuit
10 ______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
swing from (GND - 0.3V) to (VDD + 0.3V) without causing damage to the device. For accurate conversions, the inputs must not go more than 50mV below GND or above VDD. SCL is stable are considered control signals (see the START and STOP Conditions section). Both SDA and SCL remain high when the bus is not busy.
MAX11612-MAX11617
Single-Ended/Differential Input
The SGL/DIF of the configuration byte configures the MAX11612-MAX11617 analog-input circuitry for singleended or differential inputs (Table 2). In single-ended mode (SGL/DIF = 1), the digital conversion results are the difference between the analog input selected by CS[3:0] and GND (Table 3). In differential mode (SGL/ DIF = 0), the digital conversion results are the difference between the + and the - analog inputs selected by CS[3:0] (Table 4).
START and STOP Conditions The master initiates a transmission with a START condition (S), a high-to-low transition on SDA while SCL is high. The master terminates a transmission with a STOP condition (P), a low-to-high transition on SDA while SCL is high (Figure 5). A repeated START condition (Sr) can be used in place of a STOP condition to leave the bus active and the interface mode unchanged (see the HS Mode section).
S Sr P
Unipolar/Bipolar
When operating in differential mode, the BIP/UNI bit of the set-up byte (Table 1) selects unipolar or bipolar operation. Unipolar mode sets the differential input range from 0 to VREF. A negative differential analog input in unipolar mode causes the digital output code to be zero. Selecting bipolar mode sets the differential input range to VREF/2. The digital output code is binary in unipolar mode and two's complement in bipolar mode. See the Transfer Functions section. In single-ended mode, the MAX11612-MAX11617 always operates in unipolar mode irrespective of BIP/UNI. The analog inputs are internally referenced to GND with a full-scale input range from 0 to VREF.
SDA
SCL
Figure 5. START and STOP Conditions
2-Wire Digital Interface
The MAX11612-MAX11617 feature a 2-wire interface consisting of a serial-data line (SDA) and serial-clock line (SCL). SDA and SCL facilitate bidirectional communication between the MAX11612-MAX11617 and the master at rates up to 1.7MHz. The MAX11612-MAX11617 are slaves that transfer and receive data. The master (typically a microcontroller) initiates data transfer on the bus and generates the SCL signal to permit that transfer. SDA and SCL must be pulled high. This is typically done with pullup resistors (750 or greater) (see the Typical Operating Circuit). Series resistors (RS) are optional. They protect the input architecture of the MAX11612- MAX11617 from high voltage spikes on the bus lines and minimize crosstalk and undershoot of the bus signals.
Acknowledge Bits Data transfers are acknowledged with an acknowledge bit (A) or a not-acknowledge bit (A). Both the master and the MAX11612-MAX11617 (slave) generate acknowledge bits. To generate an acknowledge, the receiving device must pull SDA low before the rising edge of the acknowledge-related clock pulse (ninth pulse) and keep it low during the high period of the clock pulse (Figure 6). To generate a not-acknowledge, the receiver allows SDA to be pulled high before the rising edge of the acknowledge-related clock pulse and leaves SDA high during the high period of the clock pulse. Monitoring the acknowledge bits allows for detection of unsuccessful data transfers. An unsuccessful data transfer happens if a receiving device is busy or if a system fault has occurred. In the event of an unsuccessful data transfer, the bus master should reattempt communication at a later time.
S NOT ACKNOWLEDGE
SDA
Bit Transfer One data bit is transferred during each SCL clock cycle. A minimum of 18 clock cycles are required to transfer the data in or out of the MAX11612-MAX11617. The data on SDA must remain stable during the high period of the SCL clock pulse. Changes in SDA while
ACKNOWLEDGE SCL 1 2 8 9
Figure 6. Acknowledge Bits
______________________________________________________________________________________
11
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Slave Address A bus master initiates communication with a slave device by issuing a START condition followed by a slave address. When idle, the MAX11612-MAX11617 continuously wait for a START condition followed by their slave address. When the MAX11612-MAX11617 recognize their slave address, they are ready to accept or send data. See the Ordering Information for the factory programmed slave address of the selected device. The least significant bit (LSB) of the address byte (R/W) determines whether the master is writing to or reading from the MAX11612-MAX11617 (R/W = 0 selects a write condition, R/W = 1 selects a read condition). After receiving the address, the MAX11612-MAX11617 (slave) issues an acknowledge by pulling SDA low for one clock cycle. Bus Timing At power-up, the MAX11612-MAX11617 bus timing is set for fast-mode (F/S mode), which allows conversion rates up to 22.2ksps. The MAX11612-MAX11617 must operate in high-speed mode (HS mode) to achieve conversion rates up to 94.4ksps. Figure 1 shows the bus timing for the MAX11612-MAX11617's 2-wire interface. HS Mode At power-up, the MAX11612-MAX11617 bus timing is set for F/S mode. The bus master selects HS mode by addressing all devices on the bus with the HS-mode master code 0000 1XXX (X = don't care). After successfully receiving the HS-mode master code, the MAX11612-MAX11617 issue a not-acknowledge, allowing SDA to be pulled high for one clock cycle (Figure 8). After the not-acknowledge, the MAX11612-MAX11617 are in HS mode. The bus master must then send a repeated START followed by a slave address to initiate HS mode communication. If the master generates a STOP condition, the MAX11612-MAX11617 return to F/S mode.
MAX11612/MAX11613 S 0 1 1
SLAVE ADDRESS 0 1 0 0 R/W A
SDA
SCL
1
2
3
4
5
6
7
8
9
SEE ORDERING INFORMATION FOR SLAVE ADDRESS OPTIONS AND DETAILS.
Figure 7. MAX11612/MAX11613 Slave Address Byte
HS-MODE MASTER CODE S 0 0 0 0 1 X X X A Sr
SDA
SCL
F/S MODE
HS MODE
Figure 8. F/S-Mode to HS-Mode Transfer
12 ______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Configuration/Setup Bytes (Write Cycle) A write cycle begins with the bus master issuing a START condition followed by seven address bits (Figure 7) and a write bit (R/W = 0). If the address byte is successfully received, the MAX11612-MAX11617 (slave) issues an acknowledge. The master then writes to the slave. The slave recognizes the received byte as the set-up byte (Table 1) if the most significant bit (MSB) is 1. If the MSB is 0, the slave recognizes that byte as the
configuration byte (Table 2). The master can write either one or two bytes to the slave in any order (setup byte, then configuration byte; configuration byte, then setup byte; setup byte or configuration byte only; Figure 9). If the slave receives a byte successfully, it issues an acknowledge. The master ends the write cycle by issuing a STOP condition or a repeated START condition. When operating in HS mode, a STOP condition returns the bus into F/S mode (see the HS Mode section).
MAX11612-MAX11617
MASTER TO SLAVE SLAVE TO MASTER A. ONE-BYTE WRITE CYCLE 1 S 7 SLAVE ADDRESS 11 WA 8 1 1 NUMBER OF BITS
SETUP OR A P or Sr CONFIGURATION BYTE
MSB DETERMINES WHETHER SETUP OR CONFIGURATION BYTE B. TWO-BYTE WRITE CYCLE 1 S 7 SLAVE ADDRESS 11 8 1 A 8 1 1 NUMBER OF BITS
SETUP OR WA CONFIGURATION BYTE
SETUP OR A P or Sr CONFIGURATION BYTE
MSB DETERMINES WHETHER SETUP OR CONFIGURATION BYTE
Figure 9. Write Cycle
Table 1. Setup Byte Format
BIT 7 (MSB) REG BIT 7 6 5 4 3 2 1 0 BIT 6 SEL2 NAME REG SEL2 SEL1 SEL0 CLK BIP/UNI RST X BIT 5 SEL1 BIT 4 SEL0 BIT 3 CLK BIT 2 BIP/UNI BIT 1 RST BIT 0 (LSB) X
DESCRIPTION Register bit. 1 = setup byte, 0 = configuration byte (Table 2). Three bits select the reference voltage and the state of AIN_/REF (MAX11612/MAX11613/MAX11616/MAX11617) or REF (MAX11614/MAX11615) (Table 6). Default to 000 at power-up. 1 = external clock, 0 = internal clock. Defaults to 0 at power-up. 1 = bipolar, 0 = unipolar. Defaults to 0 at power-up (see the Unipolar/Bipolar section). 1 = no action, 0 = resets the configuration register to default. Setup register remains unchanged. Don't-care bit. This bit can be set to 1 or 0.
______________________________________________________________________________________
13
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Table 2. Configuration Byte Format
BIT 7 (MSB) REG BIT 7 6 5 4 3 2 1 0 BIT 6 SCAN1 NAME REG SCAN1 SCAN0 CS3 CS2 CS1 CS0 SGL/DIF 1 = single-ended, 0 = differential (Tables 3 and 4). Defaults to 1 at power-up. See the SingleEnded/Differential Input section. Channel select bits. Four bits select which analog input channels are to be used for conversion (Tables 3 and 4). Default to 0000 at power-up. For the MAX11612/MAX11613, CS3 and CS2 are internally set to 0. For the MAX11614/MAX11615, CS3 is internally set to 0. BIT 5 SCAN0 BIT 4 CS3 BIT 3 CS2 BIT 2 CS1 BIT 1 CS0 BIT 0 (LSB) SGL/DIF
DESCRIPTION Register bit. 1 = setup byte (see Table 1), 0 = configuration byte. Scan select bits. Two bits select the scanning configuration (Table 5). Default to 00 at power-up.
Table 3. Channel Selection in Single-Ended Mode (SGL/DIF = 1)
CS31 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 CS21 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 CS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 CS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 RESERVED RESERVED RESERVED RESERVED AIN0 + + + + + + + + + + + + AIN1 AIN2 AIN32 AIN4 AIN5 AIN6 AIN7 AIN8 AIN9 AIN10 AIN112 GND -
1For the MAX11612/MAX11613, CS3 and CS2 are internally set to 0. For the MAX11614/MAX11615, CS3 is internally set to 0. 2When SEL1 = 1, a single-ended read of AIN3/REF (MAX11612/MAX11613) or AIN11/REF (MAX11616/MAX11617) is ignored; scan
stops at AIN2 or AIN10. This does not apply to the MAX11614/MAX11615 as each provides separate pins for AIN7 and REF.
14
______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Table 4. Channel Selection in Differential Mode (SGL/DIF = 0)
CS31 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 CS21 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 CS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 CS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 RESERVED RESERVED RESERVED RESERVED AIN0 + AIN1 + + + + + + + + + + + AIN2 AIN32 AIN4 AIN5 AIN6 AIN7 AIN8 AIN9 AIN10 AIN112
1For the MAX11612/MAX11613, CS3 and CS2 are internally set to 0. For the MAX11614/MAX11615, CS3 is internally set to 0. 2 When SEL1 = 1, a differential read between AIN2 and AIN3/REF (MAX11612/MAX11613) or AIN10 and AIN11/REF
(MAX11616/MAX11617) returns the difference between GND and AIN2 or AIN10, respectively. For example, a differential read of 1011 returns the negative difference between AIN10 and GND. This does not apply to the MAX11614/MAX11615 as each provides separate pins for AIN7 and REF. In differential scanning, the address increments by 2 until the limit set by CS3-CS1 has been reached.
Data Byte (Read Cycle) A read cycle must be initiated to obtain conversion results. Read cycles begin with the bus master issuing a START condition followed by seven address bits and a read bit (R/W = 1). If the address byte is successfully received, the MAX11612-MAX11617 (slave) issues an acknowledge. The master then reads from the slave. The result is transmitted in two bytes; first four bits of the first byte are high, then MSB through LSB are consecutively clocked out. After the master has received the byte(s), it can issue an acknowledge if it wants to continue reading or a not-acknowledge if it no longer wishes to read. If the MAX11612-MAX11617 receive a not-acknowledge, they release SDA, allowing the master to generate a STOP or a repeated START condition. See the Clock Modes and Scan Mode sections for detailed information on how data is obtained and converted. Clock Modes The clock mode determines the conversion clock and the data acquisition and conversion time. The clock mode also affects the scan mode. The state of the setup byte's CLK bit determines the clock mode (Table 1). At power-up, the MAX11612-MAX11617 are defaulted to internal clock mode (CLK = 0).
Internal Clock When configured for internal clock mode (CLK = 0), the MAX11612-MAX11617 use their internal oscillator as the conversion clock. In internal clock mode, the MAX11612- MAX11617 begin tracking the analog input after a valid address on the eighth rising edge of the clock. On the falling edge of the ninth clock, the analog signal is acquired and the conversion begins. While converting the analog input signal, the MAX11612-MAX11617 holds SCL low (clock stretching). After the conversion completes, the results are stored in internal memory. If the scan mode is set for multiple conversions, they all happen in succession with each additional result stored in memory. The MAX11612/ MAX11613 contain four 12-bit blocks of memory, the MAX11614/MAX11615 contain eight 12-bit blocks of memory, and the MAX11616/MAX11617 contain twelve 12-bit blocks of memory. Once all conversions are complete, the MAX11612-MAX11617 release SCL, allowing it to be pulled high. The master can now clock the results out of the memory in the same order the scan conversion has been done at a clock rate of up to 1.7MHz. SCL is stretched for a maximum of 8.3s per channel (see Figure 10). The device memory contains all of the conversion results when the MAX11612-MAX11617 release SCL.
15
______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
MASTER TO SLAVE SLAVE TO MASTER
A. SINGLE CONVERSION WITH INTERNAL CLOCK 1 S 7 SLAVE ADDRESS tACQ tCONV 11 RA CLOCK STRETCH 8 RESULT 4 MSBs A 8 RESULT 8 LSBs 1 1 NUMBER OF BITS
A P or Sr
B. SCAN MODE CONVERSIONS WITH INTERNAL CLOCK 1 S 7 SLAVE ADDRESS tACQ1 tCONV1 11 RA CLOCK STRETCH CLOCK STRETCH 8 1 8 1 8 1 8 1 1 NUMBER OF BITS
RESULT 1 ( 4MSBs) A RESULT 1 (8 LSBs) A
RESULT N (4MSBs) A RESULT N (8LSBs) A P or Sr
tACQ2 tCONV2
tACQN tCONVN
Figure 10. Internal Clock Mode Read Cycles
The converted results are read back in a first-in-first-out (FIFO) sequence. If AIN_/REF is set to be a reference input or output (SEL1 = 1, Table 6), AIN_/REF is excluded from a multichannel scan. This does not apply to the MAX11614/MAX11615 as each provides separate pins for AIN7 and REF. The memory contents can be read continuously. If reading continues past the result stored in memory, the pointer wraps around and point to the first result. Note that only the current conversion results is read from memory. The device must be addressed with a read command to obtain new conversion results. The internal clock mode's clock stretching quiets the SCL bus signal reducing the system noise during
conversion. Using the internal clock also frees the bus master (typically a microcontroller) from the burden of running the conversion clock, allowing it to perform other tasks that do not need to use the bus.
External Clock When configured for external clock mode (CLK = 1), the MAX11612-MAX11617 use the SCL as the conversion clock. In external clock mode, the MAX11612- MAX11617 begin tracking the analog input on the ninth rising clock edge of a valid slave address byte. Two SCL clock cycles later, the analog signal is acquired and the conversion begins. Unlike internal clock mode,
MASTER TO SLAVE SLAVE TO MASTER
A. SINGLE CONVERSION WITH EXTERNAL CLOCK 1 S 7 SLAVE ADDRESS 11 RA 8 RESULT (4 MSBs) tACQ tCONV 1 A 8 RESULT (8 LSBs) 1 A 1 P OR Sr NUMBER OF BITS
B. SCAN MODE CONVERSIONS WITH EXTERNAL CLOCK 1 S 7 SLAVE ADDRESS 11 RA 8 RESULT 1 (4 MSBs) tACQ1 tCONV1 1 A 8 RESULT 2 (8 LSBs) 1 A tACQ2 8 RESULT N (4 MSBs) tACQN tCONVN 1 A 8 RESULT N (8 LSBs) 1 1 NUMBER OF BITS
A P OR Sr
Figure 11. External Clock Mode Read Cycle
16 ______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Table 5. Scanning Configuration
SCAN1 0 0 SCAN0 0 1 SCANNING CONFIGURATION Scans up from AIN0 to the input selected by CS3-CS0. When CS3-CS0 exceeds 1011, the scanning stops at AIN11. When AIN_/REF is set to be a REF input/output, scanning stops at AIN2 or AIN10. *Converts the input selected by CS3-CS0 eight times (see Tables 3 and 4). MAX11612/MAX11613: Scans upper half of channels. Scans up from AIN2 to the input selected by CS1 and CS0. When CS1 and CS0 are set for AIN0, AIN1, and AIN2, the only scan that takes place is AIN2 (MAX11612/MAX11613). When AIN/REF is set to be a REF input/output, scanning stops at AIN2. MAX11614/MAX11615: Scans upper quartile of channels. Scans up from AIN6 to the input selected by CS3-CS0. When CS3-CS0 is set for AIN0-AIN6, the only scan that takes place is AIN6 (MAX11614/MAX11615). MAX11616/MAX11617: Scans upper half of channels. Scans up from AIN6 to the input selected by CS3-CS0. When CS3-CS0 is set for AIN0-AIN6, the only scan that takes place is AIN6 (MAX11616/MAX11617). When AIN/REF is set to be a REF input/output, scanning stops at selected channel or AIN10. 1 1 *Converts channel selected by CS3-CS0.
MAX11612-MAX11617
1
0
*When operating in external clock mode, there is no difference between SCAN[1:0] = 01 and SCAN[1:0] = 11, and converting occurs perpetually until not-acknowledge occurs.
converted data is available immediately after the first four empty high bits. The device continuously converts input channels dictated by the scan mode until given a not acknowledge. There is no need to readdress the device with a read command to obtain new conversion results (see Figure 11). The conversion must complete in 1ms, or droop on the track-and-hold capacitor degrades conversion results. Use internal clock mode if the SCL clock period exceeds 60s. The MAX11612-MAX11617 must operate in external clock mode for conversion rates from 40ksps to 94.4ksps. Below 40ksps, internal clock mode is recommended due to much smaller power consumption.
Applications Information
Power-On Reset
The configuration and setup registers (Tables 1 and 2) default to a single-ended, unipolar, single-channel conversion on AIN0 using the internal clock with VDD as the reference and AIN_/REF configured as an analog input. The memory contents are unknown after power-up.
Scan Mode SCAN0 and SCAN1 of the configuration byte set the scan mode configuration. Table 5 shows the scanning configurations. If AIN_/REF is set to be a reference input or output (SEL1 = 1, Table 6), AIN_/REF is excluded from a multichannel scan. The scanned results are written to memory in the same order as the conversion. Read the results from memory in the order they were converted. Each result needs a 2-byte transmission; the first byte begins with four empty bits, during which SDA is left high. Each byte has to be acknowledged by the master or the memory transmission is terminated. It is not possible to read the memory independently of conversion.
Automatic Shutdown Automatic shutdown occurs between conversions when the MAX11612-MAX11617 are idle. All analog circuits participate in automatic shutdown except the internal reference due to its prohibitively long wake-up time. When operating in external clock mode, a STOP, notacknowledge, or repeated START condition must be issued to place the devices in idle mode and benefit from automatic shutdown. A STOP condition is not necessary in internal clock mode to benefit from automatic shutdown because power-down occurs once all conversion results are written to memory (Figure 10). When using an external reference or VDD as a reference, all analog circuitry is inactive in shutdown and supply current is less than 0.5A. The digital conversion results obtained in internal clock mode are maintained in memory during shutdown and are available for access through the serial interface at any time prior to a STOP or a repeated START condition.
17
______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Table 6. Reference Voltage, AIN_/REF, and REF Format
REFERENCE VOLTAGE VDD External reference Internal reference Internal reference Internal reference Internal reference AIN_/REF (MAX11612/ MAX11613/ MAX11616/ MAX11617) Analog input Reference input Analog input Analog input Reference output Reference output REF (MAX11614/ MAX11615) Not connected Reference input Not connected Not connected Reference output Reference output INTERNAL REFERENCE STATE Always off Always off Always off Always on Always off Always on
SEL2
SEL1
SEL0
0 0 1 1 1 1
0 1 0 0 1 1
X X 0 1 0 1
X = Don't care.
When idle, the MAX11612-MAX11617 continuously wait for a START condition followed by their slave address (see the Slave Address section). Upon reading a valid address byte, the MAX11612-MAX11617 power up. The internal reference requires 10ms to wake up, so when using the internal reference it should be powered up 10ms prior to conversion or powered continuously. Wake-up is invisible when using an external reference or VDD as the reference. Automatic shutdown results in dramatic power savings, particularly at slow conversion rates and with internal clock. For example, at a conversion rate of 10ksps, the average supply current for the MAX11613 is 60A (typ) and drops to 6A (typ) at 1ksps. At 0.1ksps the average supply current is just 1A, or a minuscule 3W of power consumption. See Average Supply Current vs. Conversion Rate in the Typical Operating Characteristics section).
powered up, the reference always remains on until reconfigured. The internal reference requires 10ms to wake up and is accessed using SEL0 (Table 6). When in shutdown, the internal reference output is in a high-impedance state. The reference should not be used to supply current for external circuitry. The internal reference does not require an external bypass capacitor and works best when left unconnected (SEL1 = 0).
External Reference The external reference can range from 1V to VDD. For maximum conversion accuracy, the reference must be able to deliver up to 40A and have an output impedance of 500k or less. If the reference has a higher output impedance or is noisy, bypass it to GND as close to AIN_/REF as possible with a 0.1F capacitor.
OUTPUT CODE MAX11612- MAX11617
Reference Voltage
SEL[2:0] of the setup byte (Table 1) control the reference and the AIN_/REF configuration (Table 6). When AIN_/REF is configured to be a reference input or reference output (SEL1 = 1), differential conversions on AIN_/REF appear as if AIN_/REF is connected to GND (see note 2 of Table 4). Single-ended conversion in scan mode AIN_/REF is ignored by the internal limiter, which sets the highest available channel at AIN2 or AIN10.
11 . . . 111 11 . . . 110 11 . . . 101
FULL-SCALE TRANSITION
FS = VREF ZS = GND V 1 LSB = REF 4096
Internal Reference The internal reference is 4.096V for the MAX11612/ MAX11614/MAX11616 and 2.048V for the MAX11613/ MAX11615/MAX11617. SEL1 of the setup byte controls whether AIN_/REF is used for an analog input or a reference (Table 6). When AIN_/REF is configured to be an internal reference output (SEL[2:1] = 11), decouple AIN_/REF to GND with a 0.1F capacitor and a 2k series resistor (see the Typical Operating Circuit). Once
18
00 . . . 011 00 . . . 010 00 . . . 001 00 . . . 000 0 1 2 3 INPUT VOLTAGE (LSB)
FS FS - 3/2 LSB
Figure 12. Unipolar Transfer Function
______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
OUTPUT CODE FS = VREF 2 ZS = 0 -VREF 2 V 1 LSB = REF 4096 -FS =
3V OR 5V VLOGIC = 3V/5V GND
MAX11612- MAX11617
SUPPLIES
011 . . . 111 011 . . . 110
000 . . . 010 000 . . . 001 000 . . . 000 111 . . . 111 111 . . . 110 111 . . . 101
R* = 5
4.7F
0.1F VDD GND 3V/5V DGND
100 . . . 001 100 . . . 000 - FS *VCOM VREF/2 0 +FS - 1 LSB
*OPTIONAL
MAX11612- MAX11617
INPUT VOLTAGE (LSB) *VIN = (AIN+) - (AIN-)
DIGITAL CIRCUITRY
Figure 13. Bipolar Transfer Function
Figure 14. Power-Supply Grounding Connection
Transfer Functions
Output data coding for the MAX11612-MAX11617 is binary in unipolar mode and two's complement in bipolar mode with 1 LSB = (VREF/2N) where N is the number of bits (12). Code transitions occur halfway between successive-integer LSB values. Figures 12 and 13 show the input/output (I/O) transfer functions for unipolar and bipolar operations, respectively.
supply pin. Minimize capacitor lead length for best supply noise rejection, and add an attenuation resistor (5) in series with the power supply if it is extremely noisy.
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best straight-line fit or a line drawn between the endpoints of the transfer function, once offset and gain errors have been nullified. The MAX11612- MAX11617's INL is measured using the endpoint.
Layout, Grounding, and Bypassing
Only use PC boards. Wire-wrap configurations are not recommended since the layout should ensure proper separation of analog and digital traces. Do not run analog and digital lines parallel to each other, and do not layout digital signal paths underneath the ADC package. Use separate analog and digital PCB ground sections with only one star point (Figure 14) connecting the two ground systems (analog and digital). For lowest noise operation, ensure the ground return to the star ground's power supply is low impedance and as short as possible. Route digital signals far away from sensitive analog and reference inputs. High-frequency noise in the power supply (VDD) could influence the proper operation of the ADC's fast comparator. Bypass VDD to the star ground with a network of two parallel capacitors, 0.1F and 4.7F, located as close as possible to the MAX11612-MAX11617 power-
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function.
Aperture Jitter
Aperture jitter (tAJ) is the sample-to-sample variation in the time between the samples.
Aperture Delay
Aperture delay (tAD) is the time between the falling edge of the sampling clock and the instant when an actual sample is taken.
______________________________________________________________________________________
19
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the fullscale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N Bits): SNRMAX[dB] = 6.02dB N + 1.76dB In reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first five harmonics, and the DC offset. 2 2 2 2 V2 + V3 + V4 + V5 THD = 20 x log V1 where V1 is the fundamental amplitude, and V2 through V5 are the amplitudes of the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest distortion component.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the fundamental input frequency's RMS amplitude to the RMS equivalent of all other ADC output signals. SignalRMS SINAD(dB) = 20 x log NoiseRMS + THDRMS PROCESS: BiCMOS
Chip Information
Selector Guide
PART MAX11612 MAX11613 MAX11614 MAX11615 MAX11616 MAX11617 INTERNAL SUPPLY INPUT REFERENCE VOLTAGE CHANNELS (V) (V) 4 4 8 8 12 12 4.096 2.048 4.096 2.048 4.096 2.048 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 INL (LSB) 1 1 1 1 1 1
Effective Number of Bits
Effective number of bits (ENOB) indicates the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. With an input range equal to the ADC's full-scale range, calculate the ENOB as follows: ENOB = (SINAD - 1.76)/6.02
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS sum of the input signal's first five harmonics to the fundamental itself. This is expressed as:
20
______________________________________________________________________________________
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Pin Configurations
TOP VIEW +
AIN0 1 AIN1 2 AIN2 3 8 7 VDD GND SDA SCL RC NETWORK* 2k AIN3**/REF ANALOG INPUTS 0.1F VDD AIN0 AIN1 RS* MAX11612- MAX11617 SDA SCL RS * GND 5V 16 VDD 15 GND 14 SDA SDA SCL 5V RP C RP
Typical Operating Circuit
3.3V or 5V
MAX11612-MAX11617
MAX11612 MAX11613
6 5
AIN3/REF 4
MAX +
(REF) AIN11/REF 1 (N.C.) AIN10 2 (N.C.) AIN9 3 (N.C.) AIN8 4 AIN0 5 AIN1 6 AIN2 7 AIN3 8
CREF 0.1F
MAX11614- MAX11617
13 SCL 12 AIN7 11 AIN6 10 AIN5 9 AIN4 *OPTIONAL **AIN11/REF (MAX11616/MAX11617)
QSOP
( ) INDICATES PINS ON THE MAX11614/MAX11615.
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 8 MAX 16 QSOP PACKAGE CODE U8CN+1 E16+1 DOCUMENT NO. 21-0036 21-0055
______________________________________________________________________________________
21
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs MAX11612-MAX11617
Revision History
REVISION NUMBER 0 1 REVISION DATE 4/09 7/09 DESCRIPTION Introduction of the MAX11612/MAX11613 Introduction of the MAX11614-MAX11617 PAGES CHANGED -- 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
22 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX11614EEE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X