Part Number Hot Search : 
0M0000 GBJ4A 150FC VSC6134 2SK4124 SMAJ90CA 16VT210S C1569ACS
Product Description
Full Text Search
 

To Download MASWSS0157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0157
GaAs SPDT Switch DC - 2.5 GHz
Features
* * * * * * * * * * Very Low DC Power Consumption: 100 W Low Insertion Loss: 0.5 dB High Isolation: 25 dB up to 2 GHz Very High Intercept Point: 45 dBm IP3 Nanosecond Switching Speed Lead-Free SOIC-8 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of the SW-239 Rev. V3
Functional Schematic
Pin 8 GND GND RF2 B
Description
M/A-COM's MASWSS0157 is a GaAs MMIC SPDT switch in a lead-free SOIC 8-lead surface mount plastic package. The MASWSS0157 is ideally suited for use where low power consumption is required. Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment. The MASWSS0157 is fabricated using a monolithic GaAs MMIC using a mature 1 micron process. The process features full chip passivation for increased performance and reliability. Ordering Information 1
Part Number
MASWSS0157 MASWSS0157TR MASWSS0157TR-3000 MASWSS0157SMB
RFC Pin 1 GND RF1 A
Pin Configuration
Pin No.
1 2 3 4
Function
RF Common Ground RF Port 1 Control A
Pin No.
5 6 7 8
Function
Control B RF Port 2 Ground Ground
Absolute Maximum Ratings 2,3
Package
Bulk Packaging 1000 piece reel 3000 piece reel Sample Test Board
Parameter
Input Power 0.05 GHz 0.5 - 2.0 GHz Control Voltage Operating Temperature Storage Temperature
Absolute Maximum
+27 dBm +34 dBm -8.5 V < Vc < +5 V -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0157
GaAs SPDT Switch DC - 2.5 GHz
Electrical Specifications: TA = 25C, Vc = 0 V / -5 V, Z0 = 50 Ohms4
Parameter Test Conditions
DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.0 GHz 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In-Band Input Power, 0.05 GHz Input Power, 0.5 - 2.0 GHz Measured Relative to Input Power (for two-tone input power up to +6 dBm) 0.05 GHz 0.5 - 2.0 GHz Measured Relative to Input Power (for two-tone input power up to +6 dBm) 0.05 GHz 0.5 - 2.0 GHz Vc = 5 V
Rev. V3
Units
dB dB dB dB dB dB dB dB Ratio nS nS mV dBm dBm
Min.
-- -- -- -- -- -- 30 -- -- -- -- -- -- --
Typ.
0.4 0.4 0.5 0.6 56 43 33 24 1.4:1 2 4 15 21 27
Max.
-- -- 0.8 -- -- -- -- -- -- -- -- -- -- --
Insertion Loss
Isolation
VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression Point
2nd Order Intercept
dBm dBm
-- --
55 68
-- --
3rd Order Intercept
dBm dBm A
-- -- --
40 45 20
-- -- 25
Control Current
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table 5
Control Inputs A
1 0
Condition of Switch RF Common to Each RF Port RF1
On Off
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
B
0 1
RF2
Off On
5. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0157
GaAs SPDT Switch DC - 2.5 GHz
Typical Performance Curves
Insertion Loss
1.5
+85C +25C -40C
Rev. V3
Isolation
80
70
1.0
60
50
0.5
40
30
0.0 0.0
0.5
1.0
1.5
2.0
2.5
20 0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Frequency (GHz)
VSWR
1.6
Electrical Schematic
1.4
1.2
1.0 0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Lead-Free SOIC-8
Reference Application Note M538 for lead-free solder reflow recommendations. 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X