Part Number Hot Search : 
CR6002AA LF222S BC107A F1510 IR2383C 20L15T 00N06 LH17AS15
Product Description
Full Text Search
 

To Download MAL216259152E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 162/163 PLL-PW
Vishay BCcomponents
Aluminum Capacitors Power Long Life Printed Wiring
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve * Provided with keyed polarity * Very long useful life: 5000 hours at 105 C * Low ESR, high ripple current capability * Temperature range up to 105 C * High resistance to shock and vibration
Fig.1 Component outlines

RoHS
COMPLIANT
APPLICATIONS
* * * *
VALUE 163 68 to 3300 F
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, 1.9 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068
.
Computer, telecommunication and industrial systems Smoothing and filtering Standard and switched mode power supplies Energy storage in pulse systems
162 470 to 150 000 F
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * Polarity of the terminals and `-' sign to indicate the negative terminal, visible from the top and/or side of the capacitor * Code number * Climatic category in accordance with IEC 60068
25 x 30 to 40 x 100
20 % 10 to 100 V 200 to 400 V - 40 to + 105 C 2000 hours 5000 hours 150 000 hours 500 hours IEC 60384-4/EN130300 40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 162 SERIES (O D x L in mm)
CR (F) 470 680 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 33 000 47 000 68 000 100 000 150 000 UR (V) 10 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 16 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 - 40 x 100 40 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 63 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 www.vishay.com 1
Document Number: 28347 Revision: 07-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
162/163 PLL-PW
Vishay BCcomponents
Aluminum Capacitors Power Long Life Printed Wiring
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 163 SERIES (O D x L in mm)
CR (F) 68 100 150 220 330 470 680 1000 1500 2200 UR (V) 200 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 50 40 x 50 40 x 70 40 x 100 250 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 385 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 400 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
2.5
O D + 1 max.
-
10 0.1
L
L + 5 max.
1.3 (3 x)
4.9 0.2
12.5 0.1
Case O D = 25 mm Fig.2 Printed wiring pin version
Case O D = 25 mm Fig.3 Mounting hole diagram viewed from component side
2.5
O D + 1 max.
-
3
15 0.1
L
L + 5 max.
1.3 (4 x) 7.5 0.1
4.9 0.2
17.5 0.1
Case O D = 30 mm Fig.4 Printed wiring pin version www.vishay.com 2
Case O D = 30 mm Fig.5 Mounting hole diagram viewed from component side Document Number: 28347 Revision: 07-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
162/163 PLL-PW
Aluminum Capacitors Power Long Life Printed Wiring
2.5
Vishay BCcomponents
1 3
O D + 1 max. 15 0.1
2
-
L
L + 5 max. 1.3 (4 x) 4.9 0.2 7.5 0.1 17.5 0.1
Case O D = 35 mm Fig.6 Printed wiring pin version
Case O D = 35 mm Fig.7 Mounting hole diagram viewed from component side
2.5
-
3
O D + 1 max.
4
2
20 0.1
1
L
L + 5 max. 1.3 (5 x) 10 0.1 17.5 0.1 5.1 0.1 20 0.1
Case O D = 40 mm Fig.8 Printed wiring pin version Table 1
Case O D = 40 mm Fig.9 Mounting hole diagram viewed from component side
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES PW versions
NOMINAL CASE SIZE ODxL 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 O Dmax. 26 26 31 36 36 41 41 41 41 Lmax. 35 45 45 45 55 45 55 75 105 MASS (g) 24 28 38 51 66 78 82 110 176 PACKAGING QUANTITIES (units per box) 100 100 100 50 50 50 50 25 25 CARDBOARD BOX DIMENSIONS LxWxH 290 x 280 x 50 290 x 280 x 60 340 x 330 x 60 390 x 198 x 60 390 x 198 x 70 440 x 223 x 60 440 x 223 x 70 230 x 230 x 90 230 x 230 x 120
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple current and/or temperature is applied. Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
Document Number: 28347 Revision: 07-Aug-08 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com 3
162/163 PLL-PW
Vishay BCcomponents
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz and 105 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
Aluminum Capacitors Power Long Life Printed Wiring
ORDERING EXAMPLE
Electrolytic capacitor 162 series 10 000 F/25 V; 20 % Nominal case size: O 30 x 40 mm Ordering code: MAL2 162 56103 E3 Former 12NC: 2222 162 56103
Note 1. Unless otherwise specified, all electrical values in Tables 2 and 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 162 SERIES
UR (V) CR 100 Hz (F) 10 000 15 000 22 000 33 000 47 000 47 000 68 000 100 000 150 000 6800 10 000 15 000 22 000 33 000 33 000 47 000 68 000 100 000 4700 6800 10 000 15 000 22 000 22 000 33 000 47 000 68 000 2200 3300 4700 6800 10 000 10 000 15 000 22 000 33 000 1000 1500 2200 3300 4700 4700 6800 10 000 15 000 470 680 1000 1500 2200 2200 3300 4700 6800 NOMINAL CASE SIZE O D x L (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 40 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 105 C (A) 3.17 4.21 5.05 5.63 6.19 6.19 7.64 10.0 12.9 3.11 4.09 4.97 5.53 6.08 6.08 7.46 9.70 12.90 2.94 3.93 4.81 5.43 5.98 5.98 5.98 9.43 12.44 2.36 3.17 3.93 4.59 5.03 5.03 6.09 8.34 10.97 1.55 2.10 2.72 3.44 4.09 4.09 5.10 6.86 9.31 1.42 1.90 2.48 3.17 3.79 3.79 4.81 6.49 8.80 IL1 1 min (mA) 0.60 0.90 1.32 1.98 2.82 2.82 4.08 6.00 9.00 0.65 0.96 1.44 2.12 3.17 3.17 4.52 6.53 9.60 0.71 1.02 1.50 2.25 3.30 3.30 3.30 7.05 10.20 0.53 0.79 1.13 1.63 2.40 2.40 3.60 5.28 7.92 0.38 0.57 0.83 1.25 1.78 1.78 2.57 3.78 5.67 0.28 0.41 0.60 0.90 1.32 1.32 1.98 2.82 4.08 IL5 5 min (mA) 0.20 0.30 0.44 0.66 0.94 0.94 1.36 2.00 3.00 0.22 0.32 0.48 0.71 1.06 1.06 1.51 2.18 3.20 0.24 0.34 0.50 0.75 1.10 1.10 1.10 2.35 3.40 0.18 0.27 0.38 0.55 0.80 0.80 1.20 1.76 2.64 0.13 0.19 0.28 0.42 0.60 0.60 0.86 1.26 1.89 0.10 0.14 0.20 0.30 0.44 0.44 0.66 0.94 1.36 ESR 100 Hz (m) 48 34 29 27 26 26 21 16 13 50 36 30 29 28 28 22 17 13 56 39 32 30 29 29 29 18 14 87 60 48 42 41 41 33 23 18 202 137 100 75 62 62 47 34 25 240 167 120 88 72 72 53 38 28 Z 10 kHz (m) 37 27 23 22 21 21 18 15 12 37 27 23 22 21 21 18 15 12 37 27 23 22 21 21 21 15 12 54 38 33 31 29 29 24 18 15 155 109 79 61 53 53 40 29 21 155 109 79 61 53 53 40 29 21 ORDERING CODE MAL2162....... 54103E3 54153E3 54223E3 54333E3 54473E3 44473E3 54683E3 54104E3 54154E3 55682E3 55103E3 55153E3 55223E3 55333E3 45333E3 55473E3 55683E3 55104E3 56472E3 56682E3 56103E3 56153E3 56223E3 46223E3 56533E3 56473E3 56683E3 57222E3 57332E3 57472E3 57682E3 57103E3 47103E3 57153E3 57223E3 57333E3 58102E3 58152E3 58222E3 58332E3 58472E3 48472E3 58682E3 58103E3 58153E3 59471E3 59681E3 59102E3 59152E3 59222E3 49222E3 59332E3 59472E3 59682E3 Document Number: 28347 Revision: 07-Aug-08
10
16
25
40
63
100
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
162/163 PLL-PW
Aluminum Capacitors Power Long Life Printed Wiring
Table 3
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION FOR 163 SERIES
UR (V) CR 100 Hz (F) 150 220 330 470 680 680 1000 1500 2200 100 150 220 330 470 470 680 1000 1500 68 100 150 220 330 330 470 680 1000 68 100 150 220 330 330 470 680 1000 NOMINAL CASE SIZE O D x L (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 105 C (A) 0.72 0.96 1.29 1.66 2.09 2.09 2.71 3.75 5.24 0.67 0.92 1.28 1.65 2.01 2.01 2.59 3.58 5.05 0.61 0.82 1.10 1.44 1.84 1.84 2.37 3.24 4.54 0.39 0.53 0.72 0.94 1.24 1.24 1.59 2.18 3.07 IL1 1 min (mA) 0.18 0.26 0.40 0.57 0.82 0.82 1.20 1.80 2.64 0.15 0.22 0.33 0.49 0.70 0.70 1.02 1.50 2.25 0.16 0.23 0.35 0.51 0.77 0.77 1.09 1.58 2.31 0.16 0.24 0.36 0.52 0.79 0.79 1.12 1.63 2.40 IL5 5 min (mA) 0.06 0.09 0.14 0.19 0.28 0.28 0.40 0.60 0.88 0.05 0.08 0.11 0.17 0.24 0.24 0.34 0.50 0.75 0.06 0.08 0.12 0.17 0.26 0.26 0.36 0.53 0.78 0.06 0.08 0.12 0.17 0.26 0.26 0.37 0.54 0.80 ESR 100 Hz (m) 950 650 442 321 237 237 167 114 79 1060 710 492 325 256 256 182 125 85 1650 1120 755 525 360 360 260 180 125 3200 2180 1460 1010 680 680 485 336 230 Z 10 kHz (m) 710 485 330 240 185 185 133 90 62 710 485 330 240 185 185 133 90 62 1260 855 580 405 280 280 205 140 100 2660 1810 1210 830 570 570 407 282 193 ORDERING CODE MAL2163....... 52151E3 52221E3 52331E3 52471E3 52681E3 42681E3 52102E3 52152E3 52222E3 53101E3 53151E3 53221E3 53331E3 53471E3 43471E3 53681E3 53102E3 53152E3 58689E3 58101E3 58151E3 58221E3 58331E3 48331E3 58471E3 58681E3 58102E3 56689E3 56101E3 56151E3 56221E3 56331E3 46331E3 56471E3 56681E3 56102E3
200
250
385
400
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Case O D = 25 mm Equivalent series inductance (ESL) Case O D = 30 and 35 mm Case O D = 40 mm max. 25 nH max. 30 nH max. 35 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A 200 V versions 385 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V CONDITIONS VALUE
Document Number: 28347 Revision: 07-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 5
162/163 PLL-PW
Vishay BCcomponents
Aluminum Capacitors Power Long Life Printed Wiring
RIPPLE CURRENT AND USEFUL LIFE
IA IR
2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9
1 2 1. 5 1.
life multiplier
1.8
2 2.
1.7 1.6
5
3 4 5 7
1.5 1.4 1.3
10 15 20 30 40 60 0 10 0 15 0 20 0 30 0 40 0 60
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 105 C (1) Useful life at 105 C and I applied: 5000 hours R
1.2 1.1 1.0 0.8 0.5 0.0 40
(1)
50
60
70
80
90
100 110 Tamb (C)
Fig.10 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 10 to 25 V 0.93 1.00 1.04 1.07 1.11 1.13 1.15 1.18 UR = 40 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22 UR = 200 to 400 V 0.86 1.00 1.13 1.21 1.29 1.32 1.35 1.40
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28347 Revision: 07-Aug-08
162/163 PLL-PW
Aluminum Capacitors Power Long Life Printed Wiring
Table 5
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENT
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 105 C; UR applied; 2000 hours REQUIREMENTS UR 100 V; C/C: 15 % UR > 100 V; C/C: 10 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; 5000 hours UR 100 V; C/C: 45 % UR > 100 V; C/C: 30 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: UR 100 V: 1 %; UR > 100 V: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit
Document Number: 28347 Revision: 07-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL216259152E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X