Part Number Hot Search : 
68HC908 TIP8B550 LT1976B ST75185C EVALZ V1210 SR6A6K12 TDA8390
Product Description
Full Text Search
 

To Download M85049-79-25W01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS85049/79 EMI/RFI Environmental Backshell
M85049/79-11 W 01
Basic Part No. Shell Size Clamp Size Finish N = Electroless Nickel W = 1,000 Hour Cadmium Olive Drab Over Electroless Nickel
Glenair Connector Designator H MIL-DTL-38999 Series III & IV, EN3645
A Thread
F
TABLE I
Shell Size 9 11 13 15 17 19 21 23 25 A Thread Class 2B M12 X 1 - 6H M15 X 1 - 6H M18 X 1 - 6H M22 X 1 - 6H M25 X 1 - 6H M28 X 1 - 6H M31 X 1 - 6H M34 X 1 - 6H M37 X 1 - 6H B Dia Max .75 (19.1) .85 (21.6) 1.00 (25.4) 1.15 (29.2) 1.25 (31.8) 1.40 (35.6) 1.55 (39.4) 1.65 (41.9) 1.85 (47.0) B Dia
G
Cable Range
H
TABLE II
Shell Size 09 11 13 15 17 19 21 23 25 Clamp Size Min Max 01 02 01 03 02 04 02 05 02 06 03 07 03 08 03 09 04 10 F .062 .438 .533 .548 .638 .823 .913 .913 1.063 1.063 (1.6) (11.1) (13.5) (13.9) (16.2) (20.9) (23.2) (23.2) (27.0) (27.0) .062 3.141 3.261 3.281 3.351 3.441 3.611 3.611 3.721 3.721 G (1.6) (79.8) (82.8) (83.3) (85.1) (87.4) (91.7) (91.7) (94.5) (94.5)
TABLE III
Cable Range Clamp Min Max Size .062 (1.6) .125 (3.2) 01 .125 (3.2) .250 (6.4) 02 .250 (6.4) .375 (9.5) 03 .375 (9.5) .500 (12.7) 04 .500 (12.7) .625 (15.9) 05 .625 (15.9) .750 (19.1) 06 .750 (19.1) .875 (22.2) 07 .875 (22.2) 1.000 (25.4) 08 09 1.000 (25.4) 1.125 (28.6) 10 1.125 (28.6) 1.250 (31.8) H Max .80 (20.3) 1.00 (25.4) 1.10 (27.9) 1.20 (30.5) 1.25 (31.8) 1.40 (35.6) 1.50 (38.1) 1.65 (41.9) 1.75 (44.5) 1.90 (48.3)
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodation range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria.
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 39-21
EMI/RFI Environmental Backshells


▲Up To Search▲   

 
Price & Availability of M85049-79-25W01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X