Part Number Hot Search : 
LA4700N LTM46 10721 U4285BM EX2024NL 003LF 2316312 SK369
Product Description
Full Text Search
 

To Download M85049-49-55G16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Qwik-Ty(R) Strain Reliefs
AS85049/53, AS85049/54, and AS85049/55 Qwik-Ty(R) Strain Reliefs
Glenair Connector Designator A MIL-DTL-5015 Series 3400, MIL-DTL-26482 Series 2, AS81703 Series 3, MIL-DTL-83723 Series I & III, 40M39569, DEF 5326-3, EN 2997, EN 3646, ESC 10, ESC 11, LN 29504, NFC93422 Series HE302, PAN 6432-1, PAN 6432-2, PATT 602 G A Thread Typ. H
M85049/55 G 22 W
Basic Part No. M85049/53 = Straight M85049/54 = 45 M85049/55 = 90 Configuration G = Non-Self-Locking with Ground Lug (/55 Only) S = Self-Locking without Ground Lug (/55 Only) T = Self-Locking with Ground Lug Use Dash for Non-Self-Locking Finish A = Black Anodize W = 1,000 Hr. Cadmium Olive Drab Over Electroless Nickel Shell Size
FOR NEW DESIGN APPLICATIONS USE M85049/43 (45), M85049/51 (90), and M85049/52 (Str.),
J Self Lock.
C
F
C
C Non-Self Lock. E Self Locking
F 1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable entry is defined as the accomodation range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria.
MS3367-1 Tie Strap or Equivalent (Typical) Ground Lug (G Option) F
K
TABLE I
Shell A Thread Size Class 2B 03 .562 - 24 UNEF 08 .500 - 20 UNF 10 .625 - 24 UNEF 12 .750 - 20 UNEF 14 .875 - 20 UNEF 16 1.000 - 20 UNEF 18 1.062 - 18 UNEF 20 1.188 - 18 UNEF 22 1.313 - 18 UNEF 24 1.438 - 18 UNEF 28 1.750 - 18 UNS C Dia Max .78 (19.8) .66 (16.8) .78 (19.8) .94 (23.9) 1.05 (26.7) 1.24 (31.5) 1.38 (35.1) 1.50 (38.1) 1.63 (41.4) 1.75 (44.5) 1.97 (50.0) E Dia Max 1.01 (25.7) .89 (22.6) 1.01 (25.7) 1.14 (29.0) 1.26 (32.0) 1.39 (35.3) 1.51 (38.4) 1.64 (41.7) 1.76 (44.7) 1.89 (48.0) 2.14 (54.4) F Cable Entry .260 (6.6) .260 (6.6) .365 (9.3) .501 (12.7) .575 (14.6) .700 (17.8) .779 (19.8) .904 (23.0) 1.029 (26.1) 1.144 (29.1) 1.379 (35.0) G Max .903 (22.9) .903 (22.9) .903 (22.9) .903 (22.9) .973 (24.7) .973 (24.7) .973 (24.7) 1.259 (32.0) 1.379 (35.0) 1.509 (38.3) 1.509 (38.3) H Max 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.181 (30.0) 1.431 (36.3) 1.431 (36.3) 1.431 (36.3) 1.418 (36.0) J Max .73 (18.5) .73 (18.5) .73 (18.5) .73 (18.5) .73 (18.5) .73 (18.5) .73 (18.5) .75 (19.1) .75 (19.1) .75 (19.1) .75 (19.1) K Max 1.29 (32.8) 1.29 (31.0) 1.29 (32.8) 1.62 (41.1) 1.66 (42.2) 1.72 (43.7) 1.72 (43.7) 1.79 (45.5) 1.85 (47.0) 1.91 (48.5) 2.06 (52.3)
* Consult factory for availability
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 45-4
45 I Qwik-Ty SR.p65
4
8/6/2008, 6:05 PM


▲Up To Search▲   

 
Price & Availability of M85049-49-55G16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X