|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AS85049/3 Style 1 Environmental Backshells Glenair Connector Designator C MIL-C-22992 Classes C, J, and R M85049/3 W 10 A 1 Basic Part No. Body and Cap Finish A = Anodize W = 1,000 Hour Cadmium Olive Drab Over Electroless Nickel E Style 1 Type (A or B) Dash Number (Table II) A Thread TABLE II Dash Shell No. Size Min Max 12 1 .281 (7.1) .375 (9.5) 12 2 .188 (4.8) .281 (7.1) 14 3 .344 (8.7) .438 (11.1) 16 4 .511 (13.0) .605 (15.4) 16 5 .436 (11.1) .530 (13.5) 16 6 .311 (7.9) .405 (10.3) 18 7 .531 (13.5) .625 (15.9) 18 8 .605 (15.4) .699 (17.8) 18 9 .406 (10.3) .500 (12.7) 18 10 .361 (9.2) .455 (11.6) 20 11 .715 (18.2) .828 (21.0) 20 12 .449 (11.4) .562 (14.3) 22 13 .637 (16.2) .750 (19.1) 22 14 .787 (20.0) .900 (22.9) 22 15 .692 (17.6) .805 (20.4) 24 16 .930 (23.6) 1.055 (26.8) 24 17 .675 (17.1) 1.000 (25.4) 24 18 .984 (25.0) 1.109 (28.2) 24 19 .755 (19.2) .880 (22.4) 28 20 1.055 (26.8) 1.180 (30.0) 28 21 1.105 (28.1) 1.230 (31.2) 28 22 1.185 (30.1) 1.310 (33.3) 32 23 1.320 (33.5) 1.455 (37.0) 32 24 1.406 (35.7) 1.531 (38.9) 32 25 1.250 (31.8) 1.375 (34.9) 36 26 1.531 (38.9) 1.656 (42.1) 36 27 1.437 (36.5) 1.562 (39.7) 44 28 2.105 (53.5) 2.250 (57.2) 44 29 2.025 (51.4) 2.170 (55.1) Cable Range B Note 4 1.50 (38.1) Max H J Thread J Thread G TYPE A - Plug Cap For use with MS17344 TYPE B - Receptacle Cap For use with MS17343, MS17345, and MS17347 1. For complete dimensions see applicable Military Specification. 2. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 3. Approx. Chain Lengths: Dash No. 01-12 = 5.0 (127.0); Dash No. 13-29 = 6.0 (152.4) TABLE I Shell Size 12 14 16 18 20 22 24 28 32 36 44 A Thread Class 2B-LH .7500 - 20 UNEF .8750 - 20 UNEF 1.0000 - 20 UNEF 1.1250 - 18 UNEF 1.2500 - 18 UNEF 1.3750 - 18 UNEF 1.6250 - 18 UNEF 1.8750 - 16 UN 2.0625 - 16 UNS 2.3125 - 16 UNS 2.8750 - 16 UN B Dia .015 (.4) .933 (23.7) 1.057 (26.8) 1.183 (30.0) 1.307 (33.2) 1.433 (36.4) 1.557 (39.5) 1.807 (45.9) 2.057 (52.2) 2.307 (58.6) 2.557 (64.9) 3.120 (79.2) E Max 3.365 (85.5) 3.678 (93.4) 4.177 (106.1) 4.489 (114.0) 4.615 (117.2) 4.647 (118.0) 4.896 (124.4) 4.959 (126.0) 5.021 (127.5) 5.083 (129.1) 6.471 (164.4) G Dia Max 1.094 (27.8) 1.219 (31.0) 1.344 (34.1) 1.469 (37.3) 1.562 (39.7) 1.688 (42.9) 1.938 (49.2) 2.219 (56.4) 2.469 (62.7) 2.719 (69.1) 3.217 (81.7) H Max .765 (19.4) .765 (19.4) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) .980 (24.9) J Thread (plated) Class 2 (A or B) 0.875-0.1P-0.2L-DS 1.000-0.1P-0.2L-DS 1.125-0.1P-0.2L-DS 1.250-0.1P-0.2L-DS 1.375-0.1P-0.2L-DS 1.500-0.1P-0.2L-DS 1.750-0.1P-0.2L-DS 2.000-0.1P-0.2L-DS 2.250-0.1P-0.2L-DS 2.500-0.1P-0.2L-DS 3.000-0.1P-0.2L-DS Printed in U.S.A. (c) 2005 Glenair, Inc. CAGE Code 06324 GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 37-5 Environmental Backshells |
Price & Availability of M85049-3W9A |