Part Number Hot Search : 
AN1498 D5108 MAX8540 SF1143B SP13T 2118M GC1507 ES5CB
Product Description
Full Text Search
 

To Download M85049-37-8W10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS85049/37 EMI/RFI Non-Environmental Backshells
M85049/37 10 W 03 L
Glenair Connector Designator F MIL-DTL-38999 Series I & II, 40M38277, PAN 6433-1, PATT 614, PATT 616, NFC93422 Series HE308 & HE309 Basic Part No. Shell Size Clamp Size Finish N = Electroless Nickel W = 1,000 Hr. Cadmium Olive Drab Over Electroless Nickel E C Dia Max .65 (16.5) .77 (19.6) .89 (22.6) 1.02 (25.9) 1.15 (29.2) 1.23 (31.2) 1.36 (34.5) 1.48 (37.6) 1.73 (43.9) A Thread D = 3 Drain Holes L = Encapsulating Hole
TABLE I
Shell Size Shell Series I A Thread Ref. Size Class 2B 8 09 .438 - 28 UNEF 11 10 .562 - 24 UNEF 12 13 .688 - 24 UNEF 14 15 .813 - 20 UNEF 17 16 .938 - 20 UNEF 18 19 1.063 - 18 UNEF 21 20 1.188 - 18 UNEF 22 23 1.313 - 18 UNEF 25 24 1.438 - 18 UNEF Shell Size E Series I Max Ref. .72 (18.3) 09 .72 (18.3) 11 .80 (20.3) 13 .85 (21.6) 15 .91 (23.1) 17 1.00 (25.4) 19 1.05 (26.7) 21 1.10 (27.9) 23 1.20 (30.5) 25
C Dia
TABLE II
Shell Size 8 10 12 14 16 18 20 22 24 F Max 2.50 (63.5) 2.50 (63.5) 2.56 (65.0) 2.69 (68.3) 2.81 (71.4) 3.03 (77.0) 3.19 (81.0) 3.31 (84.1) 3.31 (84.1) Clamp Size Min Max 01 02 01 03 02 04 02 05 02 06 03 06 03 07 03 08 04 09
Hole(s) per Part Number Development
F
Cable Range G
TABLE III
Clamp Size 01 02 03 04 05 06 07 08 09 10 Cable Range Min Max .062 (1.6) .125 (3.2) .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .312 (7.9) .500 (12.7) .437 (11.1) .625 (15.9) .562 (14.3) .750 (19.1) .687 (17.4) .875 (22.2) .812 (20.6) 1.000 (25.4) .937 (23.8) 1.125 (28.6) 1.062 (27.0) 1.250 (31.8) G Max .781 (19.8) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6)
CAGE Code 06324
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodation range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria.
(c) 2005 Glenair, Inc.
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 38-15
EMI/RFI Non-Env. Backshells


▲Up To Search▲   

 
Price & Availability of M85049-37-8W10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X