Part Number Hot Search : 
44200 N2436 20PFI PST9139 035CT C3061 00010 1M35V10
Product Description
Full Text Search
 

To Download M85049-36-22W01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Non-Env. Backshells
AS85049/36 EMI/RFI Non-Environmental Backshell
M85049/36 10 N 03 A
Basic Part No. Shell Size Clamp Size Finish N = Electroless Nickel W = 1,000 Hr. Cadmium Olive Drab Over Electroless Nickel Length Code (Omit for Standard)
Glenair Connector Designator F MIL-DTL-38999 Series I & II, 40M38277, PAN 6433-1, PATT 614, PATT 616, NFC93422 Series HE308 & HE309
Length A Thread
1.312 (33.3) Max
B
Cable Range
E
TABLE I
Shell Size Clamp Size Shell Series I (Table IV) Min Max Size Ref. 01 02 08 09 01 03 10 11 02 04 12 13 02 05 14 15 02 06 16 17 03 07 18 19 03 08 20 21 03 09 22 23 04 10 24 25 A Thread Class 2B .438 - 28 UNEF .562 - 24 UNEF .688 - 24 UNEF .813 - 20 UNEF .938 - 20 UNEF 1.063 - 18 UNEF 1.188 - 18 UNEF 1.313 - 18 UNEF 1.438 - 18 UNEF B Dia Max .65 (16.5) .77 (19.6) .89 (22.6) 1.02 (25.9) 1.15 (29.2) 1.23 (31.2) 1.36 (34.5) 1.48 (37.6) 1.73 (43.9)
TABLE II
Clamp Cable Range Size Min Max 01 .062 (1.6) .125 (3.2) 02 .125 (3.2) .250 (6.4) 03 .250 (6.4) .375 (9.5) 04 .312 (7.9) .500 (12.7) 05 .437 (11.1) .625 (15.9) 06 .562 (14.3) .750 (19.1) 07 .687 (17.4) .875 (22.2) 08 .812 (20.6) 1.000 (25.4) 09 .937 (23.8) 1.125 (28.6) 10 1.062 (27.0) 1.250 (31.8) E Max .781 (19.8) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6)
TABLE III
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodation range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria.
(c) 2005 Glenair, Inc. CAGE Code 06324
Length Code Std. A B C
Available Shell Sizes 08 - 24 08 - 24 14 - 24 20 - 24
Length 1.50 (38.1) 2.50 (63.5) 3.50 (88.9) 4.50 (114.3)
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 38-14


▲Up To Search▲   

 
Price & Availability of M85049-36-22W01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X