|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EMI/RFI Non-Env. Backshells AS85049/23 and MS3189C EMI/RFI Non-Environmental Backshells Glenair Connector Designator A M85049/23-21 N Basic Part No. Finish and Material B = Black Cadmium, Stainless Steel N = Electroless Nickel, Aluminum S = Passivated Stainless Steel W = 1,000 Hour Cadmium Olive Drab Over Electroless Nickel, Aluminum MIL-DTL-5015 Series 3400, Dash No. MIL-DTL-26482 Series 2, AS81703 Series 3, MIL-DTL-83723 Series I & III, 40M39569, DEF 5326-3, EN 2997, EN 3646, Basic Part No. ESC 10, ESC 11, LN 29504, NFC93422 Series HE302, Dash No. PAN 6432-1, PAN 6432-2, PATT 602 MS3189C 21 N Superceded Part Number Finish (Material is Aluminum) A = Cadmium Olive Drab over Nickel C = Cadmium Olive Drab N = Electroless Nickel F A Thread C (Table I, Page 38-10) G K STYLE 2 1. 2. 3. 4. For complete dimensions see applicable Military Specification. Metric dimensions (mm) are indicated in parentheses. When maximum cable entry is exceeded, Style 2 will be supplied. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. Cable Range L TABLE II Dash No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 Shell Size 3 3 8 10 10 12 12 12 14 14 16 16 18 18 20 20 22 22 24 24 28 F Max .687 (17.4) 1.500 (38.1) .625 (15.9) .687 (17.4) .687 (17.4) .750 (19.1) .750 (19.1) .750 (19.1) .812 (20.6) .812 (20.6) .906 (23.0) .906 (23.0) 1.093 (27.8) 1.093 (27.8) 1.093 (27.8) 1.093 (27.8) 1.188 (30.2) 1.188 (30.2) 1.188 (30.2) 1.188 (30.2) 1.312 (33.3) G Max 1.915 (48.6) 2.035 (51.7) 1.307 (33.2) 1.975 (50.2) 1.370 (34.8) 2.035 (51.7) 2.035 (51.7) 2.035 (51.7) 2.125 (54.0) 1.780 (45.2) 2.235 (56.8) 1.875 (47.6) 2.425 (61.6) 2.062 (52.4) 2.425 (61.6) 2.062 (52.4) 2.575 (65.4) 2.218 (56.3) 2.575 (65.4) 2.218 (56.3) 2.625 (66.7) K Ref. 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.059 (26.9) 1.027 (26.1) 1.156 (29.4) 1.027 (26.1) 1.156 (29.4) 1.059 (26.9) 1.375 (34.9) 1.059 (26.9) 1.375 (34.9) 1.156 (33.7) L Max .957 (24.3) 1.145 (29.1) .957 (24.3) .957 (24.3) 1.145 (29.1) .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.145 (29.1) 1.332 (33.8) 1.145 (29.1) 1.551 (39.4) 1.332 (33.8) 1.770 (45.0) 1.332 (33.8) 1.770 (45.0) 1.551 (39.4) 2.113 (53.7) 1.551 (39.4) 2.113 (53.7) 1.770 (45.0) Cable Range M85049/42 Ref Min Max 4 .125 (3.2) .250 (6.4) 6 .250 (6.4) .437 (11.1) 4 .125 (3.2) .250 (6.4) 4 .125 (3.2) .312 (7.9) 6 .250 (6.4) .375 (9.5) 4 .125 (3.2) .312 (7.9) 6 .250 (6.4) .437 (11.1) 10 .350 (8.9) .500 (12.7) 6 .250 (6.4) .437 (11.1) 10 .350 (8.9) .575 (14.6) 6 .250 (6.4) .437 (11.1) 12 .500 (12.7) .700 (17.8) 10 .350 (8.9) .625 (15.9) 16 .625 (15.9) .779 (19.8) 10 .350 (8.9) .625 (15.9) 16 .625 (15.9) .904 (23.0) 12 .500 (12.7) .750 (19.1) 20 .875 (22.2) 1.029 (26.1) 12 .500 (12.7) .750 (19.1) 20 .875 (22.2) 1.144 (29.1) 16 .625 (15.9) .937 (23.8) Table I Continued on Page 38-7 (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 38-6 AS85049/23 and MS3189C EMI/RFI Non-Environmental Backshells TABLE II (Continued From Page 38-6) Dash No. 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49* 50* 51* 52 53 54 55* 56 57 58* 59 60 61 62 63 64 65 66 67 68 69 70 71* 72* 73* 74 75 Shell Size 28 32 32 32 36 36 36 40 40 40 44 44 44 48 48 48 61 61 16 18 18 20 22 22 24 36 40 10 14 16 18 61 20 20 22 22 22 24 28 28 32 36 36 40 40 44 44 48 48 12 18 24 14 16 F Max 1.312 (33.3) 1.375 (34.9) 1.375 (34.9) 1.375 (34.9) 1.406 (35.7) 1.406 (35.7) 1.406 (35.7) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 1.188 (30.2) 1.188 (30.2) .906 (23.0) 1.093 (27.8) 1.093 (27.8) 1.093 (27.8) 1.188 (30.2) 1.188 (30.2) 1.188 (30.2) 1.406 (35.7) 2.156 (54.8) 1.500 (38.1) 1.842 (46.8) 1.938 (49.2) 1.093 (27.8) 1.188 (30.2) 1.093 (27.8) 2.061 (52.3) 1.188 (30.2) 1.188 (30.2) 2.061 (52.3) 1.188 (30.2) 1.312 (33.3) 1.312 (33.3) 1.375 (34.9) 1.406 (35.7) 1.406 (35.7) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 1.684 (42.8) 1.938 (49.2) 2.061 (52.3) .812 (20.6) .906 (23.0) G Max 2.281 (57.9) 2.725 (69.2) 2.725 (69.2) 2.500 (63.5) 2.815 (71.5) 2.815 (71.5) 2.469 (62.7) 2.815 (71.5) 2.815 (71.5) 2.469 (62.7) 2.815 (71.5) 2.815 (71.5) 2.469 (62.7) 2.815 (71.5) 2.815 (71.5) 2.469 (62.7) 2.575 (65.4) 2.218 (56.3) 2.235 (56.8) 2.425 (61.6) 2.425 (61.6) 2.425 (61.6) 2.575 (65.4) 2.575 (65.4) 2.575 (65.4) 2.815 (71.5) 2.815 (71.5) 2.035 (51.7) 2.425 (61.6) 2.575 (65.4) 2.425 (61.6) 2.575 (65.4) 2.425 (61.6) 2.625 (66.7) 2.575 (65.4) 2.575 (65.4) 2.625 (66.7) 2.575 (65.4) 2.625 (66.7) 2.625 (66.7) 2.725 (69.2) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.815 (71.5) 2.236 (56.8) 2.575 (65.4) 2.625 (66.7) 2.125 (54.0) 2.235 (56.8) K Ref. 1.500 (38.1) 1.156 (29.4) 1.375 (34.9) 1.781 (45.2) 1.156 (29.4) 1.500 (38.1) 1.830 (46.5) 1.156 (29.4) 1.500 (38.1) 1.830 (46.5) 1.156 (29.4) 1.500 (38.1) 1.830 (46.5) 1.156 (29.4) 1.500 (38.1) 1.830 (46.5) 1.059 (26.9) 1.375 (34.9) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.027 (26.1) 1.059 (26.9) 1.059 (26.9) 1.027 (26.1) 1.059 (26.9) 1.156 (29.4) 1.059 (26.9) 1.156 (29.4) 1.059 (26.9) 1.375 (34.9) 1.027 (26.1) 1.156 (29.4) 1.375 (34.9) 1.156 (29.4) 1.059 (26.9) 1.375 (34.9) 1.500 (38.1) 1.375 (34.9) 1.781 (45.2) 1.375 (34.9) 1.781 (45.2) 1.375 (34.9) 1.781 (45.2) 1.375 (34.9) 1.781 (45.2) 1.027 (26.1) 1.156 (29.4) 1.375 (34.9) 1.027 (26.1) 1.027 (26.1) L Max 2.363 (60.0) 1.770 (45.0) 2.113 (53.7) 2.770 (70.4) 1.770 (45.0) 2.363 (60.0) 3.020 (76.7) 1.770 (45.0) 2.363 (60.0) 3.020 (76.7) 1.770 (45.0) 2.363 (60.0) 3.020 (76.7) 1.770 (45.0) 2.363 (60.0) 3.020 (76.7) 1.551 (39.4) 2.113 (53.7) 1.332 (33.8) .957 (24.3) 1.145 (29.1) 1.145 (29.1) .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.551 (39.4) 1.551 (39.4) 1.145 (29.1) 1.551 (39.4) 1.770 (45.0) 1.551 (39.4) 1.770 (45.0) 1.551 (39.4) 2.113 (53.7) 1.332 (33.8) 1.770 (45.0) 2.113 (53.7) 1.770 (45.0) 1.551 (39.4) 2.113 (53.7) 2.363 (60.0) 2.113 (53.7) 2.770 (70.4) 2.113 (53.7) 2.770 (70.4) 2.113 (53.7) 2.770 (70.4) 2.113 (53.7) 2.770 (70.4) 1.332 (33.8) 1.770 (45.0) 2.113 (53.7) .957 (24.3) .957 (24.3) Cable Range M85049/42 Min Ref Max 1.000 (25.4) 1.375 (34.9) 24 .625 (15.9) 16 .937 (23.8) .875 (22.2) 1.250 (31.8) 20 1.250 (31.8) 1.625 (41.3) 28 .625 (15.9) 16 .937 (23.8) 1.000 (25.4) 1.375 (34.9) 24 1.437 (36.5) 1.840 (46.7) 32 .625 (15.9) 16 .937 (23.8) 1.000 (25.4) 1.375 (34.9) 24 1.437 (36.5) 1.875 (47.6) 32 .625 (15.9) 16 .937 (23.8) 1.000 (25.4) 1.375 (34.9) 24 1.437 (36.5) 1.875 (47.6) 32 .625 (15.9) 16 .937 (23.8) 1.000 (25.4) 1.375 (34.9) 24 1.437 (36.5) 1.875 (47.6) 32 .500 (12.7) 12 .750 (19.1) .875 (22.2) 1.184 (30.1) 20 .350 (8.9) 10 .625 (15.9) .125 (3.2) 4 .312 (7.9) .250 (6.4) 6 .437 (11.1) .250 (6.4) 6 .437 (11.1) .125 (3.2) 4 .312 (7.9) .250 (6.4) 6 .437 (11.1) .350 (8.9) 10 .625 (15.9) .500 (12.7) 12 .750 (19.1) .500 (12.7) 12 .750 (19.1) .250 (6.4) 6 .437 (11.1) .500 (12.7) 12 .750 (19.1) .625 (15.9) 16 .937 (23.8) .500 (12.7) 12 .750 (19.1) .625 (15.9) 16 .937 (23.8) .500 (12.7) 12 .750 (19.1) .875 (22.2) 1.250 (31.8) 20 .350 (8.9) 10 .625 (15.9) .625 (15.9) 16 .937 (23.8) .875 (22.2) 1.250 (31.8) 20 .625 (15.9) 16 .937 (23.8) .500 (12.7) 12 .750 (19.1) .875 (22.2) 1.250 (31.8) 20 1.000 (25.4) 1.375 (34.9) 24 .875 (22.2) 1.250 (31.8) 20 1.250 (31.8) 1.625 (41.3) 28 .875 (22.2) 1.250 (31.8) 20 1.250 (31.8) 1.625 (41.3) 28 .875 (22.2) 1.250 (31.8) 20 1.250 (31.8) 1.625 (41.3) 28 .875 (22.2) 1.250 (31.8) 20 1.250 (31.8) 1.625 (41.3) 28 .350 (8.9) 10 .625 (15.9) .625 (15.9) 16 .937 (23.8) .875 (22.2) 1.250 (31.8) 20 .125 (3.2) 04 .312 (7.9) .125 (3.2) 04 .312 (7.9) Printed in U.S.A. (c) 2005 Glenair, Inc. * Denotes Style 2 CAGE Code 06324 GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 38-7 EMI/RFI Non-Env. Backshells |
Price & Availability of M85049-23-60 |