Part Number Hot Search : 
FM305 AD8631 IC18F RFM65CW C107M020 DDTA114 OL5155 LLSD103
Product Description
Full Text Search
 

To Download M85049-16S17N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS85049/15 and AS85049/16 Qwik-Ty(R) Strain Reliefs
Glenair Connector Designator H MIL-DTL-38999 Series III & IV, EN3645
M85049/15 G 11 W
Basic Part No. M85049/15 = 45 M85049/16 = 90 Configuration G = Self-Locking with Ground Lug S = Self-Locking without Ground Lug G Finish N = Electroless Nickel W = 1,000 Hour Cadmium Olive Drab Over Electroless Nickel Shell Size
Self-Locking Coupling
A Thread Typ.
.690 (17.5) Max
E Dia
E Dia
H F Ground Lug Typical on M85049/15G and M85049/16G only MS3367-1 Tie Strap or Equivalent (Typical)
F
TABLE I
Shell Size 9 11 13 15 17 19 21 23 25 A Thread Class 2B M12 X 1 - 6H M15 X 1 - 6H M18 X 1 - 6H M22 X 1 - 6H M25 X 1 - 6H M28 X 1 - 6H M31 X 1 - 6H M34 X 1 - 6H M37 X 1 - 6H E Dia Max .86 (21.8) .94 (23.9) 1.16 (29.5) 1.28 (32.5) 1.41 (35.8) 1.52 (38.6) 1.64 (41.7) 1.77 (45.0) 1.89 (48.0) F Max Cable Entry .264 (6.7) .392 (10.0) .506 (12.9) .631 (16.0) .756 (19.2) .845 (21.5) .970 (24.6) 1.095 (27.8) 1.220 (31.0) M85049/15S G Max 1.03 (26.2) 1.03 (26.2) 1.03 (26.2) 1.09 (27.7) 1.11 (28.2) 1.21 (30.7) 1.26 (32.0) 1.30 (33.0) 1.34 (34.0) M85049/15G G Max 1.21 (30.7) 1.21 (30.7) 1.39 (35.3) 1.39 (35.3) 1.39 (35.3) 1.39 (35.3) 1.39 (35.3) 1.39 (35.3) 1.39 (35.3) M85049/16 H Max 1.22 (31.0) 1.29 (32.8) 1.62 (41.1) 1.66 (42.2) 1.72 (43.7) 1.72 (43.7) 1.79 (45.5) 1.85 (47.0) 1.91 (48.5)
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses.
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 45-3
45 I Qwik-Ty SR.p65
3
9/21/2008, 8:43 PM
Qwik-Ty(R) Strain Reliefs


▲Up To Search▲   

 
Price & Availability of M85049-16S17N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X