Part Number Hot Search : 
LN233RPH RN60C B4908 LTC3330 A2411 MAX999 LM9836A VHC1G0
Product Description
Full Text Search
 

To Download LP3981-28B5F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
Datasheet
LP3981
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
General Description
The LP3981 is designed for portable RF and wireless applications with demanding performance and space requirements. The LP3981 performance is optimized for battery-powered systems to deliver ultra low noise and low quiescent current. A noise bypass pin is available for further reduction of output noise. Regulator ground current increases only slightly in dropout, further prolonging the battery life. The LP3981 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in hand-held wireless devices. The LP3981 consumes less than 0.01A in shutdown mode and has fast turn-on time less than 50s. The other features include ultra low dropout voltage, high output accuracy, current limiting protection, and high ripple rejection ratio. Available in the 5-lead of SOT23-5 packages.
Features
Ultra-Low-Noise for RF Application 2V- 6.5V Input Voltage Range Low Dropout : 220mV @ 300mA
1.2V, 1.5V, 1.8V, 2.5V, 2.8V 3.0V and 3.3V Fixed 300mA Output Current, 550mA Peak Current
High PSSR:-73dB at 1KHz < 0.01uA Standby Current When Shutdown
Available in SOT23-5 Package
TTL-Logic-Controlled Shutdown Input Ultra-Fast Response in Line/Load transient Current Limiting and Thermal Shutdown Protection Quick start-up (typically 50uS)
Ordering Information
LP3981 F: Pb-Free Package Type B5: SOT23-5 Output Voltage Type 12: 1.2V 15: 1.5V 18: 1.8V 25: 2.5V 28: 2.8V 30: 3.0V 33: 3.3V 50: 5.0V
Applications
Portable Media Players/MP3 players Cellular and Smart mobile phone LCD DSC Sensor Wireless Card
Pin Configurations
SOT-25(Top View)
Typical Application Circuit
Vin 1 + 3 SHDN IN GND OUT NC 5 + 4 1uF Vout
Marking Information
Please see website.
LP3981 - 01 Ver. 1.1 Datasheet
2
Feb.-2008
Page 1 of 8
Preliminary Functional Pin Description
Pin Name EN NC GND VOUT VIN Pin Function
Datasheet
LP3981
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull low 100k resistor connected to GND when the control signal is floating. NC Ground Output Voltage Power Input Voltage
Function Block Diagram
Absolute Maximum Ratings
Supply Input Voltage-------------------------------------------------------------------------------------------------------------6V Power Dissipation, PD @ TA = 25C
SOT-25 --------------------------------------------------------------------------------------------------------400mW Package Thermal Resistance SOT-25, JA ---------------------------------------------------------------------------------------------------------------250C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------260C Storage Temperature Range -------------------------------------------------------------------------------- -65C to 150C ESD Susceptibility HBM (Human Body Mode) ---------------------------------------------------------------------------------------------------2kV MM(Machine-Mode)-----------------------------------------------------------------------------------------------------------200V Recommended Operating Conditions Supply Input Voltage------------------------------------------------------------------------------------------------2.5V to 5.5V EN Input Voltage ------------------------------------------------------------------------------------------------------0V to 5.5V Operation Junction Temperature Range ------------------------------------------------------------------40C to 125C Operation Ambient TemperatureRange---------------------------------------------------------------------40C to 85C
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 2 of 8
Preliminary Electrical Characteristics
Parameter Output Voltage Accuracy Output Current Current Limit Quiescent Current Symbol VOUT Iout ILIM IQ
Datasheet
LP3981
(VIN = VOUT + 1V, CIN = COUT = 1F, CBP = 22nF, TA = 25 C, unless otherwise specified) Test Conditions IOUT = 1mA VEN=VIN,VIN>2.5V RLOAD = 1 VEN 1.2V, IOUT = 0mA IOUT = 200mA, VOUT > Dropout Voltage VDROP 2.8V IOUT = 300mA, VOUT > 2.8V Line Regulation Load Regulation Standby Current EN Input Bias Current Logic-Low EN Threshold Voltage Logic-High Voltage Output Noise Voltage Power Supply Rejection Rate f = 100Hz f = 10kHz TSD PSRR COUT = 1F, IOUT = 10mA VIH VLINE LOAD ISTBY IIBSD VIL VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA 1mA < IOUT < 300mA VEN = GND, Shutdown VEN = GND or VIN VIN = 3V to 5.5V, Shutdown VIN = 3V to 5.5V, Start-Up 10Hz to 100kHz, IOUT = 200mA COUT = 1F 1.2 100 -73 -70 165 dB C uVRMS 0.01 0.01 360 Min -2 Typ -300 400 75 170 220 120 200 mV 300 0.3 0.6 1 100 0.4 V % % A nA Max +2 Units % mA mA A
Thermal Shutdown Temperature
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 3 of 8
Preliminary Typical Operating Characteristics
Datasheet
LP3981
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 4 of 8
Preliminary
Datasheet
LP3981
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 5 of 8
Preliminary Datasheet Applications Information
Like any low-dropout regulator, the external capacitors used with the LP3981 must be carefully selected for regulator stability and performance. Using a capacitor whose value is > 1F on the LP3981 input and the amount of capacitance can be increased without limit. The input capacitor must be located a distance of not more than 0.5 inch from the input pin of the IC and returned to a clean analog ground. Any good quality ceramic or tantalum can be used for this capacitor. The capacitor with larger value and lower ESR (equivalent series resistance) provides better PSRR and line-transient response. The output capacitor must meet both requirements for minimum amount of capacitance and ESR in all LDOs application. The LP3981 is designed specifically to work with low ESR ceramic output capacitor in space-saving and performance consideration. Using a ceramic capacitor whose value is at least 1F with ESR is > 25m on the LP3981 output ensures stability. The LP3981 still works well with output capacitor of other types due to the wide stable ESR range. Figure 1 shows the curves of allowable ESR range as a function of load current for various output capacitor values. Output capacitor of larger capacitance can reduce noise and improve load transient response, stability, and PSRR. The output capacitor should be located not more than 0.5 inch from the VOUT pin of the LP3981 and returned to a clean analog ground.
LP3981
Start-up Function Enable Function
The LP3981 features an LDO regulator enable/disable function. To assure the LDO regulator will switch on, the EN turn on control level must be greater than 1.2 volts. The LDO regulator will go into the shutdown mode when the voltage on the EN pin falls below 0.4 volts. For to protecting the system, the LP3981 have a quick-discharge function. If the enable function is not needed in a specific application, it may be tied to VIN to keep the LDO regulator in a continuously on state.
Bypass Capacitor and Low Noise
Connecting a 22nF between the BP pin and GND pin significantly reduces noise on the regulator output, it is critical that the capacitor connection between the BP pin and GND pin be direct and PCB traces should be as short as possible. There is a relationship between the bypass capacitor value and the LDO regulator turn on time. DC leakage on this pin can affect the LDO regulator output noise and voltage regulation performance.
Thermal Considerations
Thermal protection limits power dissipation in LP3981. When the operation junction temperature exceeds 165C, the OTP circuit starts the thermal shutdown function turn the pass element off. The pass element turn on again after the junction temperature cools by 30C. For continue operation, do not exceed absolute maximum operation junction temperature 125C.
LP3981 - 01 Ver. 1.1 Datasheet Feb.-2008 Page 6 of 8
Preliminary Datasheet
The power dissipation definition in device is : PD = (VIN-VOUT) x IOUT + VIN x IQ The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surroundings airflow and temperature difference between junction to ambient. The maximum power dissipation can be calculated by following formula : PD(MAX) = ( TJ(MAX) - TA ) /JA Where TJ(MAX) is the maximum operation junction temperature 125C, TA is the ambient temperature and the JA is the junction to ambient thermal resistance. For recommended operating conditions specification of LP3981, where TJ(MAX) is the maximum junction temperature of the die (125C) and TA is the maximum ambient temperature. The junction to ambient thermal resistance (JA is layout dependent) for Sot23-5 package is 250C/W. PD(MAX) = (125C-25C) / 250 = 400mW (Sot23-5) PD(MAX) = (125C-25C) / 165 = 606mW The maximum power dissipation depends on operating ambient temperature for fixed TJ(MAX) and thermal resistance JA.
LP3981
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 7 of 8
Preliminary Packaging Information
Datasheet
LP3981
LP3981 - 01 Ver. 1.1 Datasheet
Feb.-2008
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of LP3981-28B5F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X