Part Number Hot Search : 
T273D AZ88943 BCR8PM EDZ11B CXA2076Q MD1213 250BZX 2N3331
Product Description
Full Text Search
 

To Download LBS140A27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 7MHz Bandwidth
Part Number: LBS140A27
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 3 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay f03.8MHz f04MHz Ultimate Rejection f04.4MHz f08.4MHz f015MHz Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz dB usec dB dB dB dB dB KHz/C C C C V dBm -
Minimum
139.85 6.7 35 45 45 45 50
Typical
140 28.5 6.78 7.62 0.9 3 36 48 49 46 53 0.14 Qz 25
Maximum
140.15 30 1.5 4 -
-40 -45
0
+85 +105
-
1A
10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS140A27 2009-03-23 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 7MHz Bandwidth
Part Number: LBS140A27
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=100nH L2=68nH
OUTPUT 50 C2
Notes - Component values may change depending on board layout.
INPUT 50 C1
C1=39pF
C2=56pF
Source/Load Impedance=50 ohm
Package Dimension
35.00 0.50 12.80 0.50
SIPAT LBS140A27 XXYYZZ
Pad Configuration: Input Output 1 5
Ground All Others
4.70 4.50
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBS140A27: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code
0.45 0.05 2.54 0.20 7.62 0.20
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.20
2.54 0.20
Unit: mm
Part Number Rev. Date Ver.
LBS140A27 2009-03-23 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 7MHz Bandwidth
Part Number: LBS140A27
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -18.5143 -28.5143 -38.5143
-28.0143 -27.0143
Passband Respond
Type Performance
-27.5143
-48.5143 Magnitude(dB)
A m plitude ripple(dB )
-58.5143 -68.5143 -78.5143 -88.5143
-28.5143
-29.0143
-29.5143
-30.0143
-98.5143 -108.5143 -118.5143 115
-30.5143
120
125
130
135 140 145 Frequency(MHz)
150
155
160
165
-31.0143 130
132
134
136
138
140 Frequency(MHz)
142
144
146
148
150
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f03MHz)
Type Performance 3200 10
Phase Linearity(f03MHz)
Type Performance
8 3150
6 3100 4 3050 2 G roup Delay T im e(ns )
X: 137 Y: 2991 X: 137 Y: -0.1061 X: 140 Y: -0.2769 X: 143 Y: 1.034
2950
X: 140 Y: 2978
X: 143 Y: 2988
D egree(deg) 144 146
3000
0
-2
-4 2900 -6 2850 -8
2800 -10
2750 134
136
138
140 Frequency(MHz)
142
-12 134
136
138
140 Frequency(MHz)
142
144
146
Horizontal: 2MHz/Div
Vertical: 50ns/Div
Horizontal: 2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS140A27 2009-03-23 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS140A27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X