|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 140MHz SAW Filter 20MHz Bandwidth Part Number: LBN140A29 www.sipatsaw.com SIPAT Co., Ltd. Features For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50 RoHS compliant (2002/95/EC), Pb-free Specifications Parameter Center Frequency Insertion Loss 3 dB Bandwidth Passband Variation Absolute Delay f010.5MHz f010.7MHz Ultimate Rejection f011.1MHz f015.1MHz Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. 3. 4. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; This is the optimum impedance in order to achieve the performance show. Unit MHz dB MHz dB usec dB dB dB dB KHz/C C C C V dBm - Minimum 139.85 20.1 35 45 45 50 Typical 140 28.3 20.19 1.2 3.42 39 49 49 51 -13.16 YZ LN 25 Maximum 140.15 30 1.5 4 - -40 -45 - 0 1A +85 +105 10 DIP3512 (35.0x12.8x4.7mm3) SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN140A29 2009-03-18 1.0 Page 1/3 Fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 140MHz SAW Filter 20MHz Bandwidth Part Number: LBN140A29 www.sipatsaw.com SIPAT Co., Ltd. Matching Configuration Source/Load Impedance=50 ohm INPUT 50 OUTPUT 50 Notes - Component values may change depending on board layout. Package Dimension 35.00 0.50 Pad Configuration: SIPAT LBN140A29 XXYYZZ Input Output 1 5 12.80 0.50 4.70 4.50 Ground All Others Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBN140A29: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code 0.45 0.05 2.54 0.20 7.62 0.20 3 6 Package: DIP3512 SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 2 1 4 5 25.40 0.20 2.54 0.20 Unit: mm Part Number Rev. Date Ver. LBN140A29 2009-03-18 1.0 Page 2/3 Fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 140MHz SAW Filter 20MHz Bandwidth Part Number: LBN140A29 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond Type Performance -18.3014 -28.3014 -38.3014 -27.8014 -26.8014 Passband Respond Type Performance -27.3014 -48.3014 Magnitude(dB) A m plitude ripple(dB ) -58.3014 -68.3014 -78.3014 -88.3014 -28.3014 -28.8014 -29.3014 -29.8014 -98.3014 -108.3014 -118.3014 90 100 110 120 130 140 150 Frequency(MHz) 160 170 180 190 -30.3014 -30.8014 110 120 130 140 Frequency(MHz) 150 160 170 Horizontal: 10MHz/Div Vertical: 10dB/Div Horizontal: 10MHz/Div Vertical: 0.5dB/Div Group Delay Variation(f010MHz) Type Performance 3900 100 Phase Linearity(f010MHz) Type Performance 3800 80 3700 60 3600 40 3500 G roup Delay T im e(ns ) X: 130 Y: 3386 X: 140 Y: 3431 20 X: 130 Y: 1.942 X: 150 Y: 3320 X: 140 Y: 0.5793 X: 150 Y: 7.298 3300 D egree(deg) 155 3400 0 -20 3200 -40 3100 -60 3000 -80 2900 -100 2800 125 130 135 140 Frequency(MHz) 145 150 -120 125 130 135 140 Frequency(MHz) 145 150 155 Horizontal: 5MHz/Div Vertical: 100ns/Div Horizontal: 5MHz/Div Vertical: 20deg/Div Smith Chart S11 +j1.0 +j0.5 +j2.0 Smith Chart S22 +j1.0 +j0.5 +j2.0 +j0.2 +j5.0 +j0.2 +j5.0 0.2 0.5 1.0 2.0 5.0 0.2 0.5 1.0 2.0 0.0 0.0 5.0 -j0.2 -j5.0 -j0.2 -j5.0 -j0.5 -j1.0 -j2.0 -j0.5 -j1.0 -j2.0 SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN140A29 2009-03-18 1.0 Page 3/3 Fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN140A29 |