Part Number Hot Search : 
SAA7135 DM74S04 ISL1539A ELECT 2TZ15 HA12203 BZX84C 030K1F
Product Description
Full Text Search
 

To Download LB140DS35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 3MHz Bandwidth
Part Number: LB140DS35
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter Single-ended operation Ceramic Surface Mount Package Small size RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 30 dB Bandwidth Passband Variation Group Delay Variation(f01MHz) Absolute Delay Ultimate Rejection Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz MHz dB nsec usec dB KHz/C C C C V dBm -
Minimum
139.85 1.9 2.8 40
Typical
140 11 2.15 2.97 5.58 0.2 37 1.05 51 -2.52 112LT 25
Maximum
140.15 15 6 0.8 100 -
-40 -45
0
+85 +105
-
1A
10
SMD13.3*6.5A
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS35 2008-09-18 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 3MHz Bandwidth
Part Number: LB140DS35
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=22nH
OUTPUT 50 C2
L2=27nH
INPUT 50 C1
C1=C2=56pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
Package Dimension
+0.2 13.3-0.1
Pad Configuration:
SIPAT LB140DS35 XXYYZZ
Input:
+0.2 6.5-0.1
10
Output: 5 Ground: All Others
0.4 1.56 0.1 0.76
Marking Configuration: 1) *: Pad Number 1 Index 2) SIPAT: Manufacturer Name 3) LB140DS35: Part Number 4) XXYY: Date(Year/month) 5) ZZ: Identified Code
2.9
0.51
1.02
1.91
0.6
Package: SMD13.3*6.5A
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS35 2008-09-18 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 3MHz Bandwidth
Part Number: LB140DS35
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -1.0566 -11.0566 -21.0566
-10.5566 -9.5566
Passband Respond
Type Performance
-10.0566
-31.0566 Magnitude(dB)
Amplitude ripple(dB)
-41.0566 -51.0566 -61.0566 -71.0566
-11.0566
-11.5566
-12.0566
-12.5566
-81.0566 -91.0566 -101.0566 125
-13.0566
130
135
140 Frequency(MHz)
145
150
155
-13.5566 136
137
138
139
140 Frequency(MHz)
141
142
143
144
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f01MHz)
Type Performance 1200 6
Phase Linearity(f01MHz)
Type Performance
1150
4
1100
X: 139 Y: 1054
2
X: 139 Y: 0.365 X: 141 Y: 0.2323
Group Delay Time(ns)
X: 141 Y: 1051
1000
Degree(deg)
1050
X: 140 Y: 1034
0
X: 140 Y: -0.3521
-2
950
-4
900
-6
850 137.5
138
138.5
139
139.5
140 Frequency(MHz)
140.5
141
141.5
142
142.5
-8 137.5
138
138.5
139
139.5
140 Frequency(MHz)
140.5
141
141.5
142
142.5
Horizontal: 0.5MHz/Div
Vertical: 50ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS35 2008-09-18 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LB140DS35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X