Part Number Hot Search : 
MIC25 BSO303SP 00190 BSO303SP P8798 KBPC2508 0805H124 TDA3651
Product Description
Full Text Search
 

To Download HVI13-S033030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES HVI13 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES LOW-PROFILE & COMPACT PCB FORMAT MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac. Rating 100 to 240Vac. Input Connector: Molex # 5045. Input Frequency: 47-63Hz Inrush Current: Typ. 26.0A @230Vac. Input Current: Typ. 0.30A @115Vac, 0.15A@230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR PUB. 22 & FCC Class B. Hold-up Time: Typ. 10mS @115Vac, 40mS @230Vac. Earth Leakage: Typ. 0.25mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 13-15watts. Output Connector: Molex # 5045. Line Regulation: Typ. 0.1%. Load Regulation: Main VO1 typ. 2.0%. Aux. VO2 typ. 5.0% (stacked on). Noise & Ripple: Typ. 1.0% peak to peak. OVP: Built-in at VO1 (Zener diode). Adjustability: Available at VO1. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 70-80%. Switching Frequency: 40 KHz. Circuit Topology: Fixed Frequency Flyback Circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class II. Operating Temperature: 0 to +50C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04%/C. Cooling: Free air convection. Construction: PCB open frame format. Power Density: 2.12 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-5-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN VO1 MODEL NO. HVI13-S033030 HVI13-S050028 HVI13-S120012 HVI13-S150010 HVI13-S240006 HVI13-S480003 Typ. 3.0A 2.8A 1.2A 1.0A 0.6A 0.3A Volt 3.3V 5.0V 12.0V 15.0V 24.0V 48.0V Peak 3.7A 3.4A 1.5A 1.2A 0.8A 0.4A MODEL NO. HVI13-D033I HVI13-D033K HVI13-D033M HVI13-D050I HVI13-D050K HVI13-D050M
DUAL OUTPUT
MAIN VO1 Typ. 2.5A 2.5A 2.5A 2.0A 2.0A 2.0A Volt. +3.3V +3.3V +3.3V +5.0V +5.0V +5.0V Max. 3.5A 3.5A 3.5A 2.5A 2.5A 2.5A AUX. VO2 Typ. 0.4A 0.3A 0.2A 0.4A 0.3A 0.2A Volt. +12V +15V +24V +12V +15V +24V Max. 0.5A 0.4A 0.2A 0.5A 0.4A 0.2A
Symbol: " " OVP built-in. "" Stacked on main output. Remark: (1) At least 20% of typical main output current is required to maintain stated regulation. (2) Peak output, less than 60 Sec. with 10% duty cycle. (3) Max. current can't be drawn from all output at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 62.0g (2.19 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT AC-LINE AC-NEUTRAL P1-L P1-N CONNECTOR & PIN # Mating connector: Molex 5051series or equivalent. SINGLE OUTPUT +VO1 DC-COM P2-4,5 P2-1,2 VO1 P2-4,5 DUAL OUTPUT VO2 P2-3 DC-COM P2-1,2
-6-


▲Up To Search▲   

 
Price & Availability of HVI13-S033030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X