Part Number Hot Search : 
42375 KBPC2508 LM117 KBPC2508 N2546 HF9316 SBL1040C LF441CN
Product Description
Full Text Search
 

To Download HDSP-U1XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDSP-U1XX Series
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Data Sheet
HDSP-U1XX/U2xx/U3xx/U4xx/U5xx Series
Description The 8 mm (0.31 inch) LED seven segment displays are Avago's most space-efficient character size. They are designed for viewing distances up to 3 metres (10 feet). The numeric devices feature a right hand decimal point. All devices are available as either common anode or common cathode. Typical applications include appliances, temperature controllers, and digital panel meters. Features * Compact package * 8 mm (0.31 inch) character height * Choice of colors Wide range of colors * Excellent appearance Evenly lighted segments Mitered corners on segments Gray/black surface gives optimum contrast 50 viewing angle * Design flexibility Common anode or common cathode Right hand decimal point * Categorized for luminous intensity Yellow and Green also categorized for color Use of like categories yields a uniform display * High light output * High peak current * Excellent for long digit string multiplexing * Intensity and color selection option
Devices
AlGaAs Red HDSPU101 U103 U111 U113 HER HDSPU201 U203 U211 U213 Orange HDSPU401 U403 U411 U413 Yellow HDSPU301 U303 U311 U313 Green HDSPU501 U503 U511 U513 Description Common Anode, Right Hand Decimal, Gray Surface Common Cathode, Right Hand Decimal, Gray Surface Common Anode, Right Hand Decimal, Black Surface Common Cathode, Right Hand Decimal, Black Surface Circuit Diagram A B A B
Part Numbering System 5 0 8 2 - x xx x - x x x xx HDSP - x xx x - x x x xx Mechanical Options[1] 00: No mechanical option 36: Special dimensional tolerances Color Bin Options[1,2] 0: No color bin limitation Maximum Intensity Bin[1,2] 0: No maximum intensity bin limitation Minimum Intensity Bin[1,2] 0: No minimum intensity bin limitation Device Configuration/Color[1] 1: Common Anode 3: Common Cathode Device Specific Configuration[1] Refer to respective data sheet Package[1] U: 8 mm (0.31 inch) Ultra Mini Single Digit Seven Segment Display
Notes: 1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Avago representative for details. 2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective data sheet for specific bin limit information.
2
Package Dimensions
10 1.0 (0.039) 1 2 8.0 (0.315) 3 4 5 4.0 (0.157) e d f g c DP a b 10 9 8 7 6 LUMINOUS INTENSITY CATEGORY
COLOR BIN NOTE NO. 3
0.5 (0.020)
HDSP-XXXX XYY ZW
5.5 11.0 0.2 (0.217) (0.433 0.008)
8.0 (0.315) 2.0 (0.079) DATE CODE
2.0 (0.079) 2.5 (0.098)
0.7 (0.028) 5.0 (0.197)
4.5 MIN. (0.177)
7.1 (0.280) MAX.
NOTES: 1. ALL DIMENSIONS IN MILLIMETERS (INCHES). 2. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY. 3. FOR YELLOW AND GREEN SERIES PRODUCT ONLY.
0.25 (0.010) 5.3 (0.209)
Internal Circuit Diagram
1 2 3 4 5
10 9 8 7 6
1 2 3 4 5
10 9 8 7 6
A
B
FUNCTION PIN 1 2 3 4 5 6 7 8 9 10 A CATHODE a CATHODE f CATHODE g CATHODE e CATHODE d CATHODE DP ANODE DP CATHODE c ANODE CATHODE b B ANODE a ANODE f ANODE g ANODE e ANODE d CATHODE DP ANODE DP ANODE c CATHODE ANODE b
HDSP-UXXX CIRCUIT
3
Absolute Maximum Ratings
AlGaAs Red HDSPU1xx Series 37 45[1] 15[2] -20 to +90 3.0 250 HER/Orange HDSPU2xx/-4xx Series 105 90[3] 30[4] Yellow HDSPU3xx Series 80 60[5] 20[6] -25 to +90 -30 to +90 Green HDSPU5xx Series 105 90[7] 30[8]
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wavesoldering Temperature for 3 Seconds (1.60 mm [0.063 in.] below body)
Units mW mA mA C C V C
Notes: 1. See Figure 1 to establish pulsed conditions. 2. No derating over specified temperature range. 3. See Figure 5 to establish pulsed conditions. 4. Derate above 53C at 0.45 mA/C (see Figure 8).
5. See Figure 6 to establish pulsed conditions. 6. Derate above 81C at 0.52 mA/C (see Figure 8). 7. See Figure 7 to establish pulsed conditions. 8. Derate above 39C at 0.37 mA/C (see Figure 8).
Electrical/Optical Characteristics at TA = 25C AlGaAs Red Device Series HDSPU1xx Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Symbol IV VF Min. 315 Typ. 600 3600 1.6 1.7 1.8 645 637 15 -2 255 Max. Units cd Test Conditions IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 20 mA
V 2.2 nm nm V mV/C C/W/ Seg
Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
PEAK d VR VF /C RJ-Pin
3.0
IR = 100 A
4
Electrical/Optical Characteristics at TA = 25C, continued High Efficiency Red Device Series Parameter HDSPLuminous Intensity/Segment[1,2] U2xx (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF/Segment or DP Thermal Resistance LED Junction-to-Pin Test Conditions IF = 5 mA IF = 20 mA IF = 20 mA
Symbol IV VF PEAK d VR VF /C RJ-Pin
Min. 360
3.0
Typ. 980 5390 2.0 635 626 30 -2 200
Max.
Units cd V nm nm V mV/C C/W/ Seg
2.5
IR = 100 A
Orange Device Series HDSPU4xx
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR VF /C RJ-Pin
Min. 360
Typ. 980 5390 2.0 600 603 30 -2 200
Max.
Units cd
Test Conditions IF = 5 mA IF = 20 mA IF = 20 mA
2.5
3.0
V nm nm V mV/C C/W/ Seg
IR = 100 A
5
Yellow Device Series HDSPU3xx
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR VF /C RJ-Pin
Typ. 480 2740 2.2 583 581.5 586 3.0 50.0 -2 200
Min. 225
Max.
Units cd
V nm 592.5 nm V mV/C C/W/ Seg
2.5
Test Conditions IF = 5 mA IF = 20 mA IF = 20 mA
IR = 100 A
High Performance Green Device Series Parameter HDSPLuminous Intensity/Segment[1,2] (Digit Average) U5xx Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF/Segment or DP Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR VF /C RJ-Pin
Min. 860
3.0
Typ. 3000 6800 2.1 566 571 50.0 -2 200
Max.
Units cd V nm nm V mV/C C/W/ Seg
2.5
Test Conditions IF = 10 mA IF = 20 mA IF = 10 mA
IR = 100 A
Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. The Yellow (HDSP-U3XX) series and Green (HDSP-U5XX) series displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
6
AlGaAs Red
I F PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE I DC MAX DERATED MAXIMUM DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
10
0 10
1
0 30
10 K H Z
3 K H
K H z z
H z
H z
1 1 10 100 1000 10000
DC OPERATION
t P - PULSE DURATION - s
Figure 1. Maximum Tolerable Peak Current vs. Pulse Duration - AlGaAs Red.
IF - FORWARD CURRENT PER SEGMENT - mA
160
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 20 mA)
2.00 1.75 1.50 1.25 1.00 AlGaAs RED 0.75 0.50 0.25 0
140 120 AlGaAs RED 100 80 60 40 20 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 VF - FORWARD VOLTAGE - V
0
5
10
15
20
25
30
35
40
IF - FORWARD CURRENT PER SEGMENT - mA
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
PEAK - NORMALIZED RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 20 mA)
1.4
1.2
1.0
0.8 AlGaAs RED
0.6 0.5 1.0 2.0 5.0 10.0 20.0 50.0 150.0 3.0 30.0 100.0 500.0
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
7
HER, Orange, Yellow, Green
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100
10
10
OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
10
z H 0 10 z H 0 30 z
1
10
1
30
3
10 K H Z
3 K H
K z
K
z H K
0
0
K
H
z H
z H
z H
Z H
1 1 10
DC OPERATION 100 1000 10000
1 1 10
DC OPERATION 100 1000 10000
t P - PULSE DURATION - s
t P - PULSE DURATION - s
Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration - HER, Orange.
Figure 6. Maximum Tolerable Peak Current vs. Pulse Duration - Yellow.
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100
50
I DC MAX - MAXIMUM DC CURRENT PER SEGMENT - mA
OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
R
45 40 35 30 25 20 15 10 5 0 20 30 40 50 60
J-A
= 770C/W
HER/ORANGE GREEN YELLOW
10
1
10 K H Z
30
10
3 K H
K H z z
0 H z
0 H z
1 1 10
DC OPERATION 100 1000 10000
70 80
90 100 110 120
t P - PULSE DURATION - s
T A - AMBIENT TEMPERATURE - C
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration - Green.
Figure 8. Maximum Allowable DC Current vs. Ambient Temperature.
PEAK - RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER AND YELLOW AND TO 1 AT 10 mA FOR GREEN)
100
12
PEAK - RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 5 mA FOR HER, ORANGE AND YELLOW, AND 10 mA FOR GREEN)
I F - FORWARD CURRENT PER SEGMENT - mA
1.8 YELLOW 1.6 HER/ORANGE
80
10 HER/ORANGE 8 YELLOW 6
60 YELLOW 40 HER/ORANGE 20 GREEN 0 0 1.0 2.0 3.0 4.0 5.0
1.4 GREEN 1.2
4 GREEN 2
1.0
0 0 5 10 15 20 25 30
0.8 0 20 40 60 80 100
V F - FORWARD VOLTAGE - V
I F - FORWARD CURRENT PER SEGMENT - mA
I PEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 9. Forward Current vs. Forward Voltage Characteristics.
Figure 10. Relative Luminous Intensity vs. DC Forward Current.
Figure 11. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
8
Intensity Bin Limits (mcd) AlGaAs Red HDSP-U1XX IV Bin Category Min. E 0.315 F 0.428 G 0.621 H 0.945 I 1.40 J 2.10 K 3.14 L 4.70
Max. 0.520 0.759 1.16 1.71 2.56 3.84 5.75 8.55
HER IV Bin Category B C D E F G H HDSP-U2xx Min. 0.342 0.516 0.774 1.160 1.740 2.610 3.915 Max. 0.630 0.946 1.418 2.127 3.190 4.785 7.177
Orange HDSP-U4xx IV Bin Category Min. C 0.443 D 0.554 E 0.692 F 0.856 G 1.082 H 1.352 I 1.692 J 2.114 K 2.641 L 3.300 M 4.127 N 5.157 Max. 0.677 0.846 1.057 1.322 1.652 2.066 2.581 3.227 4.034 5.042 6.303 7.878
9
Yellow HDSP-U3xx IV Bin Category Min. B 0.229 C 0.317 D 0.476 E 0.714 F 1.073 G 1.609 H 2.413 Max. 0.387 0.582 0.872 1.311 1.967 2.950 4.425
Electrical/Optical For more information on electrical/optical characteristics, please see Application Note 1005. Contrast Enhancement For information on contrast enhancement, please see Application Note 1015. Soldering/Cleaning Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating materials used to form the package of plastic LED parts. For more information on soldering LEDs, please refer to Application Note 1027.
Green IV Bin Category H I J K L HDSP-U5xx Min. 0.86 1.29 1.94 2.90 4.37 Max. 1.58 2.37 3.55 5.33 8.01
Color Categories Color Yellow Bin 1 3 2 4 2 3 4 5 Dominant Wavelength (nm) Min. Max. 581.50 585.00 584.00 587.50 586.50 590.00 589.00 592.50 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Green
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Avago representatives for further clarification/information.
10
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries. Data subject to change. Copyright (c) 2006 Avago Technologies Limited. All rights reserved. Obsoletes 5964-6424E 5988-2220EN June 23, 2006


▲Up To Search▲   

 
Price & Availability of HDSP-U1XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X