Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search
 

To Download GDZ6V2B-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GDZ-V-Series
Vishay Semiconductors
Small Signal Zener Diodes
Features
* Silicon Planar Power Zener Diodes * Low Zener impedence and low leakage e3 current * Popular in Asian designs * Compact surface mount device * Ideal for automated mounting * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
20145
Mechanical Data
Case: SOD323 Plastic case Weight: approx. 5.0 mg Packaging Codes/Options: GS18/10 k per 13" reel (8 mm tape), 10 k/box GS08/3 k per 7" reel (8 mm tape), 15 k/box
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Power dissipation Test condition Symbol Pd Value 200 Unit mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction temperature Storage temperature range Test condition Symbol Tj Tstg Value 150 - 55 to + 150 Unit C
Document Number 85766 Rev. 1.5, 17-May-06
www.vishay.com 1
GDZ-V-Series
Vishay Semiconductors Electrical Characteristics
Partnumber Marking Code Zener Voltage Subdivision VZ at IZT1 V min GDZ2V0B-V GDZ2V2B-V GDZ2V4B-V GDZ2V7B-V GDZ3V0B-V GDZ3V3B-V GDZ3V6B-V GDZ3V9B-V GDZ4V3B-V GDZ4V7B-V GDZ5V1B-V GDZ5V6B-V GDZ6V2B-V GDZ6V8B-V GDZ7V5B-V GDZ8V2B-V GDZ9V1B-V GDZ10B-V GDZ11B-V GDZ12B-V GDZ13B-V GDZ15B-V GDZ16B-V GDZ18B-V GDZ20B-V GDZ22B-V GDZ24B-V GDZ27B-V GDZ30B-V GDZ33B-V GDZ36B-V Notes: (1) The Zener voltage V(Z) is measured 40 ms after power is supplied. (2) The operating resistance (ZZ, ZZK) are measured by superimposing a 1 KHz alternating current on the regulated current (IZ). 02 12 22 32 42 52 62 72 82 92 T1 T2 T3 T4 T5 T6 T7 T8 T9 TA TB TC TD TE TH TK TL TM TN TP TT 2.020 2.220 2.430 2.690 3.010 3.320 3.600 3.890 4.170 4.550 4.980 5.490 6.060 6.650 7.280 8.020 8.850 9.770 10.760 11.740 12.910 14.340 15.850 17.560 19.520 21.540 23.720 26.190 29.190 32.150 35.070 VZ at IZT1 V max 2.200 2.410 2.630 2.910 3.220 3.530 3.845 4.160 4.430 4.750 5.200 5.730 6.330 6.930 7.600 8.360 9.230 10.210 11.220 12.240 13.490 14.980 16.510 18.350 20.390 22.470 24.780 27.530 30.690 33.790 36.870 max 100 100 100 110 120 120 100 100 100 100 80 60 60 40 30 30 30 30 30 30 37 42 50 65 85 100 120 150 200 250 300 Operating Resistance ZZ at IZT1 max 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 60 60 60 60 60 60 80 80 80 80 80 100 100 120 150 200 250 300 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 120 120 120 100 50 20 10 5.0 5.0 2.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 Rising Operating Resistance ZZK at IZT2 Test Current Reverse Current
IZT1 mA
IZT2 mA
IR A
at VR V
www.vishay.com 2
Document Number 85766 Rev. 1.5, 17-May-06
GDZ-V-Series
Vishay Semiconductors Typical Characteristics
Tamb = 25 C unless otherwise specified
0.12
Temperature coefficient (%/K)
0.10 0.08 0.06 0.04 0.02 0 - 0.02 - 0.04 - 0.06 - 0.08 0 4 8 12 16 20 24 28 32 36
19964
Zener Voltage VZ (V)
Figure 1. Zener Voltage Temperature Coefficient vs. Zener Voltage
Package Dimensions in mm (Inches): SOD323
1.15 (0.045) 0.8 (0.031) 0.1 (0.004) max
foot print recommendation:
0.25 (0.010) min 1.95 (0.077) 1.60 (0.063) cathode bar
0.15 (0.006)
0.10 (0.004)
0.6 (0.024)
0.6 (0.024)
0.40 (0.016)
0.20 (0.008)
2.85 (0.112) 2.50 (0.098)
Document no.: S8-V-3910.02-001 (4) Rev. 03 - Date: 08.November 2004 17443
Document Number 85766 Rev. 1.5, 17-May-06
1.5 (0.059)
1.1 (0.043)
1.6 (0.063)
0.6 (0.024)
www.vishay.com 3
GDZ-V-Series
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85766 Rev. 1.5, 17-May-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of GDZ6V2B-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X