Part Number Hot Search : 
DA120 10131 41101 8ENA1ZPH MAX27 KTY82210 2SK307 55N10
Product Description
Full Text Search
 

To Download FP55S1R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 METAL FILM RESISTORS GP SERIES - Standard RoHS GPS SERIES - Small Size FP/FPS SERIES - Flameproof
Industry's widest range! 10 models, 1/8W to 2W, 1 to 22.1M, 0.1% to 5%, 25ppm to 100ppm Miniature GPS Series enables significant space savings Flameproof FP & FPS version meet UL94V-0 Wide selection available from stock
Term.W is RoHS compliant & 260C compatible
RESISTORS CAPACITORS COILS DELAY LINES
Precision performance, industry's lowest price!
RCD's GP metal film resistors and FP flameproof version are designed to provide high performance and reliability at low costs. Improved performance over industry standard is achieved via the use of high grade materials combined with stringent process controls. Unlike other manufacturers that lock users into a limited range of "standard products", RCD offers the industry's widest choice of design options, including non-standard resistance values.
H L D
OPTIONS
Option P: Pulse tolerant design Option ER: 100-hour burn-in (full rated W25) Option 48: Short-time overload screening Numerous design modifications are available - matched sets, TCR tracking, cut & formed leads, increased voltage and temperature ratings, non-magnetic construction, etc.
d
Inch [mm]
SERIES GP & FP SPECIFICATIONS
RCD Ty p e GP50, F P 50 GP55, F P 55 GP60, F P 60 GP65, F P 65 GP70, F P 70 Wa t t R a tin g ( 7 0 C) .125W .25W .50W 1.0W 2.0W Ma x W o r k in g Vo l t a g e 1 200V 250V 350V 400V 500V TC ppm/C 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100 Standard Resis. Range (custom avail.) .1% & .25% 1 0 0 -1 M 3 0 -1 M 2 0 -1 M 5 1 .1 -1 M 1 0 -1 M 1 - 5 . 1 M 1 0 0 -1 M 1 0 -1 M 1 0 -1 M 1 0 0 -1 M 1 0 -1 M 1 0 -1 M 1 0 0 -1 M 1 0 -1 M 1 0 -1 M 0.5% 5 0 -1 M 1 0 -1 M 1 0 -1 M 3 0 -1 M 1 0 -1 M 1 0 -1 M 5 0 -1 M 1 0 -2 .2 M 1 0 -2 .2 M 5 0 -1 M 1 0 -3 M 1 0 -3 M 5 0 -1 M 1 0 -5 M 1 0 -5 M 1% -5% 4 0 -1 M 1 0 -1 M 5 - 1 0 M 3 0 -1 M 1 0 -1 M 1 - 2 2 . 1 M 4 0 -1 M 1 0 -5 M 1 0 -1 0 M 5 0 -1 M 1 0 -3 M 1 0 -3 M 5 0 -1 M 1 0 -5 M 1 0 -5 M L .020 [.5]* D .016 [.4]* d .003 [.08] .134 [3.4] .248 [6.3] .353 [9.0] .455 [11.5]* .590 [15]* .067 [1.7] .090 [2.3] .138 [3.5] .177 [4.5]* .195 [5.0]* .018 [.45] .024 [.60] .026 [.65] .030 [.75] .031 [.8] H (Min)** .98 [25] .98 [25] .98 [25] 1.26 [32] 1.26 [32] Std. Reel Quantity 5000 5000 2500 2000 1000
SERIES GPS & FPS SPECIFICATIONS
RCD Ty p e GP50S, F P 50S GP52S, F P 52S GP55S, F P 55S GP56S, F P 56S GP60S, F P 60S
1
Wa t t R a tin g ( 7 0 C) .25W .4W .5W .6W 1W
Ma x W o r k in g Vo l t a g e 1 200V 200V 250V 250V 350V
TC ppm/C 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100
Standard Resis. Range (custom avail.) .1% & .25% 1 0 0 -1 M 3 0 -1 M 2 0 -1 M 1 0 0 -1 M 3 0 -1 M 2 0 -1 M 5 1 .1 -1 M 1 0 -1 M 1 - 5 . 1 M 5 1 .1 -1 M 1 0 -1 M 1 - 5 . 1 M 1 0 0 -1 M 1 0 -1 M 1 0 -1 M 0.5% 5 0 -1 M 1 0 -1 M 1 0 -1 M 5 0 -1 M 1 0 -1 M 1 0 -1 M 3 0 -1 M 1 0 -1 M 1 0 -1 M 3 0 -1 M 1 0 -1 M 1 0 -1 M 5 0 -1 M 1 0 -2 .2 M 1 0 -2 .2 M 1% -5% 4 0 -1 M 1 0 -1 M 5 - 1 0 M 4 0 -1 M 1 0 -1 M 1 0 -2 .4 M 3 0 -1 M 1 0 -1 M 1 - 2 2 . 1 M 3 0 -1 M 1 0 -1 M 1 - 2 2 . 1 M 4 0 -1 M 1 0 -5 M 1 0 -1 0 M
L .020 [.5]* D .016 [.4]* d .003 [.08] .134 [3.4] .134 [3.4] .248 [6.3] .248 [6.3] .353 [9.0] .067 [1.7] .067 [1.7] .090 [2.3] .090 [2.3] .138 [3.5]* .018 [.45] .020 [.5] .024 [.60] .024 [.60] .028 [.7]
H (Min)** .98 [25] .98 [25] .98 [25] .98 [25] .98 [25]
Std. Reel Quantity 5000 5000 5000 5000 2500
Working voltage = (PR)1/2, voltage level not to exceed the maximum value listed. Increased ratings available * Tolerance is .032 [.8] on GP65, FP65, GP70, FP70 length, .024 [.6] on GP65, FP65, GP70,FP70, GP60S, FP60S body diameter **Lead length dimensions are for bulk packaged parts, taped parts may be shorter (refer to taping spec)
TYPICAL PERFORMANCE CHARACTERISTICS
Environmental Test GP/FP (Standard) GPS /FPS (Mini) Short Time Overload 0.25% 0.5% Resis. to Solder Heat 0.05% 0.05% Moisture Resistance* 0.3% (FP=0.6%) 0.3% (FPS=0.6%) 1000 Hour Load Life 0.5% 1% Temperature Cycling 0.2% 0.2% Low Temp Operation 0.1% 0.1% Noise 0.1uV/V Voltage Coefficient 5ppm/V Derating Derate W and V by 1.11%/C above 70C Operating Temperature -55C to +160C Flame Retardancy GP&GPS = UL94V-1, FP&FPS = UL94V-0 Dielectric Strength 500V (GP& FP50/50S/52S=300V) * To ensure utmost reliability, care should be taken to avoid potential sources of ionic contamination.
P/N DESIGNATION:
GP55S
- 1002 - F T
W
Type: GP or FP (flameproof) Option Codes: P, ER, 48 (leave blank if standard) Resis.Code 2%-5%: 2 signif. figures & multiplier (1R0=1, 100=10, 101=100, 102=1K, 103=10K, 104=100K, 105=1M, 106=10M) Resis.Code 0.1%-1%: 3 sig. figures &multiplier, (1R00=1, 10R0=10, 1000=100, 1001=1K, 1002=10K, 1003=100K, 1004=1M, 1005=10M) Tolerance Code: J=5%, G=2%, F=1%, D=0.5%, C=0.25%, B=0.1% (1% is standard) Packaging: B = Bulk, T = Tape & Reel TC Options: 50=50ppm, 25=25ppm, leave blank for standard TC (100ppm 10 to 1M, 200ppm <10 or >1M) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable, in which case RCD will select based on lowest price and quickest delivery)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA020B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
63


▲Up To Search▲   

 
Price & Availability of FP55S1R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X