Part Number Hot Search : 
64BDK07G ND1391 WM8781 ADP1101 AK9822M EPR1205G ZPY110 NKA0315D
Product Description
Full Text Search
 

To Download FCP9N60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FCP9N60N / FCPF9N60NT N-Channel MOSFET
FCP9N60N / FCPF9N60NT
N-Channel MOSFET
600V, 9A, 0.385 Features
* RDS(on) = 0.33 ( Typ.)@ VGS = 10V, ID = 4.5A * Ultra low gate charge ( Typ. Qg = 22nC) * Low effective output capacitance * 100% avalanche tested * RoHS compliant
TM SupreMOS
tm
August 2009
Description
The SupreMOS MOSFET, Fairchild's next generation of high voltage super-junction MOSFETs, employs a deep trench filling process that differentiates it from preceding multi-epi based technologies. By utilizing this advanced technology and precise process control, SupreMOS provides world class Rsp, superior switching performance and ruggedness. This SupreMOS MOSFET fits the industry's AC-DC SMPS requirements for PFC, server/telecom power, FPD TV power, ATX power, and industrial power applications.
D
G GDS
TO-220 FCP Series
GD S
TO-220F FCPF Series
S
MOSFET Maximum Ratings TC = 25oC unless otherwise noted*
Symbol VDSS VGSS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Drain Current Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy MOSFET dv/dt Ruggedness Peak Diode Recovery dv/dt Power Dissipation - Derate above 25oC (TC = 25oC) (Note 3) 83.3 0.67 300 -Continuous (TC = 100oC) - Pulsed (Note 1) (Note 2) -Continuous (TC = 25oC) 9.0 5.7 27 135 3 0.83 100 20 29.8 0.24 -55 to +150 FCP9N60N FCPF9N60NT 600 30 9.0* 5.7* 27* Units V V A A mJ A mJ V/ns V/ns W W/oC
o o
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
C C
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol RJC RCS RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Case to Heat Sink (Typical) Thermal Resistance, Junction to Ambient FCP9N60N 1.5 0.5 62.5 FCPF9N60NT 4.2 0.5 62.5
o
Units C/W
(c)2009 Fairchild Semiconductor Corporation FCP9N60N / FCPF9N60NT Rev. A
1
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Package Marking and Ordering Information
Device Marking FCP9N60N FCPF9N60NT Device FCP9N60N FCPF9N60NT Package TO-220 TO-220F Reel Size Tape Width Quantity 50 50
Electrical Characteristics TC = 25oC unless otherwise noted
Symbol Parameter Test Conditions Min. Typ. Max. Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 1mA, VGS = 0V, TC = 25oC ID = 1mA, Referenced to 25oC VDS = 480V, VGS = 0V VGS = 30V, VDS = 0V VDS = 480V, VGS = 0V, TC = 125oC 600 0.72 10 100 100 V V/oC A nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 4.5A VDS = 40V, ID = 4.5A 2.0 0.33 7.5 4.0 0.385 V S
Dynamic Characteristics
Ciss Coss Crss Coss Cosseff. Qg(tot) Qgs Qgd ESR Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge Equivalent Series Resistance (G-S) VDS = 380V, ID = 4.5A, VGS = 10V Drain Open VDS = 100V, VGS = 0V f = 1MHz VDS = 380V, VGS = 0V, f = 1MHz VDS = 0V to 480V, VGS = 0V (Note 4)
930 35 2 20 106 22.0 4.1 7.1 2.9
1240 50 4 29 -
pF pF pF pF pF nC nC nC
-
Switching Characteristics
td(on) tr td(off) tf Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time VDD = 380V, ID = 4.5A RG = 4.7
(Note 4)
-
12.7 8.7 36.9 10.2
35.4 27.4 83.8 30.4
ns ns ns ns
Drain-Source Diode Characteristics
IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 4.5A VGS = 0V, ISD = 4.5A dIF/dt = 100A/s 213 2.2 9.0 27 1.2 A A V ns C
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. IAS = 3A, RG = 25, Starting TJ = 25C 3. ISD 9A, di/dt 200A/s, VDD = 380V, Starting TJ = 25C 4. Essentially Independent of Operating Temperature Typical Characteristics
FCP9N60N / FCPF9N60NT Rev. A
2
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
100
VGS = 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V 5.0 V
Figure 2. Transfer Characteristics
60
ID, Drain Current[A]
10
ID, Drain Current[A]
10
150 C
o
25 C -55 C
o
o
1
*Notes: 1. 250s Pulse Test
1
0.1 0.1
2. TC = 25 C
o
1 VDS, Drain-Source Voltage[V]
10
20
0.1
*Notes: 1. VDS = 20V 2. 250s Pulse Test
2
4 6 VGS, Gate-Source Voltage[V]
8
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
1.2
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
100
RDS(ON) [], Drain-Source On-Resistance
IS, Reverse Drain Current [A]
1.0
0.8
VGS = 10V
150 C
o
10
25 C
o
0.6
0.4
VGS = 20V
0.2
*Notes: TC = 25 C
o
*Notes: 1. VGS = 0V
0
5
10 15 ID, Drain Current [A]
20
25
1 0.4
2. 250s Pulse Test
0.6 0.8 1.0 1.2 VSD, Body Diode Forward Voltage [V]
1.4
Figure 5. Capacitance Characteristics
5000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
10
VGS, Gate-Source Voltage [V]
VDS = 120V VDS = 300V VDS = 480V
4000 Capacitances [pF]
Coss
8
3000
*Notes: 1. VGS = 0V 2. f = 1MHz
6
2000
Ciss
4
1000
Crss
2
*Notes: ID = 4.5A
0 0.1
1 10 100 VDS, Drain-Source Voltage [V]
600
0
0
5
10 15 20 Qg, Total Gate Charge [nC]
25
FCP9N60N / FCPF9N60NT Rev. A
3
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2 BVDSS, [Normalized] Drain-Source Breakdown Voltage
Figure 8. On-Resistance Variation vs. Temperature
3.0 RDS(on), [Normalized] Drain-Source On-Resistance 2.5 2.0 1.5 1.0 0.5 0.0 -100
*Notes: 1. VGS = 10V 2. ID = 4.5A
1.1
1.0
0.9
*Notes: 1. VGS = 0V 2. ID = 1mA
0.8 -100
-50 0 50 100 150 o TJ, Junction Temperature [ C]
200
-50 0 50 100 150 o TJ, Junction Temperature [ C]
200
Figure 9. Maximum Safe Operating Area _ FCP9N60N
50
10s
Figure 10. Maximum Safe Operating Area _ FCPF9N60NT
100
10s
ID, Drain Current [A]
10
10ms DC
ID, Drain Current [A]
100s 1ms
10
100s 1ms
1
Operation in This Area is Limited by R DS(on)
1
10ms
Operation in This Area is Limited by R DS(on)
DC
0.1
*Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.1
*Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.01
1
10 100 VDS, Drain-Source Voltage [V]
1000
0.01
1
10 100 VDS, Drain-Source Voltage [V]
1000
Figure 11. Maximum Drain Current vs. Case Temperature
10
8 ID, Drain Current [A]
6
4
2
0 25
50 75 100 125 o TC, Case Temperature [ C]
150
FCP9N60N / FCPF9N60NT Rev. A
4
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 12. Transient Thermal Response Curve _ FCP9N60N
2 1
Thermal Response [ZJC]
0.5 0.2 0.1
0.1
0.05 0.02 0.01 Single pulse
PDM t1 t2
o
*Notes: 1. ZJC(t) = 1.5 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
0.01 0.005 -5 10 10
-4 -3 -2
10 10 Rectangular Pulse Duration [sec]
10
-1
1
Figure 13. Transient Thermal Response Curve _ FCPF9N60NT
5
Thermal Response [ZJC]
0.5
1
0.2 0.1 0.05
PDM t1 t2
o
0.1
0.02 0.01 Single pulse
*Notes:
1. ZJC(t) = 3.6 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
-4
0.01 -5 10
10
10
-3
10 10 1 Rectangular Pulse Duration [sec]
-2
-1
10
10
2
10
3
FCP9N60N / FCPF9N60NT Rev. A
5
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FCP9N60N / FCPF9N60NT Rev. A
6
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as DUT
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * I S D c o n t r o lle d b y p u ls e p e r io d
V GS ( D r iv e r )
G a t e P u ls e W id th D = -------------------------G a te P u ls e P e r io d
10V
I F M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/ d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v / d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lt a g e D r o p
FCP9N60N / FCPF9N60NT Rev. A
7
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Mechanical Dimensions
TO-220
Dimensions in Millimeters
FCP9N60N / FCPF9N60NT Rev. A
8
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
Mechanical Dimensions
TO-220F
Dimensions in Millimeters
FCP9N60N / FCPF9N60NT Rev. A
9
www.fairchildsemi.com
FCP9N60N / FCPF9N60NT N-Channel MOSFET
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. FPSTM AccuPowerTM PowerTrench(R) The Power Franchise(R) F-PFSTM Auto-SPMTM PowerXSTM (R) FRFET(R) Build it NowTM Programmable Active DroopTM SM (R) Global Power Resource CorePLUSTM QFET TinyBoostTM Green FPSTM QSTM CorePOWERTM TinyBuckTM Green FPSTM e-SeriesTM Quiet SeriesTM CROSSVOLTTM TinyCalcTM GmaxTM RapidConfigureTM CTLTM TinyLogic(R) GTOTM Current Transfer LogicTM TINYOPTOTM IntelliMAXTM EcoSPARK(R) TM TinyPowerTM EfficentMaxTM Saving our world, 1mW /W /kW at a timeTM ISOPLANARTM TinyPWMTM EZSWITCHTM* SmartMaxTM MegaBuckTM TinyWireTM TM* SMART STARTTM MICROCOUPLERTM TriFault DetectTM SPM(R) MicroFETTM TRUECURRENTTM* STEALTHTM MicroPakTM (R) SuperFETTM MillerDriveTM Fairchild(R) SuperSOTTM-3 MotionMaxTM Fairchild Semiconductor(R) UHC(R) SuperSOTTM-6 Motion-SPMTM (R) FACT Quiet SeriesTM Ultra FRFETTM SuperSOTTM-8 OPTOLOGIC FACT(R) OPTOPLANAR(R) UniFETTM SupreMOSTM (R) (R) FAST VCXTM SyncFETTM FastvCoreTM VisualMaxTM Sync-LockTM FETBenchTM XSTM (R)* PDP SPMTM (R) FlashWriter * Power-SPMTM
tm
tm
tm
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.Fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I41
FCP9N60N / FCPF9N60NT Rev. A
10
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FCP9N60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X