Part Number Hot Search : 
DTC124E FQB2P25 LM311MX SLD303XT DS1252 DS1252 HT23C256 E001510
Product Description
Full Text Search
 

To Download FC1206ER-100-FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUSIBLE CHIP RESISTORS
RESISTORS CAPACITORS COILS DELAY LINES Term.W is RoHS compliant & 260C compatible
FC SERIES
L T t W
RoHS
Industry's broadest range of fusible chip resistors7 standard sizes from 0402 to 2512, widest resistance range- 1 to 10K standard Perform like conventional chip resistors under normal conditions but fuse when subject to overloads Standard tolerance: 5%,10% (1%,2% available) See MBW Series for additional SM fuse resistors (1/4W-3W)
Surface Mount Circuit Protection!
RCD Series FC resistors offer a low cost approach to circuit protection in case of overload or component failure. The resistor is designed to act as a conventional resistor under normal operating conditions, but will quickly open when subjected to suitable continuous overload. Standard fusing characteristics can be altered to customer requirements.
D IME N S ION S
OPTIONS
Option ER: Group A screening per Mil-PRF-55342 Customized fusing time and/or fusing power level
RCD T yp e F C 0402 F C 0603 F C 0805 F C 1206 F C 1210 F C 2010 F C 2512
1
Wattage Max. H old-Off R ating .10W .125W .15W .25W .50W .75W 1.0W Voltage 50V
1
R esistance R an g e 1 to 1K
2
L
.040 .004 [1.0.10]
W
T
t
.020 .002 [0.5 .05] .014 .004 [.35 .15] .010 .005 [.25 .12]
100V 1 150V 1 200V 1 250V 1 300V 1 400V 1
1 to 1.8K2 .063 .008 [1.6 .20] .031 .005 [0.8 .13] .018 .006 [.45 .15] .012 .008 [.30 .20] 1 to 3K2 .079 .008 [2.0 .20] .050 .006 [1.25 .15] .018 .006 [.45 .15] .014 .008 [.35 .20]
1 to 5.1K2 .126 .008 [3.2 .20] .063 .008 [1.6 .20] .020 .006 [.50 .15] .020 .010 [.51 .25] 1 to 6.2K2 .126 .008 [3.2 .20] .098 .008 [2.5 .20] .024 .008 [.61 .20] .020 .010 [.51 .25] 1 to 7.5K2 .197 .008 [5.0 .20] .100 .008 [2.6 .20] .024 .008 [.61 . 20] .020 .010 [.51 .25] 1 to 10K2 .248 .008 [6.3 .20] .124 .010 [3.2 .25] .024 .008 [.61 .20] .030 .018 [.75 .46]
2
Open circuit voltage (consult factory for increased voltage rating)
Extended resistance range available
TYPICAL PERFORMANCE CHARACTERISTICS
R E QU IR E ME N T S M i n. F us i ng P o w e r FC0402: FC0603: FC0805: FC1206: FC1210: FC2010: FC2512: Te m p e r a t ur e C o e f f i c i e nt R e s i s t a nc e t o S o l d e r i ng H e a t H i g h Te m p e r a t ur e E xp o s ur e L o w Te m p . O p e r a t i o n M o i s t ur e R e s i s t a nc e L o a d L i f e ( 1 0 0 0 ho ur s ) The r m a l S ho c k S o ld e ra b i li ty D i e l e c t r i c W i t hs t a nd i ng V o l t a g e O p e r a t i ng Te m p . R a ng e D e r a t i n g ( a b o ve 7 0 C ) C H AR AC T E R IS T IC S T E S T ME T H OD <3 0 s e c a t 2 .5 W <3 0 s e c a t 3 W <3 0 s e c a t 3 .2 5 W U nm o unt e d , 2 5 C , r e s i d ua l r e s i s t a nc e <3 0 s e c a t 5 W t o b e a m i ni m um o f 1 0 0 X t he o r i g i na l <3 0 s e c a t 7 .5 W va l u e . < 3 0 s e c a t 11 . 2 5 W <3 0 s e c a t 1 5 W 2 0 0 p p m/C (<5 =2 5 0 p p m) 2 5 C to +1 2 5 C 0 .2 5 % 2 6 0 5 C , 3 s e c o nd s 0 .5 % 1 0 0 ho ur s @ + 1 2 5 C 0 .5 % - 5 5 C , 1 ho ur 1 .5 % Mi l-P RF -5 5 3 4 2 5% R a t e d W p e r M i l - P R F - 5 5 3 4 2 4 . 8 . 11 . 1 0 .5 % - 5 5 C t o + 1 2 5 C , 0 . 5 h o u r s , 5 c yc l e s 9 5 % ( M i n. ) M IL - S t d - 2 0 2 , M e t ho d 2 0 8 2 5 0 V ( 1 0 0 V 0 4 0 2 & 0 6 0 3 ) 6 0 S e c o nd s , t e r m i na l t o c e r a m i c -5 5 C to +1 2 5 C d e ra te W & V b y 1 .1 8 %/C
CONSTRUCTION
Environmental Seal Fusible Resistive film Marking available (specify Opt. A) Alumina Substrate Inner Electrode Nickel Barrier Solder Plating
APPLICATION NOTES:
1) Fault level must be suitable to safely open the resistor. If insufficient the resistor may reach elevated temp. For this reason, the fusing load must be relatively large compared to rated W, 30-60x is common for most circuits, and should be at least equal to the minimum fusing power listed in Performance Chart. Fusing may still occur at W levels below these but not as consistently (fast-blow models available). 2) Don't exceed volt rating or 200x W rating, whichever is less. Customers should evaluate product for suitability under all possible overload scenarios. Customized fusing characteristics are available. Fusing times vary depending on the amount of "heat sinking" involved, i.e. PCB material, pad size, trace thickness, etc. 3) Customers should evaluate fusing in actual-use conditions. Exercise care when testing fuse resistors.
P/N DESIGNATION:
RCD Type
FC1206
-
102 -
J
TW
Option Codes: ER, A, etc. (leave blank if standard) Resis.Code 1%: 3 signif. figures & multiplier (1R00=1, 10R0=10, 1000=100, 1001=1K, 1002=10K) Resis.Code 2%-10%: 2 signif. figures & multiplier, (1R0=1, 100=10, 101=100, 102=1K, 103=10K) Tolerance Code: F= 1%, J= 5%, K=10% Packaging: B = Bulk, T = Tape & Reel Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable, in which case RCD will select based on lowest price and quickest delivery)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA021C Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
29


▲Up To Search▲   

 
Price & Availability of FC1206ER-100-FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X