Part Number Hot Search : 
D103E TDA4942 F220IO 70400 HV9801A 3362X201 3CD010 ML6673
Product Description
Full Text Search
 

To Download EPJ4025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual USB / Gigabit Filter Port Jacks
ELECTRONICS INC.
EPJ4025
* Space saving RJ-45/USB Connectors * * Thermo Plastic PBT UL94V-0 Rated Connector Housing * * Metal Shield : Nickel Plated Copper Alloy * * Pins : 0.018 Tin-Coated Copper Wire *
Electrical Parameters @ 25 C
OCL (H Min.) @ 100 KHz, 100m Vrms 8 mA DC Bias 350
1000 pF/2K V 1 2 3 6 75 11 LED 1 Yellow 12 J1 J2 4 5 75 J3 J4 7 8 75 J5 J6 9 10 75 J7 J8
Insertion Loss (dB Max.) 1-100 MHz -1 1-30 MHz -20
Return Loss (dB Min.) @ 60 MHz -18 @80 MHz -12
CMRR (dB Min.) 100 KHz100 MHz -30
CMD (dB Min.) 100 KHz100 MHz -30
Turns Ratio ( 5% )
Crosstalk (dB Min.) 1-100 MHz Xmit - Rcv
1CT:1CT
-30
* LEDs : Vf=2.1V Typ. @ 20 mA * Isolation : 1500 Vrms
* Operating Temperature : 0C to +70C *
Schematic
14 16 15
LED 2 Green Orange
Recommended PCB Footprint Component Side .570 .400
Package
Pin Assignment .433
16 15 14 13 12 11 654321 10 9 8 7
.370 .240 .170 .096 .140 .080 O=.035 24 Plcs .147 .242 .466 .565
LED 2
.673 Max. .752 .020
1.027 Max. LED 1 .245
C L .360 .257
.377 1.15 .498 .125
.040 Min. Marking : PCA EPJ4025 D.C. .125 .305 .096
O=.091 4 Plcs O =.062 4 Plcs .276 .320 .517 .635 .079
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSJ4025
Rev. 1
1/29/03
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPJ4025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X