|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Dual USB / Gigabit Filter Port Jacks ELECTRONICS INC. EPJ4024 * Space saving RJ-45/USB Connectors * * Thermo Plastic PBT UL94V-0 Rated Connector Housing * * Metal Shield : Nickel Plated Copper Alloy * * Pins : 0.018 Tin-Coated Copper Wire * Electrical Parameters @ 25 C OCL (H Min.) @ 100 KHz, 100m Vrms 8 mA DC Bias 350 1000 pF/2K V 1 2 3 6 75 11 LED 1 Green 12 J1 J2 4 5 75 J3 J4 7 8 75 J5 J6 9 10 75 J7 J8 Insertion Loss (dB Max.) 1-100 MHz -1 1-30 MHz -20 Return Loss (dB Min.) @ 60 MHz -18 @80 MHz -12 CMRR (dB Min.) 100 KHz100 MHz -30 CMD (dB Min.) 100 KHz100 MHz -30 Turns Ratio ( 5% ) Crosstalk (dB Min.) 1-100 MHz Xmit - Rcv 1CT:1CT -30 * LEDs : Vf=2.1V Typ. @ 20 mA * Isolation : 1500 Vrms * Operating Temperature : 0C to +70C * Schematic 14 16 15 LED 2 Green Amber Recommended PCB Footprint Component Side .570 .400 Package Pin Assignment .433 16 15 14 13 12 11 654321 10 9 8 7 .370 .240 .170 .096 .140 .080 O=.035 24 Plcs .147 .242 .466 .565 LED 2 .673 Max. .752 .020 1.027 Max. LED 1 .245 C L .360 .257 .377 1.15 .498 .125 .040 Min. Marking : PCA EPJ4024 D.C. .125 .305 .096 O=.091 4 Plcs O =.062 4 Plcs .276 .320 .517 .635 .079 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 CSJ4024 Rev. 1 1/29/03 Product performance is limited to specified parameters. Data is subject to change without prior notice. TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPJ4024 |