Part Number Hot Search : 
GS301 B1340 UNR111T LM335A HE901U0 GS301 H8481 0ETTS
Product Description
Full Text Search
 

To Download EPJ4021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual USB / Gigabit Filter Port Jacks
ELECTRONICS INC.
EPJ4021
* Space saving RJ-45/USB Connectors * * Thermo Plastic PBT UL94V-0 Rated Connector Housing * * Metal Shield : Nickel Plated Copper Alloy * * Pins : 0.018 Tin-Coated Copper Wire *
Electrical Parameters @ 25 C
OCL (H Min.) @ 100 KHz, 0.1 Vrms 8 mA DC Bias 350 1000 pF/2K V 1 2 3 6 1CT:1CT 11 LED 1 Yellow 12 75 J1 J2 4 5 1CT:1CT 15 LED 2 Green/Orange 16 75 J3 J6 7 8 1CT:1CT 75 J4 J5 9 10 1CT:1CT 75 J7 J8 -1 -1.1 -1.5 -18 -15 -12 -10 -30 -30 -60 -40 -35 * Operating Temperature : 0C to +70C * -40 -35 -30 Insertion Loss (dB Max.) 1-65 MHz 65-100 100-125 MHz MHz 1-40 MHz Return Loss (dB Min.) 60 MHz 80 MHz 100 MHz CMRR (dB Min.) 1-80 MHz 1 MHz CMDR (dB Min.) 30 MHz 50 MHz 100 MHz 1-40 MHz Crosstalk (dB Min.) 60 MHz 100 MHz
* LEDs : Vf=2.1V Typ. @ 20 mA * Isolation : 1500 Vrms
Schematic
Recommended PCB Footprint Component Side .570 .400
Package
Pin Assignment
16 15 14 131211 654321 10 9 8 7
.370 .240 .080 .170 O=.038 6 Plcs .096 .140 .147 .242 .466 .565 O=0.035 18 Plcs.
LED 2
.735 Max. .830 .020
1.036 LED 1
C L .360 .257
J1 1.17
.040 min Marking : PCA EPJ4021 D.C.
O=.072 4 Plcs 0.160 O =.042 4 Plcs .276 .320 .079
.150 .318
.135 Max. .517 .635
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSJ4021
Rev. 1
1/29/03
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPJ4021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X