Part Number Hot Search : 
MAX8796G 1N5258B 2SA16 1N5258B 48N60 PM6615 1N5258B TL494N
Product Description
Full Text Search
 

To Download EPC3196G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Inductor
ELECTRONICS INC.
EPC3196G-XX
* Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications and as a Coupled Inductor * Low cost Robust construction to withstand most SMT processes * Uses MPP Cores
Primary Specification
Part Number
Connection
EPC3196G-1 EPC3196G-2 EPC3196G-3 EPC3196G-4 EPC3196G-5 EPC3196G-6 EPC3196G-7
Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel
Inductance (H 15%) @ 0 Adc 3.2 .800 7.2 1.80 9.8 2.45 12.8 3.20 20.0 5.0 45.0 11.25 64.8 16.20
Inductance (H Min.) @ Idc 1 2.08 0.52 4.64 1.16 6.32 1.58 8.24 2.06 12.88 3.22 29.0 7.25 41.72 10.43
DCR ( Max.) .020 .005 .036 .009 .044 .011 .060 .015 .092 .023 .220 .055 .324 .081
I dc 1 (Amps) 3.53 7.05 2.35 4.70 2.02 4.03 1.76 3.52 1.41 2.82 0.94 1.88 0.79 1.57
I dc 2 (Amps) 3.23 6.45 2.40 4.80 2.23 4.46 1.87 3.73 1.51 3.02 0.97 1.94 0.80 1.59
Package
.460 Max. (11.68) Top View Pin 1 I.D. Marking : PCA EPC3196G-1 D.C.
1 2 4 3
Schematic
1 2 4 3
.460 Max. (11.68)
.422 (10.72) .277 (7.04)
.250 Max. (6.35) Bottom View .350 (8.89) .350 (8.89) Recommended Layout Notes : 1. Temperature Rise : 40C Max. @ Idc 2 2. Inductance Change at Idc 1 : 30% Max.
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3196G-XXa Rev. 2 4/28/08 VU
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
Surface Mount Power Inductor
ELECTRONICS INC.
EPC3196G-XX
* Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications and as a Coupled Inductor * Low cost Robust construction to withstand most SMT processes * Uses MPP Cores
Primary Specification
Part Number EPC3196G-8 EPC3196G-9 EPC3196G-10 EPC3196G-11 EPC3196G-12 EPC3196G-13 EPC3196G-14
Connection Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel
Inductance (H 15%) @ 0 Adc 105.8 26.45 135.2 33.8 204.8 51.2 405.0 101.25 605.0 151.25 1008.2 252.05 1312.2 328.05
Inductance (H Min.) @ Idc 1 68.0 17.0 87.2 21.8 132.0 33.0 389.6 97.4 260.8 65.2 648.0 162.0 844.0 211.0
DCR ( Max.) .524 .131 .728 .182 1.12 .280 2.056 .514 3.10 .775 5.116 1.279 7.348 1.837
I dc 1 (Amps) 0.62 1.23 0.54 1.08 0.44 0.88 0.26 0.51 0.32 0.63 0.26 0.51 0.18 0.35
I dc 2 (Amps) 0.63 1.26 0.53 1.05 0.42 0.84 0.32 0.64 0.26 0.52 0.20 0.40 0.17 0.33
Package
.460 Max. (11.68) 4 Pin 1 I.D. Marking : PCA EPC3196G-1 D.C. 1 2 3 .460 Max. (11.68) .422 (10.72) .277 (7.04) 1 2
Schematic
4 3
Top View
.250 Max. (6.35) Bottom View .350 (8.89) .350 (8.89) Recommended Layout Notes : 1. Temperature Rise : 40C Max. @ Idc 2 2. Inductance Change at Idc 1 : 30% Max.
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3196G-XXb Rev. 2 4/28/08 VU
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3196G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X