Part Number Hot Search : 
FM260 0100S ANTX1N66 2SC5968 7282AP 74HC533 RB202 LPS122
Product Description
Full Text Search
 

To Download EPC3169-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3169-X
* Used in SMPS Flyback Topology * Designed for use with National Semiconductor Chip LM2587/88 * UL94V-0 Recognized Components * UL1446 Class B Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number Chipset Xfmr Code V in Pin 1-2 EPC3169-3 EPC3169-4 T3 LM2587/88 18-36 T4 LM2587/88 18-36 * Isolation : 750 Vrms * Voltage (Vdc) V out 1 V out 2 V out 3 Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms Current (Amp. Max.) Sec. 1 Sec. 2 Sec. 3 A B Turns Ratio Schematic
-12 1.0 1:.8:.8 N 85 1.012 N 12 2.5 1:.35:.8:.8 0.5 85 0.5 5 -12 200 KHz Switching Frequency : "N" means Not Required/No Connections *
Schematic A
10 Vout 1 1 Vin 2 9 7 Vout 2 6 Vin 2 1
Schematic B
10 Vout 1 9 7 Vout 2 6 4 Vout 3 5
Package
1.040 Max. (26.30) Pin # 1
PCA EPC3169-X Date Code
.831 Max. (21.10) .823 Max. (20.90)
.159 Min. (4.05) 1
.150 (3.80) 5
.012 (.300)
.026 (.650) .641 (15.60)
.110 Min. (2.80)
10 .201 (5.10) 7 Plcs
6
.803 (20.40)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3169-X Rev. 1 2/25/04 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3169-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X