Part Number Hot Search : 
2SA1309 00158 93C64 CY7C1325 SBX2020 UF308G ALVCB G8084032
Product Description
Full Text Search
 

To Download EPC3074G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transformer
ELECTRONICS INC.
EPC3074G & EPC3074G-LF
* Add "-LF" after part number for Lead-Free * UL 1446 Class B Insulation System * UL 94V-0 Recognized Material * High Frequency Transformer * Low Core Loss Material * 2250 Vac Isolation
Primary Specification @ 25C
Inductance (H 10%) @ 100 KHz, 0.1 Vrms 16 Pins 1,2 - 12,11
DCR ( Max.)
Turns Ratio 2%
.015 Pins 1,2 - 12, 11
.112 Pins 3-10
1.10 Pins 4-9
.820 Pins 6-7
1 : 1 : 1.5 : 4.40 : 3 Pins 1-12 : 2-11 : 3-10 : 4-9 : 6-7
Package
.886 Max. (22.50) .675 Max. (17.15) .100 (2.54) 1 .035 (0.90) .780 (19.80)
Suggested Pad Layout
Schematic
12 2 .494 (12.55) 11 3
4 9 6 7
Marking : PCA EPC3074G(-LF) Date Code
.340 Max. (8.64) 1 1 1 9 8 7 .610 (15.50) 1 2 3 4 5 6
.088 (2.24)
10
Notes : 1. Lead Finish 2. Peak Solder Rating 3. Moisture Sensitive Levels (MSL) 4. Weight 5. Packaging Information (Tube)
EPC3074G SnPb 225C 1 (Unlimited, 30C/60%RH) 4.6 grams TBD pcs / tube
EPC3074G-LF Hot Tin Dip (Sn) 245C 1 (Unlimited, 30C/60%RH) 4.6 grams TBD pcs / tube
Leadframe : Matte Tin with Ni Flash Barrier
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3074G & -LF Rev. 6 7/10/06 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3074G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X