|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E-Series Surface Mount Mixer -- 2 - 500 MHz ELCM-1MH ELCM-1MH E-Series Surface Mount Mixer 2 - 500 MHz Features * * * * LO Power +13 dBm Up to +9 dBm RF Surface Mount Low Profile SM-89 Package Note: Non Hermetic Package Description M/A-COM's ELCM-1MH is a Low Cost,Broadband,high Performance Double Balanced Mixer designed for use in high volume wireless applications. The device has been optimised by careful selection of the Schottky Diode and Balun Transformer for excellent performance. ELCM-1MH is available in an SM-89 surface mount package and reflows using standard soldering reflow profiles. Electrical Specifications @ +25C, Z0 = 50 Ohms, LO = +7dBm Parameter Frequency Range RF 2 - 500 LO 2 - 500 IF DC - 500 Conversion Loss 2 - 250 250 - 500 Isolation (LO - RF) 2 - 20 20 - 250 250 - 500 Isolation (LO - IF) 2 - 20 20 - 250 250 - 500 Units MHz MHz MHz dB dB MHz MHz MHz MHz MHz MHz Minimum -- -- -- -- -- 45 30 25 40 25 25 Typical -- -- -- 5.5 6.0 55 44 30 55 35 29 Maximum -- -- -- 7.0 8.0 -- -- -- -- -- -- V1.00 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. S 1456 B * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make E-Series Surface Mount Mixer -- 2 - 500 MHz ELCM-1MH Absolute Maximum Ratings Parameter RF Power Peak IF Current Storage Temperature Operating Temperature Pin Temperature (10 Seconds) Absolute Maximum 50 mW 40 mA -55C to +100C -55C to +100C 260C Functional Configuration Function LO RF IF Ground Case Ground Unconnected Pin No. 1 4 5 2, 3, 6 -- -- Typical Performance @ +25C Conversion Loss -4.0 0.0 -10.0 L-R Isolation -5.0 -20.0 -6.0 dB dB -7.0 -8.0 -9.0 10 108 206 304 402 500 -30.0 -40.0 -50.0 -60.0 -70.0 1 101 201 300 400 500 Frequency (MHz) Frequency (MHz) L-I Isolation 0.0 -10.0 -20.0 -30.0 -40.0 -50.0 -60.0 -70.0 1 101 201 300 400 500 dB Frequency (MHz) NOTES: 1. See M/A Com Soldering Reflow Guidelines AN-002. 2. Part constructed using a High Melting Point Solder (95.5Pb/3.5Sn/1.5Ag). 3. Qualified for application and reliability per industry standards including Reflow Simulation, Temperature Cycle, High Temperature life and Temperature/Humidity. 4. This part has an Average Outgoing Quality Level of 4.5 Sigma. V1.00 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. S 1456 B * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make |
Price & Availability of ELCM-1MH |