Part Number Hot Search : 
UFT40150 VMTB60 01545 T8301 TD62781 P4SMA30 TD62781 21789F
Product Description
Full Text Search
 

To Download EKRG160ESS221MH09D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
KRG
@Low profile : F4B7mm to F18B25mm @Endurance : 105C 1000 hours @Solvent-proof type (see PRECAUTIONS AND GUIDELINES) @Pb-free design
downsized KMA downsized low profile KME
Low profile, 105C
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -55 to +105C 6.3 to 50Vdc P20% (M) (at 20C, 120Hz) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 0.28 0.24 0.20 0.16 0.14 0.12 tanE (Max.) When nominal capacitance exceeds 1000MF, add 0.03 to the value above for each 1000MF increase. (at 20C, 120Hz) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 3 2 2 2 5 4 Z(-25C)/Z(+20C) 6 4 3 3 8 10 Z(-40C)/Z(+20C) (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours at 105C. Rated voltage 6.3 to 16Vdc 25 to 50Vdc Capacitance change [P25% of the initial value [P20% of the initial value D.F. (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without voltage applied. Rated voltage 6.3 to 16Vdc 25 to 50Vdc Capacitance change [P25% of the initial value [P20% of the initial value D.F. (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : E
FP0.5 FP0.5 FP0.5
(F12.5 to F18)
FD'
Fd
Sleeve (PET)
or
L' Vent (F10 and larger)
15min.
4min.
(F4 to F10) Gas escape end seal
8 6.3 4 10 & 12.5 16 & 18 5 fD 7L 0.45 0.45 0.45 fd 0.5 0.5 0.6 0.6 0.8 ]9L 5.0 7.5 1.5 2.0 2.5 3.5 F fD' FD+0.5max. L' L+1.5max. (7L : L+1.0max.)
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E KRG AAA E AA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 0.1MF:R10,10MF:100,1000MF:102) Lead forming*taping code Terminal code Voltage code (ex. 6.3V:6R3,35V:350,50V:500) Series code Category
Please refer to "A guide to global code (radial lead type)"
(1/2)
CAT. No. E1001E
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low profile, 105C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 47 330 1000 4700 6800 10000 22 100 100 220 470 1000 2200 3300 4700 6800 10000 33 47 100 220 330 470 1000 2200 3300 4700 6800 10 22 33 47 47 100 330 470 1000 Case size fDbL(mm) 5B7 6.3B9 10B9 16B15 18B15 18B20 4B7 5B9 6.3B7 6.3B9 8B9 10B12.5 12.5B15 16B15 18B15 18B20 18B25 5B7 6.3B7 6.3B7 8B9 8B9 10B9 12.5B13 16B15 18B15 18B20 18B25 4B7 5B7 6.3B7 5B9 6.3B7 6.3B9 10B9 10B12.5 12.5B15 tane Rated ripple current (mArms/ 105c,120Hz) 50 175 365 1010 1190 1440 35 93 80 154 272 445 690 940 1120 1330 1700 53 68 97 205 251 290 515 830 1050 1260 1560 30 46 63 75 71 121 270 370 590 Part No. WV (Vdc) Cap (mF) Case size fDbL(mm) tane Rated ripple current (mArms/ 105c,120Hz) 970 1220 1470 36 57 67 64 155 235 340 415 720 1110 1.3 2.9 3.5 5.0 10 12 15 18 18 22 25 27 46 44 61 57 80 95 170 290 370 535 830 Part No.
6.3
10
16
25
0.28 0.28 0.28 0.37 0.43 0.55 0.24 0.24 0.24 0.24 0.24 0.24 0.27 0.30 0.33 0.39 0.51 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.23 0.26 0.29 0.35 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16
EKRG6R3ESS470ME07D EKRG6R3ESS331MF09D EKRG6R3ESS102MJ09S EKRG6R3ESS472ML15S EKRG6R3ESS682MM15S EKRG6R3ESS103MM20S EKRG100ESS220MD07D EKRG100ESS101ME09D EKRG100ESS101MF07D EKRG100ESS221MF09D EKRG100ESS471MH09D EKRG100ESS102MJC5S EKRG100ESS222MK15S EKRG100ESS332ML15S EKRG100ESS472MM15S EKRG100ESS682MM20S EKRG100ESS103MM25S EKRG160ESS330ME07D EKRG160ESS470MF07D EKRG160ESS101MF07D EKRG160ESS221MH09D EKRG160ESS331MH09D EKRG160ESS471MJ09S EKRG160ESS102MK13S EKRG160ESS222ML15S EKRG160ESS332MM15S EKRG160ESS472MM20S EKRG160ESS682MM25S EKRG250ESS100MD07D EKRG250ESS220ME07D EKRG250ESS330MF07D EKRG250ESS470ME09D EKRG250ESS470MF07D EKRG250ESS101MF09D EKRG250ESS331MJ09S EKRG250ESS471MJC5S EKRG250ESS102MK15S
25
35
50
2200 18B15 3300 18B20 4700 18B25 10 5B7 22 6.3B7 33 5B9 33 6.3B7 100 8B9 220 10B9 330 10B12.5 470 12.5B13 1000 16B15 2200 18B20 0.10 4B7 0.22 4B7 0.33 4B7 0.47 4B7 1.0 4B7 1.0 5B9 2.2 4B7 2.2 5B9 3.3 4B7 3.3 5B9 4.7 4B7 4.7 5B9 10 5B9 10 6.3B7 22 5B9 22 6.3B7 33 6.3B9 47 6.3B9 100 10B9 220 10B12.5 330 12.5B13 470 16B15 1000 18B20
0.19 0.22 0.25 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.17 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12
EKRG250ESS222MM15S EKRG250ESS332MM20S EKRG250ESS472MM25S EKRG350ESS100ME07D EKRG350ESS220MF07D EKRG350ESS330ME09D EKRG350ESS330MF07D EKRG350ESS101MH09D EKRG350ESS221MJ09S EKRG350ESS331MJC5S EKRG350ESS471MK13S EKRG350ESS102ML15S EKRG350ESS222MM20S EKRG500ESSR10MD07D EKRG500ESSR22MD07D EKRG500ESSR33MD07D EKRG500ESSR47MD07D EKRG500ESS1R0MD07D EKRG500ESS1R0ME09D EKRG500ESS2R2MD07D EKRG500ESS2R2ME09D EKRG500ESS3R3MD07D EKRG500ESS3R3ME09D EKRG500ESS4R7MD07D EKRG500ESS4R7ME09D EKRG500ESS100ME09D EKRG500ESS100MF07D EKRG500ESS220ME09D EKRG500ESS220MF07D EKRG500ESS330MF09D EKRG500ESS470MF09D EKRG500ESS101MJ09S EKRG500ESS221MJC5S EKRG500ESS331MK13S EKRG500ESS471ML15S EKRG500ESS102MM20S
SS : Lead forming / Taping code
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
Capacitance (mF) Frequency (Hz)
0.1 to 4.7 10 to 47 100 to 1,000 2,200 to
50 0.65 0.75 0.80 0.85
120 1.00 1.00 1.00 1.00
300 1.35 1.25 1.15 1.03
1k 1.75 1.50 1.30 1.05
10k 2.30 1.75 1.40 1.08
100k 2.50 1.80 1.50 1.08
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EKRG160ESS221MH09D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X