Part Number Hot Search : 
SK1020 TL062 STS9018 MTCVO25 MZO32FAD RFI4019H 78L08A 2SK3633
Product Description
Full Text Search
 

To Download EC3BB11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
E
R
I
E
S
7.5 WATT WIDE INPUT DC-DC CONVERTERS
Features
* * * * * 7.5W Isolated Output Remote ON/OFF Option Efficiency to 82% 2:1 Input Range Regulated Outputs
* Continuous Short Circuit Protection
GENERAL SPECIFICATIONS:
Efficiency......................................................................................................................................................................................................................See Table Isolation Voltage..................................................................................................................................................................................................1500 VDC min. Isolation Resistance.......................................................................................................................................................................................................109 ohms Switching Frequency..............................................................................................................................................................................................100KHz, min. Operating Temperature Range.......................................................................................................................................................................-25C to + 71C Case Temperature...................................................................................................................................................................................................100C max. Cooling........................................................................................................................................................................................................Free-Air Convection Storage Temperature Range..........................................................................................................................................................................-40C to + 100C EMI / RFI......................................................................................................................................................................Conductive EMI Meet EN55022 Class B Dimensions.......................................................................................................................................................................................................2 x 1 x 0.4 inches (50.8 x 25.4 x 10.2mm) Case Material...............................................................................................................................................................................Black Coated Copper With Non-Conductive Base Weight...................................................................................................................................................................................................................................32.5g
* Meets EN55022 Class B, Conducted * Pi Input Filter
MODEL NUMBER EC3BB01 EC3BB02 EC3BB03 EC3BB04 EC3BB05 EC3BB06 EC3BB07 EC3BB11 EC3BB12 EC3BB13 EC3BB14 EC3BB15 EC3BB16 EC3BB17 EC3BB21 EC3BB22 EC3BB23 EC3BB24 EC3BB25 EC3BB26 EC3BB27
INPUT VOLTAGE
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 1500 mA 625 mA 500 mA 310 mA 250 mA 750 mA 1500 mA 1500 mA 625 mA 500 mA 310 mA 250 mA 750 mA 1500 mA 1500 mA 625 mA 500 mA 310 mA 250 mA 750 mA 1500 mA
INPUT CURRENT NO LOAD FULL LOAD 7.5 mA 7.5 mA 7.5 mA 12 mA 12 mA 7.5 mA 7.5 mA 5 mA 5 mA 5 mA 7.5 mA 7.5 mA 7.5 mA 5 mA 2 mA 2 mA 2 mA 3 mA 3 mA 3 mA 3 mA 820 mA 780 mA 780 mA 775 mA 780 mA 820 mA 557 mA 400 mA 380 mA 380 mA 385 mA 385 mA 400 mA 271 mA 200 mA 192 mA 192 mA 192 mA 192 mA 200 mA 136 mA
% EFF. 76 80 80 80 80 76 74 78 82 82 81 81 78 76 78 81 81 81 81 78 76
CASE
NOTE:
1. 2. 3. 4. Measured From High Line to Low Line Measured From Full Load to 10% Load Measured From Full Load to 1/4 Load Suffix "T" to the Model Number with Remote ON/OFF
9-18 VDC
12 VDC 15 VDC 5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
B
CASE B
All Dimensions In Inches(mm) Tolerance .xx= .04, .xxx= .010
0.20 (5.1) 0.30 (7.6) 0.40 (10.2)
Remote On/Off Control
Logic Compatibility Ec-On
0.60 (15.2)
CMOS or Open Collector TTL >+5.5 VDC or Open Circuit <1.8 VDC 10mA Referenced to Input Minus
Ec-Off Shutdown Idle Current Control Common
18-36 VDC
12 VDC 15 VDC 5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
B
6 2 1
2.00(50.8)
BOTTOM VIEW
0.80 (20.3)
PIN CONNECTION
Pin Function +Input -Input +Output Common/NP -Output NP (Remote ON/OFF)
5
4
3 0.040 DIA (1.0)
1. 2. 3. 4. 5. 6.
36-72 VDC
12 VDC 15 VDC 5 VDC 3.3 VDC
B
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
0.40 (10.2) 1.00 (25.4)
0.40 (10.2)
0.22 min. (5.6)
0.40 (10.2)
*NP-NO PIN
33
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

All Dimensions In Inches (mm)
Anderungen vorbehalten / subject to change without notice
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
EC3BB
34
EC3BB
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range....................................................................................................................................................12V................................................9-18V 24V ............................................18-36V 48V ............................................36-72V Input Filter..........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy.................................................................................................................................................................................................... 2.0% max. Voltage Balance (Dual)........................................................................................................................................................................................... 1.0% max. Temperature Coefficient.......................................................................................................................................................................................... 0.05%/C Ripple and Noise, 20MHz BW...................................................................................................................3.3V / 5V........................................100mV p-p max. 12V / 15V...............................................1% p-p max. Short Circuit Protection............................................................................................................................................................................................Continuous Line Regulation, Single/Dual1........................................................................................................................................................................................... 0.5% Load Regulation, Single2................................................................................................................................................................................................... 0.5% Dual3................................................................................................................................................................................................. 1.0%


▲Up To Search▲   

 
Price & Availability of EC3BB11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X