Part Number Hot Search : 
AN5070 NJM555V 2SC35 KRA727E 2SC5006 L7603 AXX49S SA12CA
Product Description
Full Text Search
 

To Download EC2SA-48D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Input Voltage Range........................ 5V..............................................4.5-9V 12V..............................................9-18V 24V............................................18-36V 48V............................................36-75V Input Filter.....................................................................................Capacitive
Remote on/off control : Module On........................< 1.2VDC or Open Circuit Module Off.............................................5.5...15VDC Module Off (input idle current)...................1mA max.
S
E
R
I
E
S
2 WATT REGULATED DC-DC CONVERTERS
Features
OUTPUT SPECIFICATIONS:
Voltage Accuracy : .................................................................. 1.5% max. Voltage Balance(Dual) .................................................... 1.0% max. Cross regulation(Dual)1.....Asymmetrical load 25%/100%.......5.0% max. Transient Response: 25% Step Load Change Error Band .................................... 6% Vout nominal Recovery Time ................................................< 500us Ripple & Noise, 20MHz BW........................................ 75mV pk-pk, max. Temperature Coefficient........................................................... 0.03%/C Line Regulation2 .................................................................... 0.5% max. Load Regulation3.................Single......................................... 0.5% max. Dual....................................... 1.0% max. Output Short Circuit Protection ............................................... Continuous
NOTE:
1. For asymmetric loading, Both channels must be at 25% load or more. 2. Measured From High Line to Low Line 3. Measured From Full Load to 10% Load 4. Maximum case temperature under any operating condition should not exceed 100C.
* * * *
2W Isolated Output SIP-8 Package Efficiency to 83% 2:1 Input Range
INPUT VOLTAGE OUTPUT VOLTAGE 3.3VDC 5VDC 12VDC 4.5-9.0 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 9-18 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 18-36 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 36-75 VDC 15VDC 5VDC 12VDC 15VDC MIN. 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA
* * * *
Regulated Outputs Remote On/Off Control 1500VDC Isolation Continuous Short Circuit Protection
INPUT CURRENT NO LOAD FULL LOAD 458 mA 526 mA 507 mA 60 mA 503 mA 526 mA 498 mA 503 mA 186 mA 214 mA 206 mA 30 mA 204 mA 208 mA 202 mA 204 mA 90 mA 107 mA 103 mA 18 mA 102 mA 107 mA 102 mA 102 mA 46 mA 53 mA 51 mA 9 mA 50 mA 53 mA 50 mA 51 mA % EFF. 72 76 79 80 76 80 80 74 78 81 82 80 82 82 76 78 81 82 78 81 82 74 78 82 83 78 83 82 SIP-8 SIP-8 SIP-8 SIP-8 CASE
MODEL NUMBER EC2SA-05S33 EC2SA-05S05 EC2SA-05S12 EC2SA-05S15 EC2SA-05D05 EC2SA-05D12 EC2SA-05D15 EC2SA-12S33 EC2SA-12S05 EC2SA-12S12 EC2SA-12S15 EC2SA-12D05 EC2SA-12D12 EC2SA-12D15 EC2SA-24S33 EC2SA-24S05 EC2SA-24S12 EC2SA-24S15 EC2SA-24D05 EC2SA-24D12 EC2SA-24D15 EC2SA-48S33 EC2SA-48S05 EC2SA-48S12 EC2SA-48S15 EC2SA-48D05 EC2SA-48D12 EC2SA-48D15
OUTPUT CURRENT MAX. 500 mA 400 mA 167 mA 134 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 134 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 134 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 134 mA 200 mA 83 mA 67 mA
GENERAL SPECIFICATIONS:
Efficiency........................................................................................See Table Isolation Voltage ..............................................................1500VDC min. Isolation Resistance .............................................................10^9 ohm min. Switching Frequency ................................................................100KHz min. Operating Ambient Temperature.................................... -40C to +85C De-rating, Above 85C ....................... Linearly to Zero power at 100C Case Temperature4............................................................. 100C max. Cooling................................................................Natural Convection Storage Temperature ................................................... -55C to +125C Dimensions ........................0.86x0.36x0.44 inches(21.80x9.20x11.10 mm) Case Material ...................................... Non-Conductive Black Plastic Weight........................................................................................4.8g
PIN CONNECTION
Pin Single Output Dual Outputs
1 2 3 5 6 7 8
-V Input +V Input CTRL NC +V Output -V Output NC
-V Input +V Input CTRL NC +V Output Common -V Output
CASE A
All Dimensions In Inches(mm) Tolerance Inches: .xx= .02, .xxx= .002 Millimeters: .x= .5, .xx= .05
0.86 (21.8)
0.02 (0.5)
0.10 (2.5) 0.70 (17.8) 0.01 (0.3)
1
2
3
5
6
7
8
0.08 (2.0) 0.02 (0.5)
NOTE: 1. Nominal Input Voltage 5, 12, 24 or 48 VDC
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
0.14 (3.5)
Bottom View
0.36 (9.1)
0.44 (11.2)
0.16 (4.1)
EC2SA
EC2SA
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
NEW
Specifications
INPUT SPECIFICATIONS:
EC2SA Series Derating Curve


▲Up To Search▲   

 
Price & Availability of EC2SA-48D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X