![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S E R I E S Features * * * * High Performance 60% Efficiency Pi Input Filter Regulated Outputs * Low Ripple and Noise * 500 VDC Isolation GENERAL SPECIFICATIONS: Efficiency.................................................................................................................................................................................................................................60% Isolation Voltage....................................................................................................................................................................................................500 VDC min. Isolation Capacitance.........................................................................................................................................................................................................80pF Isolation Resistance.........................................................................................................................................................................................................109ohms Switching Frequency.................................................................................................................................................................................................20KHz, min. Operating Temperature Range........................................................................................................................................................................-25C to + 71C Case Temperature (Plastic case)............................................................................................................................................................................95C max. (Copper case).....................................................................................................................................................................100C max. Cooling.........................................................................................................................................................................................................Free-Air Convection Storage Temperature Range...........................................................................................................................................................................-40C to + 100C Dimensions.........................................................................................................................................................................................................2 x 2 x 0.4 inches (50.8 x 50.8 x 10.2mm) Weight.......................................................................................................................................................................................................................................51g MODEL NUMBER EC2C01 EC2C02 EC2C03 EC2C04 EC2C05 EC2C11 EC2C12 EC2C13 EC2C14 EC2C15 EC2C21 EC2C22 EC2C23 EC2C24 EC2C25 EC2C31 EC2C32 EC2C33 EC2C34 EC2C35 EC2C41 EC2C42 EC2C43 EC2C44 EC2C45 INPUT VOLTAGE OUTPUT VOLTAGE 5 VDC 12 VDC OUTPUT CURRENT 1000 mA 470 mA 400 mA 230 mA 190 mA 1000 mA 470 mA 400 mA 230 mA 190 mA 1000 mA 470 mA 400 mA 230 mA 190 mA 1000 mA 470 mA 400 mA 230 mA 190 mA 1000 mA 470 mA 400 mA 230 mA 190 mA INPUT CURRENT NO LOAD FULL LOAD 60 mA 70 mA 70 mA 130 mA 140 mA 40 mA 40 mA 40 mA 60 mA 60 mA 20 mA 20 mA 20 mA 35 mA 35 mA 20 mA 20 mA 20 mA 25 mA 25 mA 14 mA 14 mA 14 mA 20 mA 20 mA 1700 mA 1750 mA 1800 mA 1700 mA 1700 mA 690 mA 700 mA 750 mA 710 mA 710 mA 350 mA 340 mA 360 mA 360 mA 360 mA 290 mA 300 mA 310 mA 290 mA 290 mA 170 mA 170 mA 180 mA 170 mA 170 mA CASE ALT1 PIN OUT CASE MATERIAL: Standard Models........................................................................................................................................................................Non-Conductive Black Plastic Suffix "M" Models.............................................................................................................................................................................Black Coated Copper with Non-Conductive Base 5 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC C S CASE C All Dimensions In Inches(mm) Tolerance .xx= .04, .xxx= .010 STANDARD PIN CONFIGURATION ALTERNATE PIN CONFIGURATION SUFFIX "S" 2.00 (50.8) 1.70 (43.2) +IN 0.22 (5.6) min. 0.15 (3.8) 0.40 (10.2) max. 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC C S 2.00 (50.8) 0.50 (12.7) 0.300 (7.6) 0.040 DIA. (1.0) 0.40 (10.2) max. 2.00 (50.8) 0.15 (3.8) 24 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC C S +OUT 0.85 (21.6) +OUT NP* -OUT COM. BOTTOM VIEW 0.800 (20.3) 1.65 (41.9) 2.00 (50.8) BOTTOM VIEW COM/NP* 0.85 (21.6) 28 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC C S +IN -IN 0.60 (15.2) -IN -OUT 0.04 (1.0) DIA. 48 VDC 15 VDC 12 VDC 15 VDC C S 0.200 (5.1) 0.100 (2.5) 0.90 (22.9) 0.22 (5.6) INPUT VOLTAGE 5V 12V 24V 28V 48V 60% FL 4.4-6.5V 10.56-15.6V 21.12-31.2V 24.64-36.4V 42.24-62.4V 80% FL 4.5-6.0V 10.8-14.4V 21.6-28.8V 25.2-33.6V 43.2-57.6V 100% FL 4.65-5.5V 11.16-13.2V 22.32-26.4V 26.04-30.8V 44.64-52.8V NP* - NO PIN ON SINGLE OUTPUT MODLES NOTE: 1. Alternative pin-out version. To order, suffix a "S" to the standard model number. 57 ELECTRONIC COMPONENTS RSG RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de Anderungen vorbehalten / subject to change without notice All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted. EC2C 58 EC2C Specifications INPUT SPECIFICATIONS: Input Voltage Range...........................................................................................................................................................................................................10% Input Filter...........................................................................................................................................................................................................................Pi Type OUTPUT SPECIFICATIONS: Voltage Accuracy.....................................................................................................................................................................................................1.0% max. Voltage Balance, Dual Output................................................................................................................................................................................0.5% max. Temperature Coefficient Single Output................................................................................................................................................................................................... 0.02%/C Dual Output..................................................................................................................................................................................................... 0.01%/C Ripple and Noise, 20MHz BW Single Output...........................................................................................................................................................................................50mV p-p max. Dual Output.............................................................................................................................................................................................35mV p-p max. Short Circuit Protection...............................................................................................................................................................................................Short Term Line Regulation..................................................................................................................................................................................................................0.02% Load Regulation................................................................................................................................................................................................................0.05% 5 TO 6 WATT DC-DC CONVERTERS |
Price & Availability of EC2C01
![]() |