Part Number Hot Search : 
AD1679KD MB90860A CZ537 FR2ML PJP7N65 OPB741W ISL88041 FDMC8462
Product Description
Full Text Search
 

To Download E1418AA3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent E1418A 8/16-Channel D/A Converter
Data Sheet
Features
* 1-Slot, C-size, register based * 8/16 independent channels, flexible and configurable * Individual isolation per channel * 16-bit resolution D/A per channel * Programmable selectable voltage/current modes * Software controlled calibration
Description
The Agilent E1418A 8/16-Channel D/A Converter is a C-size, 1-slot, register-based VXI module. It consists of 8 or 16 fully independent, isolated or non-isolated, 16-bit D/As. Each channel can be set to voltage or current mode with local or remote sensing on voltage outputs. All outputs can be updated with registerlevel programming to allow fast backplane access. Each channel can be updated individually, or by using the internal data buffer, synchronized so that all channels change simultaneously. The channel output mode is set with jumpers in the terminal block for each channel or by register programming. Each D/A converter can be calibrated without removal through software commands and use of the terminal block CALBUS in conjunction with a 5.5-digit multimeter. The on/off terminal block has standard screw terminals for field wiring. Refer to the Agilent Technologies Website for instrument driver availability and downloading instructions, as well as for recent product updates, if applicable.
Fast Updates
All outputs can be updated with register-level programming to allow fast backplane access. Rates are limited by controller speed and analog settling time. Each channel can be updated individually, or by using the internal data buffer, synchronized so that all channels change at the same time. The channel output mode is set with jumpers in the terminal block for each channel or by register programming.
Product Specifications
DC Voltage
Amplitude: Resolution: Amplitude accuracy (dc): 16 V max. 16 bits (488 V steps) Monotonic to 2.0 mV (0.05% + 3.0 mV) (90 days)
DC Current
Range: Resolution: Accuracy: (% value + amps) (calibrated; temperature within 5 C of calibration temperature and same load as at calibration) 90-day: Output voltage: Compliance voltage: Max open circuit voltage: Output current: Compliance current: Short circuit current: Differential ripple and noise: 12 V <18 V >20 mA @ 0 to 12 V derated linearly to 5 mA @ 16 mV <40 mA <2 A rms (20 Hz - 250 kHz, into 250 load) (0.09% + 5.0 A) 0 to 20.00 mA 16 bit (610 nA steps) Monotonic to 25 A
In-place Calibration
Each D/A converter can be calibrated without removal through software commands and use of the terminal block CALBUS in conjunction with a 5.5-digit multimeter. In addition, a built-in self-test command provides a high level of confidence that the module is operating properly.
AC Output
Choice of Connectors
The easy-to-use on/off terminal block, a feature of QUIC, comes with standard screw terminals for field wiring. Optional crimp and insert or ribbon cable connectors are available. Each channel contains a programmable output disconnect relay to open or close the channel.
Sample rate: Modulation: Sweep: Amplitude accuracy (ac): Standard waveforms: Arbitrary waveform function:
1 kSa/s per channel No No Not specified No No
General Characteristics
Settling time: Isolation: Synchronization: 300 s (+ full scale to - full scale step, single channel, to rated accuracy) 42 Vdc/ac peak (channel-to-chassis or channel-to-channel) Software commands, external trigger inputs, or TTL backplane trigger lines provide a choice of synchronizing event. Each individual channel can be updated by software command or all channels can be updated at the same time based upon a software or hardware trigger.
2
General Specifications
VXI Characteristics
VXI device type: Data transfer bus: Size: Slots: Connectors: Shared memory: VXI busses: C-size compatibility: Register based A16 or A24, D16 C 1 P1/2 n/a n/a n/a
Ordering Information
Description
8/16-Channel D/A Converter Add 8 channels for total of 16, non-isolated*** Convert 8 channels to isolated*** Add 8 channels and convert all 16 to isolated*** Crimp/insert connectors**** Ribbon cable connectors 1-Channel Isolation Plug-on for E1418A* 8-Non-isolated-channel Expan. Kit for E1418A** 8-Isolated-channel Expan. Kit for E1418A** Service Manual
Product Number
E1418A E1418A 001*** E1418A 002*** E1418A 003*** E1418A A3E**** E1418A A3H E1523A* E1524A** E1525A** E1418A-OB3
Instrument Drivers
See the Agilent Technologies Website
http://www.agilent.com/find/inst_drivers
for driver availability and downloading. Command module firmware: Command module firmware rev: I-SCPI Win 3.1: I-SCPI Series 700: C-SCPI LynxOS: C-SCPI Series 700: Panel Drivers: VXIplug&play Win Framework: Downloadable A.08 Yes Yes Yes Yes No Yes
Notes: * You can add isolation to single channels with the E1523A. ** You can add an 8-channel expansion kit to existing 8-channel units with the E1524A and E1525A. *** Factory installed option. Must be ordered with the E1418A. Comes with standard screw terminals. **** Crimp-and-insert contacts are not included. See the Interconnect and Wiring section for information on ordering Crimp-and-Insert Contacts.
VXIplug&play Win 95/NT Yes Framework: VXIplug&play HP-UX Framework: No
Module Current
+5 V: +12 V: -12 V: +24 V: -24 V: -5.2 V: -2 V:
IPM 0.7 0.04 0 0.44 0.44 0 0
IDM 0.01 0.01 0 0.01 0.01 0 0
Cooling Slot
Watts/slot: P mm H2O: Air Flow liter/s: 25.4 0.10 2.0
3
Remove all doubt
www.agilent.com/find/emailupdates Get the latest information on the products and applications you select.
www.agilent.com
For more information on Agilent Technologies' products, applications or services, please contact your local Agilent office. The complete list is available at:
www.agilent.com/find/agilentdirect Quickly choose and use your test equipment solutions with confidence.
www.agilent.com/find/open Agilent Open simplifies the process of connecting and programming test systems to help engineers design, validate and manufacture electronic products. Agilent offers open connectivity for a broad range of system-ready instruments, open industry software, PC-standard I/O and global support, which are combined to more easily integrate test system development.
Our repair and calibration services will get your equipment back to you, performing like new, when promised. You will get full value out of your Agilent equipment throughout its lifetime. Your equipment will be serviced by Agilent-trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. You will always have the utmost confidence in your measurements. Agilent offers a wide range of additional expert test and measurement services for your equipment, including initial start-up assistance onsite education and training, as well as design, system integration, and project management. For more information on repair and calibration services, go to:
www.agilent.com/find/removealldoubt
www.agilent.com/find/contactus Americas Canada Latin America United States Asia Pacific Australia China Hong Kong India Japan Korea Malaysia Singapore Taiwan Thailand Europe & Middle East Austria Belgium Denmark Finland France Germany 0820 87 44 11 32 (0) 2 404 93 40 45 70 13 15 15 358 (0) 10 855 2100 0825 010 700*
*0.125 fixed network rates
(877) 894-4414 305 269 7500 (800) 829-4444
1 800 629 485 800 810 0189 800 938 693 1 800 112 929 0120 (421) 345 080 769 0800 1 800 888 848 1 800 375 8100 0800 047 866 1 800 226 008
www.lxistandard.org LXI is the LAN-based successor to GPIB, providing faster, more efficient connectivity. Agilent is a founding member of the LXI consortium.
01805 24 6333**
**0.14 /minute
Ireland 1890 924 204 Israel 972-3-9288-504/544 Italy 39 02 92 60 8484 Netherlands 31 (0) 20 547 2111 Spain 34 (91) 631 3300 Sweden 0200-88 22 55 Switzerland (French) 41 (21) 8113811(Opt 2) Switzerland (German) 0800 80 53 53 (Opt 1) United Kingdom 44 (0) 118 9276201 Other European Countries: www.agilent.com/find/contactus
Revised: October 24, 2007
Product specifications and descriptions in this document subject to change without notice. (c) Agilent Technologies, Inc. 2008 Printed in USA, January 8, 2008 5965-5534E


▲Up To Search▲   

 
Price & Availability of E1418AA3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X