Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download DSP30-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * Low Profile for Building Automation * 5V to 24V Outputs * Wide Range AC Input * -25 to +71C Operation * Convection Cooled * UL1310 Class 2 * Class II Double Insulation
Key Market Segments & Applications
DSP Series
7.5W to 100W Low Profile Din Rail Mount Power Supplies
DSP Features and Benefits
Features
* Low 56mm Profile * Wide Range AC * Full Power at 61C
Building Services Automation:
Alarms and Security, Access and Fire Safety Systems, Lighting and Environment Control Systems.
Benefits
* Fits into wall mounted cabinets * Global use with no input selector switches * No derating needed
Specifications
MODEL ITEMS AC Input Voltage range Input Frequency DC Input Voltage range Inrush Current (115 / 230VAC) Power Factor Output Voltage Accuracy Line Regulation Load Regulation Ripple and Noise (20MHz BW) Overcurrent Protection (Typ) Overvoltage Protection Hold Up Time (115VAC input) LED Indicators Operating Temperature Temperature Coefficient Storage Temperature Operating Humidity Cooling Withstand Voltage Isolation Resistance Safety Agency Approvals Immunity Conducted & Radiated EMI Weight (Typ) Size (WxHxD) Case material Warranty VAC Hz VDC A % % % mV V ms %/C g mm yrs DSP10 DSP30 DSP60 DSP100
90 - 264VAC, Class II double insulated (No ground connection required) 47 - 63Hz 120 - 370VDC 15 / 30A 25 / 50A 30 / 60A 30 / 60A Meets EN61000-3-2, EN61000-3-3 1% of Nominal 1% 1% 50mV(1) 110 - 160%, fold forward under short circuit (DSP100-24/C2 102-108%) 120 - 145% See Model Selector Green LED = On, Red LED = DC Output Low -25 to +71C (Derate linearly 2.5%/C from 55 to 71C) 0.02%/C -25 to +85C 20 - 95% RH (non condensing) Convection Input to Output 3kVAC for 1 min. >100M at 25C & 70%RH, Output to Ground 500VDC UL1310 Class 2(2), UL508 Listed, UL60950-1, EN60950-1, CE EN61000-4-2, -3, -4, -5, -6, -8 & -11 EN55022 class B EN55022 class A 60 200 250 320 18 x 91 x 55.6 53 x 91x 55.6 71 x 91 x 55.6 90 x 91 x 56.8 Plastic Two years
Note 1: For DSP100-24/C2 Ripple & Noise measured with Vin 115- 230 Vac Note 2: Excludes Models: DSP60-5, DSP60-12, DSP100-12, DSP100-15, DSP100-24
DSP Series
27
Model Selector
Model Voltage (V) 5 5 5 12 12 12 12 15 15 15 15 24 24 24 24 24 Voltage Adjust (V) None 5 - 5.5 5 - 5.5 None 12 - 14 12 - 14 12 - 14 None 13.5 - 16.5 13.5 - 16.5 13.5 - 16.5 None 24 - 28 24 - 28 20 -24.2 24 - 28 Current (A) 1.5 3.0 7.0 0.83 2.1 4.5 6.0 0.67 2.0 4.0 5.0 0.42 1.3 2.5 3.8 4.2 Power (W) 7.5 15.0 35.0 10.0 25.2 54.0 72.0 10.1 30.0 60.0 75.0 10.1 31.2 60.0 91.2 100.8 Efficiency (Typ %) 74 74 80 78 82 84 82 78 83 85 85 80 83 86 89 85 HoldUp Time 115VAC in (ms) 10 25 16 10 25 16 16 60 25 12 16 60 25 12 10 10
DSP10-5 DSP30-5 DSP60-5 DSP10-12 DSP30-12 DSP60-12 DSP100-12 DSP10-15 DSP30-15 DSP60-15 DSP100-15 DSP10-24 DSP30-24 DSP60-24 DSP100-24/C2 DSP100-24
LOCAL DISTRIBUTION
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
Outline Drawing DSP10 Series 4
mm [inch]
18. 00
12
14. 20
9. 75 43. 1
91. 00
LN 34
91. 00
28
DSP Series
32. 10
49. 00
55. 6
Outline Drawing DSP30 Series
mm [inch]
53. 00
1 4
14. 20
9. 75
43. 1
91. 00
L 5
N 6
91. 00
Outline Drawing DSP60 Series
mm [inch]
14.20 71.00
1 4
9.75 43.1
DC LO
91. 00
DC ON
32. 10
49. 00
91.00
5 6
Outline Drawing DSP100 Series
mm [inch]
14. 20
89. 9
1 4
9.7 5 43. 1
91. 00
91. 00
5 6
DSP Series
32. 10 49. 00 56. 8
32. 10
49. 00
55. 6
55. 6
29


▲Up To Search▲   

 
Price & Availability of DSP30-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X