Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download CY20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Leaded HC49 Crystal Frequency Range:
CYxx Model
ee Fr ad HS t Le o an R pli m Co
Quartz Crystal
Standard part numbers
Part number CY1AM CD1AM CY2AM CY2AP CY2BM CY3GM CY3DM CY3J CY3JM CY3JN CY3A CY3AP CY4F CY4E CY4D CY7A CY7AP CY5B CY6B CY6BP CY6C CY6CP CY6G CY7B CY7BP CY8G CY8GP CY8J CY8JP CY9B CY12A CY11B CY11BP CY12B CY12BP CY14A CY14AC CY14AP CY14B CY14BP CY15A CY16B CY16BP CY19A CY19B CY19BP CY20A CY20AP CY22A CY22AP CY22B CY22BP CY24A CY24AP CY25A CY27A CY30B CY36A CY48A CY100A Freq. (MHz) 1.000 1.843200 2.000 2.000 2.457600 3.000 3.579545 3.686400 3.686400 3.686400 4.000 4.000 4.096 4.194304 4.915200 5.000 5.000 5.068800 6.000 6.000 6.144 6.144 6.400 7.372800 7.372800 8.000 8.000 8.192 8.192 9.830400 10.000 11.059200 11.059200 12.000 12.000 14.318180 14.318180 14.318180 14.745600 14.745600 15.000 16.000 16.000 18.000 18.432 18.432 19.660800 19.660800 20.000 20.000 22.118400 22.118400 24.000 24.000 25.000 27.000 32.000 36.000 48.000 100.000 CL series 13pF series 20pF 32pF series 18pF series 18pF 20pF series 20pF 20pF 12pF series series 20pF series series 20pF 30pF 20pF 20pF series 20pF series 20pF series 20pF series series series 20pF series 20pF series 18pF 20pF series 20pF series series 20pF series series 20pF series 20pF series 20pF series 20pF series 20pF series series series series series series Max ESR 3000 700 500 500 320 175 175 175 175 175 100 100 100 75 75 50 50 50 40 40 40 40 40 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 40 40 40 40 40 40 40 90
Calibration Tolerance: (Option) Frequency Stability: (Option) Temperature Range: (Option) (Option) Storage: Shunt Capacitance: Drive Level: ESR: Aging:
0.150 (3.81) 0.183 (4.65) 0.019 (0.48)
1MHz to 40MHz (fund) 40MHz to 100MHz (3rd O/T) 100MHz to 150MHz (5th O/T) 150MHz to 180MHz (7th O/T) 50ppm (Standard p/n) 10ppm to 100ppm 100ppm (Standard p/n) 10ppm to 100ppm 0C to 70C (Standard p/n) -20C to 70C -40C to 85C -55C to 120C 7.0pF Max 100uW Typical see table 1 <3ppm 1st/yr Max
Resistance at series resonance
Freq. (MHz) 3.5 - 4.0 4.1 - 4.9 5.0 - 5.9 6.0 - 11.9 12.0 - 22.9 30.0 - 50.0 50.1 - 100.0 100.1 - 180.0 Max ESR 175 100 50 40 30 40 90 120
Options: Vinyl Sleeve, Spacer, Top Lead, Clipped Leads
0.400 (10.16)
CRYSTEK FREQ DC
0.530 (13.46) Max
0.425 (10.80)
0.192 0.005 (4.88 0.13) 0.500 (12.70) Min
Table 1 Dimensions inches (mm) All dimensions are Max unless otherwise specified.
3RD 3RD 3RD 3RD 3RD
Build Your Own P/N
Frequency Tolerance at 25C
1 2 3 4 5 6 7 10 ppm 15 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm A B C D E F G H I
CY X X X X X - Freq
Frequency Stability over Temp Range
**Custom Designs Available
Load Capacitance
(-20 to 70C) (-20 to 70C) (-20 to 70C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C) 1 2 3 4 5 6 7 8 Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF
Options
S Spacer T Top Lead (0.5 inch) V Vinyl Sleeve
10 ppm (0 to 70C) 15 ppm (0 to 70C) 20 ppm (0 to 70C) 25 ppm (0 to 70C) 30 ppm (0 to 70C) 50 ppm (0 to 70C) 100 ppm (0 to 70C) 15 ppm (-20 to 70C) 20 ppm (-20 to 70C)
J K L M N O P Q
30ppm 50 ppm 100 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm
Example:
CY4F51S-20.000 = 25ppm at 25C, 50ppm 0 to 70C, 20pF Load Cap, Fundamental, with Spacer, 20.000MHz 1 3 5 7
Mode
Fundamental 1-40 MHz 3rd Overtone 40-100 MHz 5th Overtone 100-150MHz 7th Overtone 150-180MHz
Specifications subject to change without notice.
TD-021008 Rev. D
38


▲Up To Search▲   

 
Price & Availability of CY20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X