Part Number Hot Search : 
K3702 ICROS 3216S SI6410DQ 3216S D212RPI C78N05 BZX84
Product Description
Full Text Search
 

To Download CSLR-U319HR4-A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-LL-U319HR4-A0 A
PRODUCT SPECIFICATION
Model NoCSLR-U319HR4-A0
Descriptions:
LED Type : Lighting LED Lamp LED Package : Round LED Lamp Emitting ColorRed Viewing Angle50 No Stopper
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-U319HR4-A0 Features 1. Low Power Consumption. 2. High Luminous Output 3. High Reliability and Solid Performance 4. Optimal Optical/Mechanical Design 5. Rohs Compliant
Spec. No. Rev.
PS-LL-U319HR4-A0 A
Device Selection Guide Chip
Part No.
Material
CSLR-U319HR4-A0
LED Lens Emitted Color Red Water Transparent
AlInGaP
Package Outline Dimensions -
Tolerance 0.25
0.01
Unit
inch mm
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-U319HR4-A0 Absolute Maximum Rating -
Spec. No. Rev.
PS-LL-U319HR4-A0 A
(Ta=25) Parameter
Power Dissipation Forward Current (DC) Peak Forward Current * Reverse Voltage Operating Temp. Storage Temp.
Symbol Pd IF IFP VR Topr Tstg Tsol
Rating 52 30 100 5 -30 ~ +80 -40 ~ +100
Unit mW mA mA V
Lead Soldering Temperature
Max. 260 for 5 sec Max. (3mm from the epoxy body)
* Pulse width 0.1 msec. duty 1/10
Electro-optical Characteristics
(Ta=25) Parameter
Forward Voltage Luminous Intensity
Dominant Wavelength
Symbol VF IV D 2 1/2 IR
Min. ----3000 -------------
Typ. 2.1 6200 625 50 -----
Max. 2.6 ------------50
Unit V mcd
Condition
IF=20mA nm deg A VR=5V
Viewing Angle Reverse Current
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-U319HR4-A0 Luminous Intensity Rank Limits ( IF = 20mA ) unitmcd
Part No. Code
CSLR-U319HR4-A0
Spec. No. Rev.
PS-LL-U319HR4-A0 A
S T U V W
min. 3000 3900 5100 6600 8600
max. 3900 5100 6600 8600 11200
Dominant Wavelength Rank Limits ( IF = 20mA ) unitnm
Part No. Code
CSLR-U319HR4-A0
R1 R2 R3
min. 620 625 630
max. 625 630 635
Forward Voltage Rank Limits ( IF = 20mA ) unitv
Part No. Code
CSLR-U319HR4-A0
B C D E F Notes: 1. 2. 3. 4. 5. 6. 7.
min. 1.6 1.8 2.0 2.2 2.4
max. 1.8 2.0 2.2 2.4 2.6
Tolerance of measurement of luminous intensity :15 Tolerance of measurement of Color Coordinates :0.01 Tolerance of measurement of forward voltage :0.05v All data are measured by CSC's test equipment. One delivery will include several color rank, VF rank and Iv ranks of the products. The quantity-ratio of the ranks is decided by CSC. Please confirm with CSC salesman,if your request different form standard specification.
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-U319HR4-A0 Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
Spec. No. Rev.
PS-LL-U319HR4-A0 A
Relative Intensity @ 20mA
1.0
1 Rltv Lmnst eaie uioiy
0.5
0.5
0
550
600
650
700
0
-90-60-30 0 -30-60 -90
Radiation Angle
Wavelength (nm)
Fig 5. Relative Intensity Vs. Wavelength
Fig 6. Relative Luminous Intensity vs.Radiation Angle
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-U319HR4-A0 Precautions For Use 1. Recommended Soldering conditions Wave Soldering
Spec. No. Rev.
PS-LL-U319HR4-A0 A
260(max.) 250 240 Preheat 105(max.)
Temperature(C)
0
Max. 60sec. Time(sec.)
5 sec.
2. Soldering Iron Basic SPEC. is 5sec. When 260. If temperature is higher, time should be shorter (+10 -1sec.). Power dissipation of iron should be smaller than 15W , and temperature should be controllable. Surface temperature of the device should be under 230. 3. Static Electricity a. Static electricity or surge voltage damages LEDs.. It is recommended that a wrist band or an anit-electrostatic glove be used when handling the LEDs. b. All devices, equipment and machinery must be properly grounded. It is recommended that mesures be taken against surge voltage to the equipment that mounts the LEDs.
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw
Page
5/5


▲Up To Search▲   

 
Price & Availability of CSLR-U319HR4-A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X