Part Number Hot Search : 
045N10N LGA679 SD1080T 14066BCP LHV4340 DB25S 6680M 70HF100R
Product Description
Full Text Search
 

To Download CC02-18NK-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
CC02
0.047 Max (1.19)
Ceramic Core Chip Inductors
Dimensions:
0.027 Max (.70) 0.009 (0.23) 0.026 Max (0.66)
Inches (mm)
0.007 Min (0.181)
0.026 (0.66) 0.018 0.14 (0.46) (0.36)
0.020 (0.51)
Features * 0402 size suitable for pick and place automation * Low Profile under .66mm * Ceramic core provide high self resonant frequency. * High Q values at high frequncies * Ceramic core also provides excellent thermal and batch consistency Electrical Inductance Range: 1nH to 100nH Tolerance: 10% over entrie range Most valued available tighter tolerances Test Frequency: At specified frequency with Test OSC @ 200mV Operating Temp: -40C ~ 125C Irms: Based on 15C temperature rise @ 25 Ambient. Resistance to Soldering Heat Test Method: Reflow Solder the devide onto PCB Peak Temp: 260C 5C for 10 sec. Solder Composition: Sn/Ag3.0/Cu0.5 Total test time: 6 minutes Test Equipment (L/Q): HP4291A / HP16193A (SRF): HP8753D / Agilent E4991 (RDC): Chen Hwa 502BC Irms: HP4284A + HP42841A / HP4285A + HP42841A Physical Packaging: 4000 pieces per 7 inch reel. Marking: None
Allied Part Number CC02-1N0K-RC CC02-1N9K-RC CC02-2N0K-RC CC02-2N2K-RC CC02-2N4K-RC CC02-2N7K-RC CC02-3N3K-RC CC02-3N6K-RC CC02-3N9K-RC CC02-4N3K-RC CC02-4N7K-RC CC02-5N1K-RC CC02-5N6K-RC CC02-6N2K-RC CC02-6N8K-RC CC02-7N5K-RC CC02-8N2K-RC CC02-8N7K-RC CC02-9N0K-RC CC02-9N1K-RC CC02-9N5K-RC CC02-10NK-RC CC02-11NK-RC CC02-12NK-RC CC02-13NK-RC CC02-15NK-RC CC02-16NK-RC CC02-18NK-RC CC02-19NK-RC CC02-20NK-RC CC02-22NK-RC CC02-23NK-RC CC02-24NK-RC CC02-27NK-RC CC02-30NK-RC CC02-33NK-RC CC02-36NK-RC CC02-39NK-RC CC02-40NK-RC CC02-43NK-RC CC02-47NK-RC CC02-51NK-RC CC02-56NK-RC CC02-68NK-RC CC02-82NK-RC CC02-R10K-RC
Inductance (nh) 1.0 1.9 2.0 2.2 2.4 2.7 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.0 9.1 9.5 10 11 12 13 15 16 18 19 20 22 23 24 27 30 33 36 39 40 43 47 51 56 68 82 100
Tolerance (%) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Q Min. 16 16 16 19 15 16 19 19 19 18 15 20 20 20 20 22 22 18 22 22 18 21 24 24 24 24 24 25 24 25 25 22 25 24 25 24 24 25 24 25 20 25 22 22 20 20
Test Freq. (MHz) 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
SRF Min. (MHz) 12700 11300 11100 10800 10500 10400 7000 6800 6000 6000 4770 4800 4800 4800 4800 4800 4400 4100 4160 4160 4000 3900 3680 3600 3450 3280 3100 3100 3040 3000 2800 2720 2700 2480 2350 2350 2320 2100 2240 2030 2100 1750 1760 1620 1260 1160
DCR Max. () 0.045 0.070 0.070 0.070 0.068 0.120 0.066 0.066 0.066 0.091 0.130 0.083 0.083 0.083 0.083 0.100 0.100 0.200 0.100 0.100 0.200 0.200 0.120 0.120 0.210 0.170 0.220 0.230 0.200 0.250 0.300 0.300 0.300 0.300 0.350 0.400 0.440 0.550 0.440 0.810 0.830 0.820 0.970 1.120 1.550 2.000
Rated Current (mA) 1360 1040 1040 960 790 640 840 840 840 700 640 800 760 760 680 680 680 480 680 680 480 480 640 640 440 560 560 420 480 420 400 400 400 400 400 400 320 200 320 100 150 100 100 100 50 30
Available in tighter tolerances. All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 10/10/08
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of CC02-18NK-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X