|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LED LIGHT BAR BL-AS1Z15x4 Electrical-optical characteristics: (Ta=25 Part No BL-AS1Z15S4-XX BL-AS1Z15D4-XX BL-AS1Z15UR4-XX BL-AS1Z15E4-XX BL-AS1Z15Y4-XX BL-AS1Z15G4-XX BL-AS1Z15UHR4-XX BL-AS1Z15UE4-XX BL-AS1Z15YO4-XX BL-AS1Z15UY4-XX BL-AS1Z15UG4-XX BL-AS1Z15PG4-XX BL-AS1Z15UB4-XX Emitted Color Hi Red Super Red Ultra Red Orange Yellow Green Ultra Red GaAlAs/GaAs,DDH GaAsP/GaP GaAsP/GaP GaP/GaP AlGaInP BL-AS1Z15UW4-XX APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM *4-XX: Ref Surface / Epoxy color 0 Number Ref Surface Color White Epoxy Color Water clear w e .b w w Ultra Orange Ultra Amber Ultra Yellow Ultra Green Ultra Pure Green Ultra Blue Ultra White 1 Black White diffused Features: 1 bar, 15.0*15.0*11.0mm, Squire LED light bar Ultra brightness available Low current operation. Excellent character appearance. Easy mounting on P.C. Boards or sockets. I.C. Compatible. ) (Test Condition: IF=20mA) Chip Material P (nm) 660 660 660 VF Unit:V Typ 1.85 Max 2.20 Iv TYP.(mcd) 6 GaAlAs/GaAs,SH GaAlAs/GaAs,DH 1.85 AlGaInP AlGaInP AlGaInP AlGaInP InGaN lu t 3 . x 635 585 570 645 630 619 590 574 525 470 / 1.85 2.10 2.10 2.20 m o c 2.20 11 2.20 20 6 6 6 2.50 2.50 2.50 2.10 2.50 2.50 2.50 2.50 2.50 4.50 4.20 4.20 20 11 11 11 11 16 22 35 2.10 2.10 2.10 2.20 3.80 2.70 2.70 InGaN InGaN 2 Gray Red Diffused 4 Green Yellow Diffused 5 Red Green Diffused Page 1 of 4 LED LIGHT BAR BL-AS1Z15x4 Absolute maximum ratings (Ta=25 ) Parameter Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG Lead Soldering Temperature TSOL S 25 60 5 150 D 25 60 5 150 UR 25 60 5 150 -40 to +80 -40 to +85 Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb) E 25 60 5 150 Y 25 60 5 150 G 30 65 5 150 Unit mA mW V mA Absolute maximum ratings (Ta=25 C) Parameter Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG TSOL UHR 30 75 5 UE 30 65 5 YO 30 65 5 UY 30 65 5 Lead Soldering Temperature Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb) w APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM Page 2 of 4 e .b w w 150 150 150 lu t 150 . x UG 30 75 5 150 PG m o c UB UW 30 110 5 30 120 5 30 120 5 150 100 100 Unit mA mW V mA -40 to +80 -40 to +85 LED LIGHT BAR BL-AS1Z15x4 Notes: All dimensions are in millimeters (inches) Tolerance is 0.25(0.01")unless otherwise noted. Specifications are subject to change without notice. APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM | | | Package & Circuit w . w w lu t e b . x m o c Page 3 of 4 LED LIGHT BAR BL-AS1Z15x4 1.0 0.5 0 350 Wavelength(nm) RELATIVE INTENSITY Vs WAVELENGTH( p ) (1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red (9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green 50 FORWARD CURRENT(mA) RELATIVE LUMINOUS INTENSITY 1 8 64 5 23 4.0 40 30 20 10 0 1.2 3.0 1.6 2.0 2.4 2.6 FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE w 0 10 FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT AMBIENT TEMPERATURE Ta( ) FORWARD CURRENT VS. AMBIENT TEMPERATURE 3 2 1 0.5 1 5 4 2 3 10 9 8 7 6 5 4 3 2 -20 -10 20 30 40 50 60 70 1 1 Ipeak MAX. IDC MAX. 300KHz 3KHz 10KHz 1KHz 100KHz F-REFRESH RATE 3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 Ipeak MAX. IDC MAX. 4 3 2 1 1 10 100 1000 tp-PULSE DURATION uS (5) 0.2 0.1 -30 AMBIENT TEMPERATURE Ta( ) 10 100 1000 10,000 tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K) NOTE:25 free air temperature unless otherwise specified APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM Page 4 of 4 (c) e .b w w 2.0 1.0 0 3.0 20 40 60 lu t 1 5 B 100 80 Typical electrical-optical characteristics curves: (A) (B) (C) (D) (2) (3) (8) (4) (1) (6) (5) (9) (10) 400 450 500 550 600 650 700 750 800 850 900 950 1000 . x 50 40 30 20 10 0 FORWARD CURRENT(mA) m o c 20 40 60 80 100 RELATIVE LUMINOUS INTENSITY 1 6 2,4,8,A 3 5 10,000 |
Price & Availability of BL-AS1Z15D4-4-00 |